Part Number Hot Search : 
NTE1248 TMXW341 4NM65N M54HC40 UPA1774G 1N5013A 14D102KJ 50N60
Product Description
Full Text Search
 

To Download USB-511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 USB-511
USB 1.1 Fiber Extender
USB Transmission over Two Fibers up to 500 Meters The USB-511 system extends USB 1.1 connections up to 500 meters (1650 ft.) over two strands of multimode fiber, providing support for up to four (4) USB devices.
System Design The USB-511 transmitter (XMT) and receiver (RCV) units come as a compact stand alone system.
Features * Supports USB 1.1 (low speed , full speed) devices up to 12 Mb/s. * USB-511 Receiver (RCV) is equipped with 4 USB ports. * Extends USB 1.1 connections up to 500 meters (1650 feet). * Provides support for both low-power and high-power USB devices. * Power adapters are available for 110V or 110-240V applications. * Fully compliant with USB 1.1 Specification, as certified by the USB Implementers Forum. * Number of devices can be increased using standard hubs.
865
Mode
MM
Wavelength Suffix
L0
Fiber Type 50/125 62.5/125
Range*
500 m
Conn Type
MT-RJ
*
* Chromatic dispersion and additional losses should be taken into account.
800-867-8426 * info@opticomm.com * www.opticomm.com * Contact Opticomm for custom requirements.
Opticomm reserves the right to change specifications without notice
Data (Ethernet/Serial/USB)
Product Specifications USB cable Data rate XMT connector (upstream) XMT connector (downstream) RCV connector (upstream) RCV connector (downstream) Power adapter capacity Power available to USB at RCV XMT dimensions XMT weight RCV dimensions RCV weight Power adapter capacity Total system shipping weight Temperature range 2 meters (6.6 ft) 12 Mbps 1 x USB Type B 1 x MT-RJ 1 x MT-RJ 4 x USB Type A 15 VDC @1 Amp (connected at XMT and RCV) 4 x 500mA 114mm x 106 mm x 38mm (4.5" x 4.2" x 1.5") 0.3 kg (0.6 lb) 114mm x 106 mm x 38mm (4.5" x 4.2" x 1.5") 0.3 kg (0.6 lb) 15 VDC @1A (connected at XMT and RCV) 1.1 kg (2.4 lb) 0oC to 40oC
OptivaTM Configurable Communication Platform Network Management SDI & HD-SDI Composite Video, Audio & Data RGB/VGA/DVI Audio/FSK/Intercom Data (Ethernet/Serial/USB) CATV/RF & L-Band Optical Switching, Routing & Redundancy Passive Multiplexing Solutions Enclosures, Racks & Frames Power Supplies & Accessories
Sample Configuration
MADE IN THE USA


▲Up To Search▲   

 
Price & Availability of USB-511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X