Part Number Hot Search : 
0803D SDA253FF 1E9CS MAX40 15N06V 2N2714 AN2528 M8S75TDJ
Product Description
Full Text Search
 

To Download TCBZV79B3V0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TAK CHEONG
SEM IC O N DU C TO R
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
SURFACE MOUNT LL34
Absolute Maximum Ratings
Parameter Power Dissipation Storage Temperature Range Operating Junction Temperature
TA = 25C unless otherwise noted Value 500 -65 to +175 +175 Units mW C C
Cathode Band Color : Blue DEVICE MARKING DIAGRAM
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 2.0 to 75 Volts LL-34 (Mini-MELF) Package Surface Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction All External Surfaces Are Corrosion Resistant And Terminals Are Readily Solderable RoHS Compliant Matte Tin (Sn) Terminal Finish Color band Indicates Negative Polarity
ELECTRICAL SYMBOL Cathode Anode
Electrical Characteristics
Device Type TCBZV79C 2V0 TCBZV79C 2V2 TCBZV79C 2V4 TCBZV79C 2V7 TCBZV79C 3V0 TCBZV79C 3V3 TCBZV79C 3V6 TCBZV79C 3V9 TCBZV79C 4V3 TCBZV79C 4V7 TCBZV79C 5V1 TCBZV79C 5V6 TCBZV79C 6V2 TCBZV79C 6V8 TCBZV79C 7V5 TCBZV79C 8V2 TCBZV79C 9V1 TCBZV79C 10 TCBZV79C 11 TCBZV79C 12 Number: DB-057 June 2008 / E VZ @ IZT (Volts) VZ VZ Min Max 1.88 2.12 2.08 2.33 2.28 2.56 2.51 2.89 2.8 3.2 3.1 3.5 3.4 3.8 3.7 4.1 4 4.6 4.4 5 4.8 5.4 5.2 6 5.8 6.6 6.4 7.2 7 7.9 7.7 8.7 8.5 9.6 9.4 10.6 10.4 11.6 11.4 12.7
TA = 25C unless otherwise noted IZT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 ZZT @ IZT () Max 100 100 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 IZK (mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ZZK @ IZK () Max 600 600 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 IR @ VR (A) Max 150 150 100 75 50 25 15 10 5 3 2 1 3 2 1 0.7 0.5 0.2 0.1 0.1 VR (Volts) 1 1 1 1 1 1 1 1 1 2 2 2 4 4 5 5 6 7 8 8
Page 1
TCBZV79C2V0 through TCBZV79C75 TCBZV79B2V0 through TCBZV79B75
(R)
TAK CHEONG
SEM IC O N DU C TO R
TA = 25C unless otherwise noted VZ @ IZT ZZT @ IZT IZT (Volts) Device Type () (mA) VZ VZ Max Min Max TCBZV79C 13 12.4 14.1 5 30 TCBZV79C 15 13.8 15.6 5 30 TCBZV79C 16 15.3 17.1 5 40 TCBZV79C 18 16.8 19.1 5 45 TCBZV79C 20 18.8 21.2 5 55 TCBZV79C 22 20.8 23.3 5 55 TCBZV79C 24 22.8 25.6 5 70 TCBZV79C 27 25.1 28.9 2 80 TCBZV79C 30 28 32 2 80 TCBZV79C 33 31 35 2 80 TCBZV79C 36 34 38 2 90 TCBZV79C 39 37 41 2 130 TCBZV79C 43 40 46 2 150 TCBZV79C 47 44 50 2 170 TCBZV79C 51 48 54 2 180 TCBZV79C 56 52 60 2 200 TCBZV79C 62 58 66 2.5 215 TCBZV79C 68 64 72 2.5 240 TCBZV79C 75 70 80 2.5 255 VF Forward Voltage = 1.5 V Maximum @ IF = 100 mA for all types VZ @ IZT (Volts) Min Max 2.35 2.45 2.65 2.75 2.94 3.06 3.23 3.37 3.53 3.67 3.82 3.98 4.21 4.39 4.61 4.79 5.00 5.20 5.49 5.71 6.08 6.32 6.66 6.94 7.33 7.63 8.04 8.36 8.92 9.28 9.80 10.20 10.78 11.22 11.76 12.24 12.74 13.26 14.70 15.30 15.68 16.32 17.64 18.36 19.60 20.40 21.56 22.44 23.52 24.48 26.46 27.54 29.40 30.60 32.34 33.66 35.28 36.72 IZT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 ZZT @ IZT () Max 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90
Electrical Characteristics
IZK (mA) 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
ZZK @ IZK () Max 170 200 200 225 225 250 250 300 300 325 350 350 375 375 400 425 1000 1000 1000
IR @ VR (A) Max 0.1 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05
VR (Volts) 8 10.5 11.2 12.6 14 15.4 16.8 18.9 21 23.1 25.2 27.3 30.1 32.9 35.7 39.2 43.4 47.6 52.5
Device Type TCBZV79B 2V4 TCBZV79B 2V7 TCBZV79B 3V0 TCBZV79B 3V3 TCBZV79B 3V6 TCBZV79B 3V9 TCBZV79B 4V3 TCBZV79B 4V7 TCBZV79B 5V1 TCBZV79B 5V6 TCBZV79B 6V2 TCBZV79B 6V8 TCBZV79B 7V5 TCBZV79B 8V2 TCBZV79B 9V1 TCBZV79B 10 TCBZV79B 11 TCBZV79B 12 TCBZV79B 13 TCBZV79B 15 TCBZV79B 16 TCBZV79B 18 TCBZV79B 20 TCBZV79B 22 TCBZV79B 24 TCBZV79B 27 TCBZV79B 30 TCBZV79B 33 TCBZV79B 36
IZK (mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5
ZZK @ IZK () Max 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 200 200 225 225 250 250 300 300 325 350
IR @ VR (A) Max 100 75 50 25 15 10 5 3 2 1 3 2 1 0.7 0.5 0.2 0.1 0.1 0.1 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05
VR (Volts) 1 1 1 1 1 1 1 2 2 2 4 4 5 5 6 7 8 8 8 10.5 11.2 12.6 14 15.4 16.8 18.9 21 23.1 25.2
Number: DB-057 June 2008 / E Page 2
(R)
TAK CHEONG
SEM IC O N DU C TO R
TA = 25C unless otherwise noted VZ @ IZT ZZT @ IZT IZT (Volts) Device Type () (mA) Max Min Max TCBZV79B 39 38.22 39.78 2 130 TCBZV79B 43 42.14 43.86 2 150 TCBZV79B 47 46.06 47.94 2 170 TCBZV79B 51 49.98 52.02 2 180 TCBZX79B 56 54.88 57.12 2 200 TCBZX79B 62 60.76 63.24 2.5 215 TCBZX79B 68 66.64 69.36 2.5 240 TCBZX79B 75 73.50 76.50 2.5 255 VF Forward Voltage = 1.5 V Maximum @ IF = 100 mA for all types Notes: 1. 2. 3.
Electrical Characteristics
IZK (mA) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
ZZK @ IZK () Max 350 375 375 400 425 430 447 470
IR @ VR (A) Max 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05
VR (Volts) 27.3 30.1 32.9 35.7 39.2 43.4 47.6 52.5
The type numbers listed have zener voltage min/max limits as shown. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage tolerances, contact your nearest Tak Cheong Electronics representative. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
Number: DB-057 June 2008 / E Page 3
(R)
TAK CHEONG
SEM IC O N DU C TO R Typical Characteristics
600
1000 Total Capacitance [pF] f = 1MHz Ta = 25 100
VR = 0V VR = 2V VR = 5V
PD-Power Passipation [mW]
500 400 300 200 100
VR = 20V
10
VR = 30V
0 0 40
1
Temperature [ ]
80
120
160
200
0
20 40 VZ - Reverse Voltage [V]
60
80
Figure 1. Power Dissipation vs Ambient Temperature
Valid provided leads at a distance of 0.8mm from case are kept at ambient temperature
Figure 2. Total Capacitance
Differential Zener Impedance []
1000
1000
Iz=1mA Iz=2mA
Ta = 25
Forward Current [mA] 100
Ta = 25
100
Iz=5mA Iz=10mA
10
10
1
1
0.1 1 10 VZ - Reverse Voltage [V] 100
0.1 0 0.2 0.4 0.6 0.8 VF - Forw ard Voltage [m V] 1 1.2
Figure 3. Differential Impedance vs. Zener Voltage
Figure 4. Forward Current vs. Forward Voltage
300 250 Reverse Current [mA] 200 150 100 50 0 0 2 4 6 VZ - Reverse Voltage [V] 8 10 PD = 500mW Ta = 25
100 PD = 500mW Ta = 25 Reverse Current [mA] 10
1
0.1
0.01 15 25 35 45 55 65 VZ - Reverse Voltage [V] 75
Figure 5. Reverse Current vs. Reverse Voltage
Figure 6. Reverse Current vs. Reverse Voltage
Number: DB-057 June 2008 / E Page 4
(R)
TAK CHEONG
SEM IC O N DU C TO R Package Outline
Package Case Outline
B LL-34 DIM LL34 A A B C C Min 3.302 1.397 0.350 Millimeters Max 3.505 1.499 0.500 Min 0.130 0.055 0.014 Inches Max 0.138 0.059 0.020
Notes: 1. 2. All dimensions are within DO213AC JEDEC standard. LL-34 polarity denoted by cathode band.
Number: DB-057 June 2008 / E Page 5


▲Up To Search▲   

 
Price & Availability of TCBZV79B3V0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X