Part Number Hot Search : 
55C4V BCM4211 BCR10 0UP20 331M1 LC3514A CHA20 FSD12C
Product Description
Full Text Search
 

To Download TC210HT-220L-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS
Toroidal Chokes High Temp
TC210HT
0.45 MAX (11.43) 0.86 MAX (21.84)
Dimensions:
Inches (mm)
Tin lead to coil
0.50 (12.70) C A B
Vertical Mount
Horizontal Mount
Allied Part Number
Inductance Tolerance (H) (%) @ 1KHZ
L(H) @ I rated
IDC (A)
DCR () MAX
DIM DIM DIM B C A (Nom) (Nom) (Nom)
Features * * * * * * High Temperature rating up to 200C Low Magnetic Radiation Low Core Loss High current capacity up to 21A Available in Horizontal or Vertical configuration Optional Tape Cover Electrical Inductance Range: 1.0h to 1000h Additional values available Tolerance: 15% over entire range Test Frequency: 1KHz Operating Temp: -55C ~ +200C Temp Rise: T=30C Typical at rated IDC
( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( ( (
)TC210HT-1R0L-RC )TC210HT-1R5L-RC )TC210HT-2R2L-RC )TC210HT-2R7L-RC )TC210HT-3R3L-RC )TC210HT-3R9L-RC )TC210HT-4R7L-RC )TC210HT-5R6L-RC )TC210HT-6R8L-RC )TC210HT-8R2L-RC )TC210HT-100L-RC )TC210HT-120L-RC )TC210HT-150L-RC )TC210HT-180L-RC )TC210HT-220L-RC )TC210HT-270L-RC )TC210HT-330L-RC )TC210HT-390L-RC )TC210HT-470L-RC )TC210HT-560L-RC )TC210HT-680L-RC )TC210HT-820L-RC )TC210HT-101L-RC )TC210HT-121L-RC )TC210HT-151L-RC )TC210HT-181L-RC )TC210HT-221L-RC )TC210HT-271L-RC )TC210HT-331L-RC )TC210HT-391L-RC )TC210HT-471L-RC )TC210HT-561L-RC )TC210HT-680L-RC )TC210HT-821L-RC )TC210HT-102L-RC
1.0 1.5 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15
0.8 1.2 1.8 2.1 2.6 3.0 3.5 4.1 4.9 5.9 7.6 9.0 11.0 13.0 16.6 20.1 24.0 28.0 33.1 38.5 46.0 54.0 64.5 84.4 102.8 120.7 144.2 172.6 206.0 266.7 314.4 366.9 435.1 512.0 608.2
21.7 19.8 18.3 17.1 16.1 15.3 14.9 14.3 13.7 13.2 9.9 9.6 9.1 8.6 6.7 6.4 6.1 5.9 5.6 5.3 5.1 4.8 4.6 3.5 3.3 3.1 3.0 2.8 2.7 2.1 2.0 1.9 1.8 1.7 1.6
.003 .003 .004 .004 .005 .005 .006 .006 .006 .007 .012 .013 .014 .016 .026 .028 .031 .033 .036 .040 .044 .049 .053 .094 .110 .120 .130 .140 .160 .270 .290 .320 .350 .390 .430
.34 .34 .34 .34 .34 .34 .34 .34 .34 .34 .33 .33 .33 .33 .32 .32 .35 .35 .35 .35 .35 .35 .35 .34 .34 .34 .35 .35 .35 .33 .35 .35 .35 .37 .37
.77 .77 .77 .77 .77 .77 .77 .77 .77 .77 .76 .76 .76 .76 .75 .75 .79 .79 .79 .79 .79 .79 .79 .77 .77 .77 .79 .79 .79 .76 .79 .79 .79 .81 .81
.053 .053 .053 .053 .053 .053 .053 .053 .053 .053 .042 .042 .042 .042 .034 .034 .034 .034 .034 .034 .034 .034 .034 .027 .027 .027 .027 .027 .027 .022 .022 .022 .022 .022 .022
Test Equipment (L): 100 LCR meter or equivalent DCR: Chen Hwa 502
Physical Packaging: Bulk Marking: None
Please specify Vertical or Horizontal Mount by placing a V or H at the beginning of the part number, i.e. VTC210HT-100L (Vertical Mount). All specifications subject to change without notice.
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
REVISED 8/10/09
www.alliedcomponents.com


▲Up To Search▲   

 
Price & Availability of TC210HT-220L-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X