Part Number Hot Search : 
CT100 C1100 SZ6A47 17270 05410 R4000 L6004D A3961SB
Product Description
Full Text Search
 

To Download SW6601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SW660(6V6.0AH)
Outer dimensions (mm)
70 47
101
SW (6 V6 66 0 .0 A H )
Specifications
Nominal Voltage Rated capacity (20 hour rate) Total Height Height Dimensions Length Width Weight Approx
6V 6.0 Ah 106 mm(4.17 inches) 101 mm(3.98 inches) 70 mm(2.76 inches) 47 mm(1.85 inches) 0.83 Kg(1.83lbs)
Terminal Type (mm)
106
3.2 6.35
Characteristics
20 hour rate(0.30A) 6.00 AH 10 hour rate(0.55A) 5.50 AH 5 hour rate(1.02A) 5.10 AH 25 (77 ) 1 hour rate(3.60A) 3.60 AH 1.5 hour discharge to 5.25 V 2.4 A Internal Resistance Full charged Battery at 25 (77 ) 15 m Capacity 40 (104 ) 102% affected 25 (77 ) 100% by Temperature 0 (32 ) 85% (20hour rate) -15 (5 ) 65% Capacity Self-Discharge at 25 (77 ) Terminal Charge (constant Voltage) Capacity after 3 month storage Capacity after 6 month storage Capacity after 12 month storage 91% 82% 64%
Discharge Curves 25 (77 )
6.90 6.60 6.30 6.00 5.70 5.40 5.10 4.80 4.50 4.20 3.90 01 2
0.8
4.75
2.4A 6.0A 18A 19.8A 12A
1.2A 0.6A 0.3A
4 6 8 10 20 4060 2
4 6 8 10 20 40
T1 Initial Charging Current less than 2.40A Cycle Voltage 7.20-7.35 V Voltage 6.75-6.90 V Float
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
Time
4.80V 5.10V 5.25V 5.40V 5.55V A W A W A W A W A W
)
10h 20h
5min
10min
15min
30min
1h
2h
3h
4h
5h
8h
R


▲Up To Search▲   

 
Price & Availability of SW6601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X