Part Number Hot Search : 
PC200 GLLM317 GLLM317 HC541 CDG00 101BE CS43L43 HT27C512
Product Description
Full Text Search
 

To Download ST2SC2310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST 2SC2310
NPN Silicon Epitaxial Planar Transistor low frequency ,low noise amplifier . The transistor is subdivided into two groups B and C according to its DC current gain. On special request, these transistors can be manufactured in different pin configurations.
TO-92 Plastic Package Weight approx. 0.19g
Absolute Maximum Ratings (Ta=25 OC) Symbol Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Emitter Current Power Dissipation Junction Temperature Storage Temperature Range VCBO VCEO VEBO IC -IE Ptot Tj TS Value 55 50 5 100 100 200 150 -55 to +150 Unit V V V mA mA mW
O O
C C
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002
ST 2SC2310
Characteristics at Tamb=25 OC Symbol DC Current Gain at VCE=12V, IC=2mA Current Gain Group B C Collector Cutoff Current at VCB=18V Emitter Cutoff Current at VEB=2V Collector Emitter Saturation Voltage at IC=10mA, IB=1mA Transition Frequency at VCE=12V, IC=2mA Base Emitter Voltage at IC=2mA, VCE=12V Collector Output Capacitance at VCB=10V, f=1MHz Collector Base Breakdown Voltage at IC=10A Collector Emitter Breakdown Voltage at IC=1mA Emitter Base Breakdown Voltage at IC=10A Noise Figure at VCE=6V, IC=0.1mA, f=120Hz, Rg=500 Small Signal Input Impedance at VCE=5V, IC=0.1mA,f=270Hz Small Signal Feedback Ratio at VCE=5V, IC=0.1mA,f=270Hz Small Signal Current Transfer Ratio at VCE=5V, IC=0.1mA,f=270Hz Small Signal Output Admittance at VCE=5V, IC=0.1mA,f=270Hz hoe 11 S hfe 130 hre 70 X10
-6
Min.
Typ.
Max.
Unit
hFE hFE
100 160
-
200 320
-
ICBO
-
-
0.5
A
IEBO
-
-
0.5
A
VCE(sat)
-
-
0.2
V
fT
-
230
-
MHz
VBE
-
0.67
0.75
V
Cob
-
1.8
3.5
pF
VCBO
55
-
-
V
VCEO
50
-
-
V
VEBO
5
-
-
V
NF hie
-
3 16.5
5 -
dB k
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002
ST 2SC2310
Collector Power Dissipation Pc (mW)
Maximum Collector Dissipation Curve 300
Collector Current Ic (mA)
Typical Output Characteristics
Pc
10 8 6
60
=2 00 W m
50
200
40 30 4 2 20 10 A I B=0 0 5 10 15 20 25 Collector to Emitter Voltage VCE (V) DC Current Transfer Ratio vs. Collector Current 300 VCE=12V
Ta=7
o 5C
100
0
50
100
150
Ambient Temperature Ta(o C)
Typical Transfer Characteristics 5
Collector Current Ic (mA) DC Current Transfer Ratio h FE
4 3 2 1
VCE=12V
200
25
100
0
0.2
0.4
0.6
0.8
1.0
0 0.03
0.1
0.3
1.0
3
10
30
Base to Emitter Voltage VBE (V)
Collector Current Ic (mA)
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002
ST 2SC2310
Small Signal Current Transfer Ratio hfe
Base to Emitter Voltage VBE (V)
Small Signal Current Transfer Ratio vs. Collector Current 300 f=270 Hz VCE=12V 200
Base to Emitter Voltage vs. Ambient Temperature 0.9 0.8 0.7 0.6 0.5 0.4 -20 0 20 40 60 80 Ambient Temperature Ta(o C) Emitter Input Capacitance vs. Emitter to Base Voltage 5 4 3 2 1 I C=0 f=1MHz VCE=12V I C=2mA
100
0 0.03 0.1 0.3 1.0 3 10 30
Collector Current Ic (mA)
Emitter Input Capacitance Cib (pF)
Collector Output Capacitance Cob (pF)
Collector Output Capacitance vs. Collector to Base Voltage 5 4 3 2 1 I E=0 f=1MHz
0
4
8
12
16
20
0
2
4
6
8
10
Collector to Base Voltage VCB (V)
Emitter to Base Voltage VEB (V)
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002


▲Up To Search▲   

 
Price & Availability of ST2SC2310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X