Part Number Hot Search : 
UCY74 RZ47A SBYG10JG M54610P KS8001S FSL13A0R 2N3906 1N6297A
Product Description
Full Text Search
 

To Download SKHJACA010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TACT SwitchTM
8mm Square LED Built-in (Snap-in Type)
SKHJ Series
LED built-in type with a good reputation for wider color varieties.
Detector Push Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts
Product Line
Without LED Type Product No. SKHJAAA010 SKHJABA010 SKHJACA010 With LED Type Product No. SKHJFAA010 SKHJFBA010 SKHJFCA010 SKHJFGA010 SKHJFHA010 SKHJFDA010 SKHJFEA010 SKHJFFA010 SKHJGRA010 SKHJGSA010 SKHJGEA010 SKHJGFA010 SKHJGGA010
2.55N 200,000 cycles 1.57N Vertical 50mA 10BA 0.25 12V DC 1V DC 100m 500,000 cycles max. Gray 0.98N 1,000,000 cycles Black
Operating Operating Travel Rating direction force mm max.
0.98N 1.57N 2.55N Vertical 0.25
Rating min.
Operating life 5mA 5V DC
1,000,000cycles
Initial contact resistance
Frame color
Black
Minimum order Drawing No. unit pcs.
50mA 10BA 500,000cycles 12V DC 1V DC 200,000cycles
100m
max.
Gray Brown
1,000
1
Operating Operating Travel Rating direction force mm max.
Rating Operating life Initial contact Frame min. 5mA 5V DC resistance color
LED color
Red Pure green Amber Orange
High brightness
Minimum order Drawing No. unit pcs.
Sharp Feeling Soft Feeling Snap-in Type
1,000 2
Green
High brightness
Red Pure green Amber Green
High brightness
Surface Mount Type Radial Type
Orange
High brightness
Red Brown Pure green Amber
Specifications of LED SKHJ
Color of illumination Power Forward pulse Forward dissipation peak current current P mW
Red Pure green Amber Orange High brightness Green High brightness 40 80 15 3 4 4
Reverse voltage VR V
Forward voltage VF V IF=10mA
2.7 max. 2.05TYP 2.7 max. 2.0 TYP 2.7 max. 2.05TYP
Reverse current IR BA VR=4V
5 max.
IFP mA
IFDC mA
Peak emission wave length peak nm IF=10mA
700 TYP 555 TYP 590 TYP
Spectral line half width nm IF=10mA
100 TYP 20 TYP 30 TYP 40 TYP 30 TYP
Luminous intensity IV mcd IF=10mA
0.4min. 1.0 TYP 0.8min. 2.0 TYP 0.4min. 1.0 TYP 1.5min. 4.0 TYP 2.0min. 5.0 TYP
10 max. 630 TYP 565 TYP
Refer to P.306 for soldering conditions. Refer to P.308 for standard knobs.
263
TACT SwitchTM
8mm Square LED Built-in (Snap-in Type) SKHJ Series
Dimensions
No. Photo Without LED type Detector Push Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts
3.5 8.5 3 1 8 2
Unit:mm
Style PC board mounting hole dimensions Viewed from switch mounting face
3 Frame
4
4.5
1
5
4.6
4-o1 holes 7.5
7.5
6
0.7
0.7
With LED type
8 1 2
Sharp Feeling Soft Feeling Snap-in Type Surface Mount Type Radial Type
0.5 7.5 3 Frame 5
4 4.6
4.5
4.5
8.5 6 3.5 4 3
2
6-o1 holes 7.5
0.2 0.7 5 7 0.7
5
0.2 6
Note
Please use 1.6mm thick PC boards.
Circuit Diagram
Without LED type With LED type
1 3
2 4
1 3 5
2 4 6
264
7
4.5
TACT SwitchTM
List of Varieties
Sharp Feeling Type
Series SKHR SKHL SKHH SKHW SKRD SKQJ SKHL SKHH SKQJ SKHJ SKQB Detector Push Type Features Operating direction Vertical Encoders Horizontal Power W Dimensions mm
4.5 6 6 3.5 3.8 4.3 7.15 7.4 5 6.2 6.6 7.22 4.3 7.4 7.85 7.3 8.5 5 7.3 7.5 8 10 Dust-proof Horizontal type type Snap-in Horizontal type With LED Water- proof
Photo
Slide Rotary
D H 1N
Dual-in-line Package Type TACT SwitchTM CustomProducts
Operation force coverage 5N Ground terminal Operating temperature range Electrical performance Durability Insulation resistance Voltage proof Vibration Lifetime Cold Dry heat Damp heat Page
252 253 255 259 60 2 260 20 to 70 SKHJ/HL Vertical Type /QJ 30 100M to 85
Sharp Feeling Soft Feeling Snap-in Type Surface Mount Type Radial Type
min. 100V DC
250V AC for 1min. 10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies, in the 3 direction of X, Y and Z for 2hours respectively Shall be in accordance with individual specifications. 30 80 2 2 for 96h for 96h
Note
The automotive operating temperature range to be individually discussed upon request.
Environmental performance
, 90 to 95%RH for 96h 261 253 255 261 263 265
W Width. The most outer dimension excluding terminal portion. D Depth. The most outer dimension excluding terminal portion. H Height. The minimum dimension if there are variances.
247
TACT SwitchTM
Soldering Conditions
Condition for Reflow
Available for Surface Mount Type.
1. Heating method: Double heating method with infrared heater. 2. Temperature measurement: Thermocouple 0.1 to 0.2
Detector Push Slide Rotary Encoders Power
CA K or CC T at solder joints copper foil surface . A heat resistive tape
should be used to fix thermocouple. 3. Temperature profile
Temperature (C ) 260C max. 3 sec max. 180 150 Time 230C
Dual-in-line Package Type TACT SwitchTM
40s max. 3 to 4min.
CustomProducts
Time inside soldering equipment Note
1. The above temperature shall be measured on the mounting surface of a PC board. There are cases where the PC board's temperature greatly differs from that of the switch, depending on the material, size, thickness of PC boards and others. The above-stated conditions shall also apply to switch surface temperatures. 2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended.
Sharp Feeling Soft Feeling Snap-in Type Surface Mount Type Radial Type
Conditions for Auto-dip
Available for Snap-in Type and Radial Type Except SKHJ, SKHL, SKQJ, SKQK, SKEG series Items Flux built-up Condition
Mounting surface should not be exposed to fluk Ambient temperature of the soldered surface of PC board. 100 max. 60s max. 260 max.
Manual Soldering Except SKRT Series
Items Soldering temperature Duration of soldering Capacity of soldering iron Condition
350 max.
3s max. 60W max.
Preheating temperature Preheating time Soldering temperature Duration of immersion Number of soldering
5s max. 2times max.
Notes
1. 2. 3. 4. 5. Consult with us for availability of TACT SwitchTM washing. Prevent flux penetration from the top side of the TACT SwitchTM. Switch terminals and a PC board should not be coated with flux prior to soldering. The second soldering should be done after the switch is stable with normal temperature. Use the flux with a specific gravity of min 0.81. EC-19S-8 by TAMURA Corporation, or equivalents.
306
TACT SwitchTM
Product Line of Knobs
Unit:mm
Variety Applicable model Detector Keytop Push
H4
Dimensions Color Model
Label dimensions Unit:mm
Slide SKHH
5.5
Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts Applicable to joint stem type SKHC SKQE
Cap
Red Blue Ivory Black Yellow
SK2AA00410 SK2AA00420 SK2AA00430 SK2AA00440 SK2AA00450
Applicable to joint stem type Cap Clear
H10 H12
2.8
SK2AA00510
H10
Keytop
3 4
Keytop + Cap
4R 1
Key top
Red Blue Ivory Black
SK2AA00010 SK2AA00020 SK2AA00030 SK2AA00040 Cap
SK2AA00060 SK2AA00070 SK2AA00080 SK2AA00090
1.5
Thickness 0.1
Clear
H6.5 H5 H8
SK2AA00520
H6.5
Sharp Feeling Soft Feeling Snap-in Type Surface Mount Type
SKHJ
Cap
1.8 3.8
Keytop Red Blue Ivory Black Yellow SK2AA00210 SK2AA00220 SK2AA00230 SK2AA00240 SK2AA00250 Cap
H7.4
Keytop + Cap
Key top
SK2AA00260 SK2AA00270 SK2AA00280 SK2AA00290 SK2AA00300
Thickness 0.1
Radial Type SKEG
Clear
SK2AA00540
H6
H6
Key top
Applicable to joint stem type
Red Blue Ivory Black Yellow
SK2AA00310 SK2AA00320 SK2AA00330 SK2AA00340 SK2AA00350
SK2AA00360 SK2AA00370 SK2AA00380 SK2AA00390 SK2AA00400
3
4
Thickness 0.1
Notes
1. The knob will be delivered together with the switch but packed separately. 2. The label is not included. 3. For SK2AA00010 to SK2AA00090 types, please check the mounting direction.
SK2AA00010~00090(Keytop)
Stem of key switch
308
4RO .5
Cap
Keytop
Keytop + Cap


▲Up To Search▲   

 
Price & Availability of SKHJACA010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X