Part Number Hot Search : 
STT03XX 647180X PDM41256 100PS 53100 AN79M10 NE25139 M5221
Product Description
Full Text Search
 

To Download SG2824JDESC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SG2800 SERIES HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
DESCRIPTION
The SG2800 series integrates eight NPN Darlington pairs with internal suppression diodes to drive lamps, relays, and solenoids in many military, aerospace, and industrial applications that require severe environments. All units feature open collector outputs with greater than 50V breakdown voltages combined with 500mA current carrying capabilities. Five different input configurations provide optimized designs for interfacing with DTL, TTL, PMOS, or CMOS drive signals. These devices are designed to operate from -55C to 125C ambient temperature in a 18-pin dual in-line ceramic (J) package and 20-pin leadless chip carrier (LCC).
FEATURES
* * * * * * Eight NPN Darlington pairs Collector currents to 600mA Output voltages from 50V to 95V Internal clamping diodes for inductive loads DTL, TTL, PMOS, or CMOS compatible inputs Hermetic ceramic package
HIGH RELIABILITY FEATURES
Available to MIL-STD-883 and DESC SMD MIL-M38510/14106BVA - JAN2801J MIL-M38510/14107BVA - JAN2802J MIL-M38510/14108BVA - JAN2803J MIL-M38510/14109BVA - JAN2804J Radiation data available LMI level "S" processing available
PARTIAL SCHEMATICS
Rev 1.6 11.14.2005
Copyright (c) 1997
1
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
Microsemi Inc.
SG2800 SERIES
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Output Voltage, VCE (SG2800, 2810 series) ................................................ 50V (SG2820 series) .......................................................... 95V Input Voltage, VIN (SG2802,3,4 series) .................................................... 30V Continuous Input Current, IIN ........................................ 25mA
Note 1. Values beyond which damage may occur.
Continuous Collector Current, IC (SG2800, 2820) ...................................................... 500mA (SG2810) ............................................................... 600mA Operating Junction Temperature Hermetic (J, L Packages) ......................................... 150C Plastic (N, DW Package) ...........................................150C Storage Temperature Range .......................... -65C to 150C Lead Temperature (Soldering 10 sec.) ......................... 300C
RoHS Peak Package Solder Reflow Temp. (40 sec. max. exp.)..... 260C (+0, -5)
THERMAL DATA
J Package: Thermal Resistance-Junction to Case, JC .................. 25C/W Thermal Resistance-Junction to Ambient, JA ............... 70C/W N Package: Thermal Resistance-Junction to Case, JC .................. 30C/W Thermal Resistance-Junction to Ambient, JA .............. 60C/W L Package: Thermal Resistance-Junction to Case, JC .................. 35C/W Thermal Resistance-Junction to Ambient, JA ............. 120C/W DW Package: Thermal Resistance-Junction to Ambient, JA ............. 90C/W
Note A. Junction Temperature Calculation: TJ = T A + (PD x JA). Note B. The above numbers for JC are maximums for the limiting
thermal resistance of the package in a standard mounting configuration. The JA numbers are meant to be guidelines for the thermal performance of the device/pcboard system. All of the above assume no ambient airflow.
RECOMMENDED OPERATING CONDITIONS (Note
2)
Output Voltage, VCE SG2800, SG2820 series .............................................. 50V SG2810 series ............................................................. 95V
Note 2. Range over which the device is functional.
Peak Collector Current, IC SG2800, SG2820 series ......................................... 350mA SG2810 series ........................................................ 500mA Operating Ambient Temperature Range ........ -55C to 125C
SELECTION GUIDE
Device SG2801 SG2802 SG2803 SG2804 SG2811 SG2812 VCE Max 50V 50V 50V 50V 50V 50V IC Max 500mA 500mA 500mA 500mA 600mA 600mA Logic Inputs General Purpose PMOS, CMOS 14V-25V PMOS 5V TTL, CMOS 6V-15V CMOS, PMOS General Purpose PMOS, CMOS 14V-25V PMOS Device SG2813 SG2814 SG2815 SG2821 SG2823 SG2824 VCE Max 50V 50V 50V 95V 95V 95V IC Max 600mA 600mA 600mA 500mA 500mA 500mA Logic Inputs 5V TTL, CMOS 6V-15V CMOS, PMOS High Output TTL General Purpose PMOS, CMOS 5V TTL, CMOS 6V-15V CMOS, PMOS
Rev 1.6
Copyright (c) 1997
2
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
SG2800 SERIES
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperatures of -55C T A 125C. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
SG2801 thru SG2804 Parameter Output Leakage Current (ICEX) Collector - Emitter (VCE(SAT)) Applicable Devices All SG2802 SG2804 All Temp. Test Conditions VCE = 50V VCE = 50V, VIN = 6V VCE = 50V, VIN = 1V IC = 350mA, IB = 850A IC = 200mA, IB = 550A IC = 100mA, IB = 350A IC = 350mA, IB = 500A IC = 200mA, IB = 350A IC = 100mA, IB = 250A IC = 350mA, IB = 500A IC = 200mA, IB = 350A IC = 100mA, IB = 250A VIN = 17V VIN = 3.85V VIN = 5V VIN = 12V IC = 500A VCE = 2V, IC = 300mA VCE = 2V, IC = 300mA VCE = 2V, IC = 200mA VCE = 2V, IC = 250mA VCE = 2V, IC = 300mA VCE = 2V, IC = 200mA VCE = 2V, IC = 250mA VCE = 2V, IC = 300mA VCE = 2V, IC = 125mA VCE = 2V, IC = 200mA VCE = 2V, IC = 275mA VCE = 2V, IC = 350mA VCE = 2V, IC = 125mA VCE = 2V, IC = 200mA VCE = 2V, IC = 275mA VCE = 2V, IC = 350mA VCE = 2V, IC = 350mA VCE = 2V, IC = 350mA Limits Units Min. Typ. Max. 100 A 500 A 500 A 1.6 1.8 V 1.3 1.5 V 1.1 1.3 V 1.25 1.6 V 1.1 1.3 V 0.9 1.1 V 1.6 1.8 V 1.3 1.5 V 1.1 1.3 V 480 850 1300 A 650 930 1350 A 240 350 500 A 650 1000 1450 A 25 50 A 18 V 13 V 3.3 V 3.6 V 3.9 V 2.4 V 2.7 V 3.0 V 6.0 V 8.0 V 10 V 12 V 5.0 V 6.0 V 7.0 V 8.0 V 500 1000 25 15 pF 250 1000 ns 250 1000 ns 50 A 1.7 2.0 V
TA TA TA TA TA TA TA TA TA
= = = = = = = = =
TMIN TMIN TMIN 25C 25C 25C TMAX TMAX TMAX
Input Current (IIN(ON))
SG2802 SG2803 SG2804 All SG2802 SG2803 TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA = = = = = = = = = = = = = = = = = = = = = =
(IIN(OFF)) Input Voltage (VIN(ON))
SG2804
D-C Forward Current Transfer Ratio (hFE) Input Capacitance (CIN) (Note 3) Turn-On Delay (TPLH) Turn-Off Delay (TPHL) Clamp Diode Leakage Current (IR) Clamp Diode Forward Voltage (VF)
SG2801 All All All All All
TMAX TMIN TMAX TMIN TMIN TMIN TMAX TMAX TMAX TMIN TMIN TMIN TMIN TMAX TMAX TMAX TMAX TMIN 25C 25C 25C 0.5 EIN to 0.5 EOUT 25C 0.5 EIN to 0.5 EOUT VR = 50V IF = 350mA
Note 3. These parameters, although guaranteed, are not tested in production.
Rev 1.6
Copyright (c) 1997
3
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
SG2800 SERIES
ELECTRICAL CHARACTERISTICS
SG2811 thru SG2815 Parameter Output Leakage Current (ICEX) Collector - Emitter (VCE(SAT)) Applicable Devices All SG2812 SG2814 All Temp. Test Conditions VCE = 50V VCE = 50V, VIN = 6V VCE = 50V, VIN = 1V IC = 500mA, IB = 1100A IC = 350mA, IB = 850A IC = 200mA, IB = 550A IC = 500mA, IB = 600A IC = 350mA, IB = 500A IC = 200mA, IB = 350A IC = 500mA, IB = 600A IC = 350mA, IB = 500A IC = 200mA, IB = 350A VIN = 17V VIN = 3.85V VIN = 5V VIN = 12V VIN = 3V IC = 500A VCE = 2V, IC = 500mA VCE = 2V, IC = 500mA VCE = 2V, IC = 250mA VCE = 2V, IC = 300mA VCE = 2V, IC = 500mA VCE = 2V, IC = 250mA VCE = 2V, IC = 300mA VCE = 2V, IC = 500mA VCE = 2V, IC = 275mA VCE = 2V, IC = 350mA VCE = 2V, IC = 500mA VCE = 2V, IC = 275mA VCE = 2V, IC = 350mA VCE = 2V, IC = 500mA VCE = 2V, IC = 350mA VCE = 2V, IC = 500mA VCE = 2V, IC = 350mA VCE = 2V, IC = 500mA VCE = 2V, IC = 500mA VCE = 2V, IC = 500mA Limits Units Min. Typ. Max. 100 A 500 A 500 A 1.8 2.1 V 1.6 1.8 V 1.3 1.5 V 1.7 1.9 V 1.25 1.6 V 1.1 1.3 V 1.8 2.1 V 1.6 1.8 V 1.3 1.5 V 480 850 1300 A 650 930 1350 A 240 350 500 A 650 1000 1450 A 1180 1500 2400 A 25 50 A 23.5 V V 17 V 3.6 V 3.9 V 6.0 V 2.7 V 3.0 V 3.5 V 10 V 12 V 17 V 7.0 V 8.0 V 9.5 V 3.0 V 3.5 V 2.4 V 2.6 450 900 15 pF 25 250 1000 ns 250 1000 ns A 50 1.7 2.0 V V 2.5
(continued)
TA TA TA TA TA TA TA TA TA
= = = = = = = = =
TMIN TMIN TMIN 25C 25C 25C TMAX TMAX TMAX
Input Current (IIN(ON))
SG2812 SG2813 SG2814 SG2815 All SG2812 SG2813
(IIN(OFF)) Input Voltage (VIN(ON))
SG2814
SG2815
D-C Forward Current Transfer Ratio (hFE) Input Capacitance (CIN) (Note 3) Turn-On Delay (TPLH) Turn-Off Delay (TPHL) Clamp Diode Leakage Current (IR) Clamp Diode Forward Voltage (VF)
SG2811 All All All All All
TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA
= = = = = = = = = = = = = = = = = = = = = = = =
TMAX TMIN TMAX TMIN TMIN TMIN TMAX TMAX TMAX TMIN TMIN TMIN TMAX TMAX TMAX TMIN TMIN TMAX TMAX TMIN 25C 25C 25C 0.5 EIN to 0.5 EOUT 25C 0.5 EIN to 0.5 EOUT VR = 50V IF = 350mA IF = 500mA
Note 3. These parameters, although guaranteed, are not tested in production.
Rev 1.6
Copyright (c) 1997
4
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
SG2800 SERIES
ELECTRICAL CHARACTERISTICS
SG2821 thru SG2824 Parameter Output Leakage Current (ICEX) Collector - Emitter (VCE(SAT)) Applicable Devices All SG2824 All Temp. Test Conditions VCE = 95V VCE = 95V, VIN = 1V IC = 350mA, IB = 850A IC = 200mA, IB = 550A IC = 100mA, IB = 350A IC = 350mA, IB = 500A IC = 200mA, IB = 350A IC = 100mA, IB = 250A IC = 350mA, IB = 500A IC = 200mA, IB = 350A IC = 100mA, IB = 250A VIN = 3.85V VIN = 5V VIN = 12V IC = 500A VCE = 2V, IC = 300mA VCE = 2V, IC = 200mA VCE = 2V, IC = 250mA VCE = 2V, IC = 300mA VCE = 2V, IC = 200mA VCE = 2V, IC = 250mA VCE = 2V, IC = 300mA VCE = 2V, IC = 125mA VCE = 2V, IC = 200mA VCE = 2V, IC = 275mA VCE = 2V, IC = 350mA VCE = 2V, IC = 125mA VCE = 2V, IC = 200mA VCE = 2V, IC = 275mA VCE = 2V, IC = 350mA VCE = 2V, IC = 350mA VCE = 2V, IC = 350mA Limits Units Min. Typ. Max. 100 A 500 A 1.6 1.8 V 1.3 1.5 V 1.1 1.3 V 1.25 1.6 V 1.1 1.3 V 0.9 1.1 V 1.6 1.8 V 1.3 1.5 V 1.1 1.3 V 650 930 1350 A 240 350 500 A 650 1000 1450 A 25 50 A 13 V 3.3 V 3.6 V 3.9 V 2.4 V 2.7 V 3.0 V 6.0 V 8.0 V 10 V 12 V 5.0 V 6.0 V 7.0 V 8.0 V 500 1000 15 25 pF 250 1000 ns 250 1000 ns 50 A 1.7 2.0 V
(continued)
Input Current (IIN(ON)) (IIN(OFF)) Input Voltage (VIN(ON))
SG2823 SG2824 All SG2823
TA TA TA TA TA TA TA TA TA
= = = = = = = = =
TMIN TMIN TMIN 25C 25C 25C TMAX TMAX TMAX
SG2824
D-C Forward Current Transfer Ratio (hFE) Input Capacitance (CIN) (Note 3) Turn-On Delay (TPLH) Turn-Off Delay (TPHL) Clamp Diode Leakage Current (IR) Clamp Diode Forward Voltage (VF)
SG2821 All All All All All
TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA TA
= = = = = = = = = = = = = = = = = = = = =
TMAX TMAX TMIN TMIN TMIN TMAX TMAX TMAX TMIN TMIN TMIN TMIN TMAX TMAX TMAX TMAX TMIN 25C 25C 25C 0.5 EIN to 0.5 EOUT 25C 0.5 EIN to 0.5 EOUT VR = 95V IF = 350mA
Note 3. These parameters, although guaranteed, are not tested in production.
Rev 1.6
Copyright (c) 1997
5
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
SG2800 SERIES
CHARACTERISTIC CURVES
FIGURE 1. OUTPUT CHARACTERISTICS
FIGURE 2. OUTPUT CURRENT VS. INPUT VOLTAGE
FIGURE 3. OUTPUT CURRENT VS. INPUT CURRENT
FIGURE 4. INPUT CHARACTERISTICS - SG2802
FIGURE 5. INPUT CHARACTERISTICS - SG2803
FIGURE 6. INPUT CHARACTERISTICS - SG2804
FIGURE 7. PEAK COLLECTOR CURRENT VS. DUTY CYCLE
Rev 1.6
Copyright (c) 1997
6
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
SG2800 SERIES
CONNECTION DIAGRAMS & ORDERING INFORMATION
Package
18-PIN CERAMIC DIP J - PACKAGE (See Notes Below)
Ambient Part No. (Note 3) Temperature Range SG28XXJ/883B JAN2801J JAN2802J JAN2803J JAN2804J SG2803J/DESC SG2821J/DESC SG2823J/DESC SG2824J/DESC SG28XXJ -55C -55C -55C -55C -55C -55C -55C -55C -55C -55C to to to to to to to to to to 125C 125C 125C 125C 125C 125C 125C 125C 125C 125C
Connection Diagram
1 2 3 4 5 6 7 8 9
18 17 16 15 14 13 12 11 10
18-PIN PLASTIC DIP N - PACKAGE 18-PIN PLASTIC DIP DW - PACKAGE 20-PIN CERAMIC LEADLESS CHIP CARRIER L- PACKAGE
SG2803N SG2823N SG2803DW SG2823DW SG28XXL/883B SG2803L/DESC SG2821L/DESC SG2823L/DESC SG2824L/DESC SG28XXL
0C to 70C 0C to 70C 0C to 70C 0C to 70C -55C -55C -55C -55C -55C -55C to to to to to to 125C 125C 125C 125C 125C 125C
N Package: RoHS Compliant / Pb-free Transition DC: 0503 N Package: RoHS / Pb-free 100% Matte Tin Lead Finish DW Package: RoHS Compliant / Pb-free Transition DC: 0516 DW Package: RoHS / Pb-free 100% Matte Tin Lead Finish
3 2 1 20 19
4 5 6 7 8
18 17 16 15 14
9
10
11
12
13
N o t e 1. Contact factory for JAN and DESC product availability. 2. All parts are viewed from the top. 3. See Selection Guide for specific device types. Rev 1.6


▲Up To Search▲   

 
Price & Availability of SG2824JDESC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X