Part Number Hot Search : 
W921C843 GRM155 11612 SA43A AC1503S NF2B1H XPC750ED NF1B1HR
Product Description
Full Text Search
 

To Download SFM17MH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFM11MH thru SFM18MH Surface Mount Standard Recovery Glass Passivated Rectifiers
P b Lead(Pb)-Free
Features:
* Batch process design, excellent power dissipation o ers better reverse leakage current and thermal resistance. * Low pro le surface mounted application in order to optimize board space. * Tiny plastic SMD package. * High current capability. * Super fast reovery time for switching mode application. * High surge current capability. * Glass passivated chip junction.
REVERSE VOLTAGE 50 TO 600 VOLTS FORWARD CURRENT 1.0 AMPERE
SOD-123H
Mechanical Data:
* Case : Molded plastic, JEDEC SOD-123H * Terminals : Solder plated, s olderable per MIL-STD-750, Method 2026 * Polarity : Indicated by cathode band * Mounting Position : Any * Weight : 0.011 gram
SOD-123H Outline Dimension
B
unit:mm
C A
SOD-123H
Dim A B C H J Min
1.40 3.30 0.6
Max
1.80 3.70 0.30(TYP) 0.80(TYP) 1.00
J H H
WEITRON
http://www.weitron.com.tw
1/3
05-Dec-08
SFM11MH thru SFM18MH
Maximum Ratings (TA=25C Unless Otherwise noted)
Characteristics
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA=50C Peak Forward Surge Current, 8.3 ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Instantaneous At 1.0A DC Maximum DC Reverse Current @TA=25 C At Rated DC Blocking Voltage @TA=100 C Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range
VF IR CJ R JA TJ TSTG 0.95 5.0 100 10(TYP) 42(TYP) -65 to +175 -65 to +175 1.25 1.70 IFSM 25 Symbol VRRM VRMS VDC IF(AV)
SFM11 MH SFM12 SFM13 SFM14 SFM15 SFM16 SFM17 SFM18 MH MH MH MH MH MH MH
Unit
V V V A
50 35 50
100 35 100
150 70 150
200 140 200
300 280 300 1.0
400 420 400
500 560 500
600 700 600
A
V uA
PF C/W
C C
Device Marking
Item
SFM11MH SFM12MH SFM13MH SFM14MH
Marking
S1 S2 S3 S4
Item
SFM15MH SFM16MH SFM17MH SFM18MH
Marking
S5 S6 S6 S7
WEITRON
http://www.weitron.com.tw
2/3
05-Dec-08
SFM11MH thru SFM18MH
Rating and characteristic curves (SFM11MH THRU SFM18MH)
10
AVERAGE FORWARD CURRENT,(A)
MH ~S FM 14
~S FM 16
M
H
1.2 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175
Single Phase Half Wave 60Hz Resistive Or Inductive Load
INSTANTANEOUS FORWARD CURRENT,(A)
SF M1 1M H
H
.1
TJ=25 C Pulse Width 300us 1% Duty Cycle
SF M 17
M
H
~S FM 18
SF M
1.0
15 M
M
H
.01
AMBIENT TEMPERATURE ( C) FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
.001 .4
.6
.8
1.0
1.2
1.4
1.6
1.8
PEAK FORWARD SURGE CURRENT,(A)
25
FORWARD VOLT AGE,(V)
20
FIG.1-TYPICAL FORWARD CHARACTERISTICS
15
TJ=25 C 8.3ms Single Half Sine Wave JEDEC method
50 NONINDUCTIVE
10 NONINDUCTIVE
10
5
(+) 25Vdc (approx.) () 1 NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+)
0 1 5 10 50 100
FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS
JUNCTION CAPACITANCE,(pF)
70 60 50 40 30 20 10 0
trr +0.5A
| | | | | | | |
0 -0.25A
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
.01
.05
.1
.5
1
5
10
50
100
REVERSE VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
WEITRON
http://www.weitron.com.tw
3/3
05-Dec-08


▲Up To Search▲   

 
Price & Availability of SFM17MH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X