Part Number Hot Search : 
1N3768 2309NZ 2409S TR711 P010033 BB510 1N3768 10023
Product Description
Full Text Search
 

To Download SEMIX202GB066HDS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMiX202GB066HDs
Absolute Maximum Ratings Symbol
IGBT VCES IC ICnom ICRM ICRM = 2xICnom VCC = 360 V VGE 15 V Tj = 150 C VCES 600 V VGES tpsc Tj = 175 C Tc = 25 C Tc = 80 C 600 274 207 200 400 -20 ... 20 6 -40 ... 175 Tc = 25 C Tc = 80 C 291 214 200 IFRM = 2xIFnom tp = 10 ms, sin 180, Tj = 25 C 400 1000 -40 ... 175 600 -40 ... 125 AC sinus 50Hz, t = 1 min 4000 V A A A A V s C A A A A A C A C V
Conditions
Values
Unit
SEMiX(R)2s
Trench IGBT Modules
SEMiX202GB066HDs
Tj Inverse diode IF IFnom IFRM IFSM Tj Module It(RMS) Tstg Visol
Preliminary Data Features
* Homogeneous Si * Trench = Trenchgate technology * VCE(sat) with positive temperature coefficient * UL recognised file no. E63532
Tj = 175 C
Typical Applications
* Matrix Converter * Resonant Inverter * Current Source Inverter
Characteristics Symbol
IGBT VCE(sat) VCE0 rCE VGE(th) ICES Cies Coes Cres QG RGint td(on) tr Eon td(off) tf Eoff Rth(j-c) Rth(j-s) per IGBT per IGBT IC = 200 A VGE = 15 V chiplevel Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C VGE = 15 V Tj = 25 C Tj = 150 C 5 Tj = 25 C Tj = 150 C f = 1 MHz f = 1 MHz f = 1 MHz 12.3 0.77 0.37 1600 1.00 65 80 6 545 95 8 0.21 1.45 1.70 0.9 0.85 2.8 4.3 5.8 0.15 1.9 2.1 1 0.9 4.5 6.0 6.5 0.45 V V V V m m V mA mA nF nF nF nC ns ns mJ ns ns mJ K/W K/W
Remarks
* Case temperature limited to TC=125C max. * Product reliability results are valid for Tj=150C * For short circuit: Soft RGoff recommended * Take care of over-voltage caused by stray inductance
Conditions
min.
typ.
max.
Unit
VGE=VCE, IC = 3.2 mA VGE = 0 V VCE = 600 V VCE = 25 V VGE = 0 V VGE = - 8 V...+ 15 V Tj = 25 C VCC = 300 V IC = 200 A Tj = 150 C RG on = 4.2 RG off = 4.2
GB (c) by SEMIKRON Rev. 18 - 02.12.2008 1
SEMiX202GB066HDs
Characteristics Symbol Conditions
Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C IRRM Qrr Err Rth(j-c)
SEMiX202GB066HDs
min.
typ.
1.4 1.4
max.
1.6 1.6 1.1 0.95 2.5 3.3
Unit
V V V V m m A C mJ
Inverse diode VF = VEC IF = 200 A VGE = 0 V chiplevel VF0 rF
0.9 0.75 1.5 2.3
1 0.85 2.0 2.8 205 28 6.5
SEMiX(R)2s
Trench IGBT Modules
IF = 200 A Tj = 150 C di/dtoff = 3900 A/s T = 150 C j VGE = -8 V Tj = 150 C VCC = 300 V per diode per diode
0.27
K/W K/W
Rth(j-s) Module LCE RCC'+EE' Rth(c-s) Ms Mt w
Preliminary Data Features
* Homogeneous Si * Trench = Trenchgate technology * VCE(sat) with positive temperature coefficient * UL recognised file no. E63532
18 res., terminal-chip per module to heat sink (M5) to terminals (M6) 3 2.5 TC = 25 C TC = 125 C 0.7 1 0.045 5 5 250 0,493 5% 3550 2%
nH m m K/W Nm Nm Nm g
Typical Applications
* Matrix Converter * Resonant Inverter * Current Source Inverter Temperature sensor R100 B100/125 Tc=100C (R25=5 k) R(T)=R100exp[B100/125(1/T-1/T100)]; T[K];
k K
Remarks
* Case temperature limited to TC=125C max. * Product reliability results are valid for Tj=150C * For short circuit: Soft RGoff recommended * Take care of over-voltage caused by stray inductance
GB 2 Rev. 18 - 02.12.2008 (c) by SEMIKRON
SEMiX202GB066HDs
Fig. 1 Typ. output characteristic, inclusive RCC'+ EE'
Fig. 2 Rated current vs. temperature IC = f (TC)
Fig. 3 Typ. turn-on /-off energy = f (IC)
Fig. 4 Typ. turn-on /-off energy = f (RG)
Fig. 5 Typ. transfer characteristic
Fig. 6 Typ. gate charge characteristic
(c) by SEMIKRON
Rev. 18 - 02.12.2008
3
SEMiX202GB066HDs
Fig. 7 Typ. switching times vs. IC
Fig. 8 Typ. switching times vs. gate resistor RG
Fig. 9 Typ. transient thermal impedance
Fig. 10 Typ. CAL diode forward charact., incl. RCC'+EE'
Fig. 11 Typ. CAL diode peak reverse recovery current
Fig. 12 Typ. CAL diode recovery charge
4
Rev. 18 - 02.12.2008
(c) by SEMIKRON
SEMiX202GB066HDs
SEMiX 2s
GB
This is an electrostatic discharge sensitive device (ESDS), international standard IEC 60747-1, Chapter IX This technical information specifies semiconductor devices but promises no characteristics. No warranty or guarantee expressed or implied is made regarding delivery, performance or suitability.
(c) by SEMIKRON
Rev. 18 - 02.12.2008
5


▲Up To Search▲   

 
Price & Availability of SEMIX202GB066HDS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X