Part Number Hot Search : 
SK33SMA 519410 SMP9317S 01061 01061 74LS37 TC7MA MBT2907A
Product Description
Full Text Search
 

To Download S506-200MA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5mm x 20mm Fuses
S506 Series, Time Delay, Glass Tube
Description * Time delay, low breaking capacity * Optional axial leads available * 5mm x 20mm physical size * Glass tube, nickel-plated brass endcap construction * Designed to IEC 60127-2 (32mA-10A)
S506 ELECTRICAL CHARACTERISTICS 2.1 In 2.75 In 4 In 10 In In max min max min max min max 32mA-100mA 2 min 200 ms 10 sec 40 ms 3 sec 10 ms 300 ms 125mA-6.3A 2 min 600 ms 10 sec 150 ms 3 sec 20 ms 300 ms 8A-12.5A 2 min 600 ms 10 sec 150 ms 3 sec 20 ms 300 ms
RoHS 2002/95/EC
Dimensions
Drawing Not to Scale
Agency Information * UL Recognized Card: (32mA-10A) Guide JDYX2, File E19180 * CSA Component Acceptance: File 53787 * cURus Recognition: Guide JDYX8, File E19180 * Semko Approval, 32mA-10A * VDE Approval, 32mA-10A * BSI Approval, 32mA-10A * IMQ Approval, 32mA-10A * MITI Approval, 32mA-10A Ordering * Specify packaging, product, and option code * For -R option, drop mA or A from product code (i.e. S506-2-R)
* Ratings above 6.3A have a 0.8mm diameter lead * With TR2 packaging code, lead wire length is 19.05mm
SPECIFICATIONS
Product Code S506-32mA S506-40mA S506-50mA S506-63mA S506-80mA S506-100mA S506-125mA S506-160mA S506-200MA S506-250mA S506-315mA S506-400mA S506-500mA S506-630mA S506-800mA S506-1A S506-1.25A S506-1.6A S506-2A S506-2.5A S506-3.15A S506-4A S506-5A S506-6.3A S506-8A S506-10A S506-12.5A Voltage Rating AC 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V Interrupting Rating at Rated Voltage (50Hz) AC 35A 35A 35A 35A 35A 35A 35A 35A 35A 35A 35A 35A 35A 35A 35A 35A 35A 35A 35A 35A 35A 40A 50A 63A 80A 100A 125A Typical DC Cold Resistance (ohms)* 21.7 14.2 9.5 7.1 4.5 2.8 2.0 1.3 1.0 0.66 0.46 0.37 0.268 0.191 0.131 0.064 0.046 0.039 0.029 0.024 0.018 0.013 0.010 0.009 0.007 0.005 0.004 Minimum Pre-Arching I2t (A2Sec) AC 0.0014 0.0034 0.006 0.012 0.015 0.022 0.034 0.052 0.078 0.17 0.41 0.61 0.67 1.0 2.2 2.7 6.7 9.7 15 25 51 88 150 214 192 420 812 Maximum Voltage Drop (mV) 1050 920 800 760 580 490 390 320 340 270 250 210 190 170 150 90 85 85 85 85 80 80 75 75 80 75 75
* DC Cold Resistance (Measured at <10% of rated current) Minimum Pre-Arching I2t (Measured at 10 In and rated voltage) Maximum Voltage Drop (Voltage drop was measured at 20C ambient temperature at rated current)
5mm x 20mm Fuses
S506 Series, Time Delay, Glass Tube
TIME CURRENT CURVE
PACKAGING CODE
Packaging Code BK BK1 TR2 Description 100 pieces of fuses packed into a cardboard carton 1,000 pieces of fuses packed into a poly bag 1,500 pieces of fuses packed into tape on a reel (19.05mm lead wire length)
OPTION CODE
Option Code V -R Description Axial leads - copper tinned wire with nickel plated brass overcaps RoHS compliant version
Visit us on the web at: www.cooperbussmann.com OC-2574 10/06 (c) Cooper Electronic Technologies 2006
North America Cooper Electronic Technologies Cooper Bussmann 1225 Broken Sound Parkway NW P.O. Box 14460 Suite F St. Louis, MO 63178-4460 Boca Raton, FL 33487-3533 Tel: 1-636-394-2877 Tel: 1-561-998-4100 Fax: 1-800-544-2570 Fax: 1-561-241-6640 Toll Free: 1-888-414-2645
Europe Cooper Electronic Technologies Cooper Electronic Technologies Cooper (UK) Limited Avda. Santa Eulalia, 290 Burton-on-the-Wolds 08223 Leicestershire * LE12 5TH UK Terrassa, (Barcelona), Spain Tel: +44 (0) 1509 882 737 Tel: +34 937 362 812 Fax: +44 (0) 1509 882 786 +34 937 362 813 Fax: +34 937 362 719
Asia Pacific Cooper Electronic Technologies 1 Jalan Kilang Timor #06-01 Pacific Tech Centre Singapore 159303 Tel: +65 278 6151 Fax: +65 270 4160


▲Up To Search▲   

 
Price & Availability of S506-200MA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X