Part Number Hot Search : 
MRF90 V585ME14 PT163025 FMM5057X LS74A 2SC5658 CZRC5365 MUN5235
Product Description
Full Text Search
 

To Download RFG45N0602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RFG45N06, RFP45N06, RF1S45N06SM
Data Sheet January 2002
45A, 60V, 0.028 Ohm, N-Channel Power MOSFETs
These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits. Formerly developmental type TA49028.
Features
* 45A, 60V * rDS(ON) = 0.028 * Temperature Compensating PSPICE(R) Model * Peak Current vs Pulse Width Curve * UIS Rating Curve * 175oC Operating Temperature * Related Literature - TB334 "Guidelines for Soldering Surface Mount Components to PC Boards"
Symbol
DRAIN
Ordering Information
PART NUMBER RFG45N06 RFP45N06 RF1S45N06SM PACKAGE TO-247 TO-220AB TO-263AB BRAND RFG45N06 RFP45N06 F1S45N06
GATE
NOTE: When ordering, use the entire part number. Add the suffix, 9A, to obtain the TO-263AB variant in tape and reel, i.e. RF1S45N06SM9A.
SOURCE
Packaging
JEDEC STYLE TO-247
SOURCE DRAIN GATE DRAIN (BOTTOM SIDE METAL) DRAIN (FLANGE)
JEDEC TO-220AB
SOURCE DRAIN GATE
JEDEC TO-263AB
GATE SOURCE
DRAIN (FLANGE)
(c)2002 Fairchild Semiconductor Corporation
RFG45N06, RFP45N06, RF1S45N06SM Rev. B
RFG45N06, RFP45N06, RF1S45N06SM
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified RFG45N06, RFP45N06 RF1S45N06SM 60 60 45 Refer to Peak Current Curve 20 Refer to UIS Curve 131 0.877 -55 to 175 300 260 UNITS V V A V W W/oC oC
oC oC
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS Drain to Gate Voltage (RG = 20K) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tpkg
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. TJ = 25oC to 150oC.
Electrical Specifications
PARAMETER
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS VGS(TH) IDSS TEST CONDITIONS ID = 250A, VGS = 0V (Figure 11) VGS = VDS, ID = 250A (Figure 10) VDS = Rated BVDSS, VGS = 0V VDS = 0.8 x Rated BVDSS, VGS = 0V (125oC) VGS = 20V ID = 45A, VGS = 10V (Figure 9) VDD = 30V, ID = 45A RL = 0.667, VGS = +10V RG = 3.6 (Figure 13) MIN 60 2 VGS = 0 to 20V VGS = 0 to 10V VGS = 0 to 2V VDD = 48V, ID = 45A, RL = 1.07 Ig(REF) = 1.5mA (Figure 13) TYP 12 74 37 16 125 67 3.7 2050 600 200 MAX 4 1 25 100 0.028 120 80 150 80 4.5 1.14 80 UNITS V V A A nA ns ns ns ns ns ns nC nC nC pF pF pF
oC/W oC/W
Drain to Source Breakdown Voltage Gate Threshold Voltage Zero Gate Voltage Drain Current
Gate to Source Leakage Current Drain Source On Resistance (Note 2) Turn-On Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-Off Time Total Gate Charge Gate Charge at 10V Threshold Gate Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient
IGSS rDS(ON) tON td(ON) tr td(OFF) tf tOFF Qg(TOT) Qg(10) Qg(TH) CISS COSS CRSS RJC RJA
VDS = 25V, VGS = 0V f = 1MHz (Figure 12)
Source to Drain Diode Specifications
PARAMETER Source to Drain Diode Voltage Diode Reverse Recovery Time NOTES: 2. Pulse test: pulse width 300s, duty cycle 2%. 3. Repetitive rating: pulse width limited by maximum junction temperature. See Transient Thermal Impedance curve (Figure 3) and Peak Current Capability Curve (Figure 5).
(c)2002 Fairchild Semiconductor Corporation RFG45N06, RFP45N06, RF1S45N06SM Rev. B
SYMBOL VSD trr
TEST CONDITIONS ISD = 45A ISD = 45A, dISD/dt = 100A/s
MIN -
TYP -
MAX 1.5 125
UNITS V ns
RFG45N06, RFP45N06, RF1S45N06SM Typical Performance Curves
1.2 POWER DISSIPATION MULTIPLIER 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 TC , CASE TEMPERATURE (oC) ID , DRAIN CURRENT (A)
Unless Otherwise Specified
50
40
30
20
10
0
25
50
75
100
125
150
175
TC , CASE TEMPERATURE (oC)
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE
ZJC, NORMALIZED TRANSIENT THERMAL IMPEDANCE
1 0.5 PDM
0.2 0.1 0.1 0.05 0.02 0.01 SINGLE PULSE 0.01 10-5 10-4 10-3 10-2 10-1 t, RECTANGULAR PULSE DURATION (s)
t1 t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJC x RJC + TC 100 101
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
400
TJ = MAX RATED SINGLE PULSE TC = 25oC IDM , PEAK CURRENT (A)
103
FOR TEMPERATURES ABOVE 25oC DERATE PEAK CURRENT CAPABILITY AS FOLLOWS: 175 - T C I = I 25 ----------------------- 150
ID , DRAIN CURRENT (A)
100 100s 1ms 10 OPERATION IN THIS AREA MAY BE LIMITED BY rDS(ON) VDSS(MAX) = 60V 1 1 10 VDS , DRAIN TO SOURCE VOLTAGE (V) 10ms 100ms DC 100
VGS = 20V
VGS = 10V 102 TRANSCONDUCTANCE MAY LIMIT CURRENT IN THIS REGION 40 10-3 10-2 10-1 100 101 102 t, PULSE WIDTH (ms) 103 104 TC = 25oC
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
(c)2002 Fairchild Semiconductor Corporation
RFG45N06, RFP45N06, RF1S45N06SM Rev. B
RFG45N06, RFP45N06, RF1S45N06SM Typical Performance Curves
300 IAS, AVALANCHE CURRENT (A)
Unless Otherwise Specified (Continued)
125 VGS = 10V ID , DRAIN CURRENT (A) VGS = 8V VGS = 7V PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX TC = 25oC VGS = 6V VGS = 5V VGS = 4.5V 10 0 0 1.5 3 4.5 6 7.5
100
100
STARTING TJ = 25oC
75
10
STARTING TJ = 150oC If R = 0 tAV = (L) (IAS) / (1.3 RATED BVDSS - VDD)
50
25
1 0.01
If R 0 tAV = (L/R) ln [(IAS*R) / (1.3 RATED BVDSS - VDD) + 1] 0.1 1 tAV, TIME IN AVALANCHE (ms)
VDS, DRAIN TO SOURCE VOLTAGE (V)
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322. FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING FIGURE 7. SATURATION CHARACTERISTICS
IDS(ON) , DRAIN TO SOURCE CURRENT (A)
125
100
NORMALIZED DRAIN TO SOURCE ON RESISTANCE 10
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VDD = 15V
-55oC
25oC
2.5
175oC
2
PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX VGS = 10V, ID = 45A
75
1.5
50
1
25
0.5
0 0 1 2 3 4 5 6 7 8 9 VGS , GATE TO SOURCE VOLTAGE (V)
0 -80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (oC)
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
2.0
VGS = VDS, ID = 250A NORMALIZED DRAIN TO SOURCE
2.0 ID = 250A BREAKDOWN VOLTAGE
NORMALIZED GATE THRESHOLD VOLTAGE
1.5
1.5
1.0
1.0
0.5
0.5
0 -80
-40
0
40
80
120
160
200
0 -80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (oC)
TJ, JUNCTION TEMPERATURE (oC)
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE vs JUNCTION TEMPERATURE
(c)2002 Fairchild Semiconductor Corporation
RFG45N06, RFP45N06, RF1S45N06SM Rev. B
RFG45N06, RFP45N06, RF1S45N06SM Typical Performance Curves
4000 VGS = 0V, f = 1MHz CISS = CGS + CGD CRSS = CGD COSS CDS + CGD CISS 2000 COSS 1000 CRSS 0 0 5 10 15 20 25 VDS, DRAIN TO SOURCE VOLTAGE (V)
Unless Otherwise Specified (Continued)
60 VDD = BVDSS 45 VDD = BVDSS 7.5 10 VGS, GATE TO SOURCE VOLTAGE (V)
C, CAPACITANCE (pF)
3000
30 0.75 BVDSS 0.75 BVDSS 0.50 BVDSS 0.50 BVDSS 0.25 BVDSS 0.25 BVDSS RL = 1.33 IG(REF) = 1.5mA VGS = 10V 0 20
5.0
15
2.5
0 IG(REF) IG(ACT) t, TIME (s) 80 IG(REF) IG(ACT)
VDS , DRAIN TO SOURCE VOLTAGE (V)
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260. FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE FIGURE 13. NORMALIZED SWITCHING WAVEFORMS FOR CONSTANT GATE CURRENT
Test Circuits and Waveforms
VDS BVDSS L VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP RG IAS VDD tP VDS VDD
+
0V
IAS 0.01
0 tAV
FIGURE 14. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 15. UNCLAMPED ENERGY WAVEFORMS
tON td(ON) tr RL VDS
+
tOFF td(OFF) tf 90%
90%
RG DUT
-
VDD 0
10% 90%
10%
VGS VGS 0 10%
50% PULSE WIDTH
50%
FIGURE 16. SWITCHING TIME TEST CIRCUIT
FIGURE 17. RESISTIVE SWITCHING WAVEFORMS
(c)2002 Fairchild Semiconductor Corporation
RFG45N06, RFP45N06, RF1S45N06SM Rev. B
RFG45N06, RFP45N06, RF1S45N06SM Test Circuits and Waveforms
VDS RL VDD VDS VGS = 20V VGS
+
Qg(TOT)
Qg(10) VDD VGS VGS = 2V 0 Qg(TH) Ig(REF) 0 VGS = 10V
DUT Ig(REF)
FIGURE 18. GATE CHARGE TEST CIRCUIT
FIGURE 19. GATE CHARGE WAVEFORMS
(c)2002 Fairchild Semiconductor Corporation
RFG45N06, RFP45N06, RF1S45N06SM Rev. B
RFG45N06, RFP45N06, RF1S45N06SM PSPICE Electrical Model
.SUBCKT RFP45N06 2 1 3 REV 1/18/93
*NOM TEMP = +25oC
5 10 DRAIN 2 LDRAIN DBREAK
CA 12 8 3.49E-9 CB 15 14 3.8E-9 CIN 6 8 2E-9 DBODY 7 5 DBDMOD DBREAK 5 11DBKMOD DPLCAP 10 5 DPLCAPMOD EBREAK 11 7 17 18 66.5 EDS 14 8 5 8 1 EGS 13 8 6 8 1 ESG 6 10 6 8 1 EVTO 20 6 18 8 1 IT 8 17 1 LDRAIN 2 5 1E-9 LGATE 1 9 5.65E-9 LSOURCE 3 7 4.13E-9 MOS1 16 6 8 8 MOSMOD M=0.99 MOS2 16 21 8 8 MOSMOD M=0.01 RBREAK 17 18 RBKMOD 1 RDRAIN 5 16 RDSMOD 3.58E-3 RGATE 9 20 0.681 RIN 6 8 1E9 RSOURCE 8 7 RDSMOD 13.6E-3 RVTO 18 19 RVTOMOD 1 S1A 6 12 13 8 S1AMOD S1B 13 12 13 8 S1BMOD S2A 6 15 14 13 S2AMOD S2B 13 15 14 13 S2BMOD VBAT 8 19 DC 1 VTO 21 6 0.92
CA
ESG + GATE 1 LGATE 9 20 RGATE EVTO + 18 8 6 8
DPLCAP 16
RDRAIN
6
VTO
+
MOS2 21 MOS1 11 EBREAK 17 18 +
DBODY
RIN
CIN 8 RSOURCE
7 LSOURCE 3 SOURCE 18 RVTO
S1A 12 13 8 S1B
S2A 14 13 S2B 13 CB 14 + 5 EDS 8 IT 15 17 RBREAK
19 VBAT +
+ EGS 6 -8
-
-
.MODEL DBDMOD D (IS=8.2E-13 RS=7.86E-3 TRS1=2.26E-3 TRS2=2.90E-6 CJO=2.07E-9 TT=5.72E-8) .MODEL DBKMOD D (RS=1.93E-1 TRS1=5.13E-4 TRS2=-2.15E-5) .MODEL DPLCAPMOD D (CJO=1.25E-9 IS=1E-30 N=10) .MODEL MOSMOD NMOS (VTO=3.862 KP=55.57 IS=1E-30 N=10 TOX=1 L=1U W=1U) .MODEL RBKMOD RES (TC1=1.12E-3 TC2=-5.18E-7) .MODEL RDSMOD RES (TC1=4.64E-3 TC2=1.58E-5) .MODEL RVTOMOD RES (TC1=-4.27E-3 TC2=-6.55E-6) .MODEL S1AMOD VSWITCH (RON=1E-5 ROFF=0.1 VON=-6.5 VOFF=-1.7) .MODEL S1BMOD VSWITCH (RON=1E-5 ROFF=0.1 VON=-1.7 VOFF=-6.5) .MODEL S2AMOD VSWITCH (RON=1E-5 ROFF=0.1 VON=-3.0 VOFF=2) .MODEL S2BMOD VSWITCH (RON=1E-5 ROFF=0.1 VON=2.0 VOFF=-3.0) .ENDS NOTE: For further discussion of the PSPICE model consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global Temperature Options; authors, William J. Hepp and C. Frank Wheatley.
(c)2002 Fairchild Semiconductor Corporation
RFG45N06, RFP45N06, RF1S45N06SM Rev. B
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST (R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R)
VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H4


▲Up To Search▲   

 
Price & Availability of RFG45N0602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X