Part Number Hot Search : 
CONDUCT XE5690SM NVZ6TLTA 2N688A SP7180 B150K 5007M 2SK146
Product Description
Full Text Search
 

To Download RC1010681KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : PROD. NAME
PAGE: 1
RADIAL INDUCTOR MECHANICAL DIMENSION G
ABC'S DWG NO. ABC'S ITEM NO.
RC1010L-
O
Ar
47
0K
F
A: B: C: F: W :
+0 10.5 10.5 +0 18.03.0 6.4 typ. 0.80.05
m/m m/m m/m m/m m/m
B
O
SCHEMATIC DIAGRAMG
Wi C
a
O
MATERIALSG
aO CoreG Ferrite DR core bO Wire G Enamelled copper wire ( Class F ) cO Lead G Sn/Ag/Cu dO Coating G Varnish eO RemarkG Products comply with RoHS' requirements
b c
1/4O
ELECTRICAL CHARACTERISTICSG
aO Temp. riseG 30J typ. at rated current. bO Storage temp.G -25J ---- +85J cO Operating temp.G -20J ---- +80J
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 2
RADIAL INDUCTOR ELECTRICAL CHARACTERISTICS G
DWG No. Inductance ( H ) 10 20% 15 20% 22 20% 33 20% 47 10% 68 10% 100 10% 150 10% 220 10% 330 10% 470 10% 680 10% 1000 10%
ABC'S DWG NO. ABC'S ITEM NO.
RC1010L-
1/2O
Test Freq. L 1V/1KHz 1V/1KHz 1V/1KHz 1V/1KHz 1V/1KHz 1V/1KHz 1V/1KHz 1V/1KHz 1V/1KHz 1V/1KHz 1V/1KHz 1V/1KHz 1V/1KHz
RC1010100ML - RC1010150ML - RC1010220ML - RC1010330ML - RC1010470KL - RC1010680KL - RC1010101KL - RC1010151KL - RC1010221KL - RC1010331KL - RC1010471KL - RC1010681KL - RC1010102KL - 1). 2)."-
SRF ( MHz ) typ. 16.0 14.0 11.5 8.5 7.0 5.5 5.0 4.2 3.2 2.6 2.2 2.0 1.6
RDC () max. typ. 0.023 0.017 0.028 0.020 0.040 0.029 0.050 0.037 0.070 0.053 0.098 0.076 0.128 0.100 0.220 0.165 0.320 0.245 0.460 0.350 0.620 0.492 0.940 0.745 1.300 1.060
Irms (A) typ. 4.80 4.30 3.60 3.20 2.60 2.15 1.90 1.45 1.20 1.00 0.85 0.70 0.60
Isat (A) typ. 4.80 4.00 3.30 3.00 2.50 2.00 1.70 1.40 1.10 0.95 0.80 0.64 0.56
":Reference code
Packaging information... AG Bulk
3). Irms base on temp. rise 30J typ. 4). Isat base on L/L0A=10% typ.
@ Inductance VS. DC Superposition Characteristics 10
4
103 Inductance ( uH )
102 331
10
2
101 330
10
1
100
100 10-2
100 10-1 DC Current ( A )
101
AR-001A
SPECIFICATION FOR APPROVAL
REF : PAGE: 3
PROD. NAME
RADIAL INDUCTOR DWGING NUMBER EXPRESSIONG
ABC'S DWG NO. ABC'S ITEM NO.
RC1010L-
3/4O
R
C
1
0
1
0 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1G Product Classification LG Lead Free Standard products comply with RoHS' requirements 1 ~ 9G Lead Free Special products comply with RoHS' requirements
Appendix code 2G Package Information Code A Inner package Box Inner package Q'TY 130 pcs Remark
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 4
RADIAL INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
RC1010L-
O
UL CARDG
OBMW2 Magnet Wire-Component
September 8, 2000 E174837
JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN
Mtl Dsg
AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002
Mark Dsg ____
____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____
BC
Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane
Coat Typ
____ ____ Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____
OC
ANSI Type
MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79
Temp Class
220 130 200 180 200 220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155
Page 1 of 2
A not-for-profit organization dedicated to public safety and committed to quality service
SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2
Mtl Dsg
Mark Dsg ____
____ ____ ____ ____ ____
Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane
BC
Coat Typ
Polyamide ____ ____ ____ Nylon Polyamide
OC
MW80C MW2-C ___ MW75C MW28-C MW28-C
ANSI Type
Temp Class
155 105 130 130 130 130
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks Recognized Component Mark. 1/2 or aPqu , material designation or marked designation on packaed or reel, and
See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
287806002
Page 2 of 2
OBMW2E174837 September 8 , 2000
AR-001A


▲Up To Search▲   

 
Price & Availability of RC1010681KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X