Part Number Hot Search : 
MLL5239B 300CA SMAJ58 300CA UPD45128 2SC2650 P6KE350 GBJ10
Product Description
Full Text Search
 

To Download Q0032768-SMQ32-125-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Quartz Crystal * SMQ32
SMD Tuning Fork Crystal * 13.2 x 4.9 mm
actual size 32.768 kHz standard reflow soldering temperature: 260 C max. package height 4.8 mm max.
2002/95/EC
RoHS compliant Pb free: pins / pads
RoHS
General Data
type frequency frequency tolerance at 25 C 5 C load capacitance CL temperature constant SMQ32 32.768 kHz (30.0 ~ 80.0 kHz on request) 20 ppm / 30 ppm 12.5 pF Std. (6 pF ~ 12.5 pF) -0.04 * 10-6 / C2 max. -0.034 * 10-6 / C2 typical frequency temperature characteristic f (ppm) = -0.04 ( 25 C - T )2 T = requested temperature operating tenperature range shunt capacitance Co series resistance max. ( ESR ) storage temperature drive level max. aging first year -20 C ~ +70 C / -40 C ~ +85 C 2 pF typical 33.0 k -40 C ~ +90 C 1 W < 5 ppm
Frequency Stability vs. Temperature
- 80 ppm -20 C ~ +70 C -40 C ~ +85 C STD. T1 - 160 ppm
*
*
*
standard
Marking
company code / 327 / date code date code: A ~ M: Jan.- Dec. 5: 2005 6: 2006 7: 2007
Jan. A July G
Febr. B Aug. H
Mar. C Sept. J
Apr. D Oct. K
May E Nov. L
June F Dec. M
Dimensions
3.40.1 1.80.1
#1 #2
3.00.1 1.00.2 2.40.1 #1 #2
4.40.1
#4
#3
#4 13.20.2
#3 2.00.1 6.70.1
9.40.1
#2 - #3: connected to housing
top view
side view
bottom view
crystal connection
pad layout
1.60.1
Terminals # 1 - # 4 X-tal # 2 - # 3 GND
4.90.2
4.50.3
in mm
Order Information
Q
Quartz
frequency
type
load capacitance
stability at 25 C 30 = 30 ppm 20 = 20 ppm
option
0.032768 MHz
SMQ32
6 pF ~ 12.5 pF 12.5 pF Std.
blank = -20 C ~ +70 C T1 = -40 C ~ +85 C
Example: Q 0.032768-SMQ32-12.5-20
(Suffix LF = RoHS compliant / Pb free pads)
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Quartz Crystal * SMQ32
Taping Specification
E F G H M
Reflow Soldering Profile
#1
temperature (C)
260 200 150 100
in mm
B
D
10 s max.
260 C max. 220 5 C 180 5 C 60 s max.
C
A
J Direction of feed
oK
N
60 ~180 s
50
1000 pcs per reel A 5.3 0.1 B 13.4 0.1 C 24.0 0.3 D E F o 1.5 0.1 G 2.0 0.1 H 4.0 0.1 J 8.0 0.1 K o2.5 0.05 M 0.3 0.05 N 5.5 0.1 11.5 0.1 1.75 0.1
time (s)
note: parts are also suitable for soldering systems with lead (Pb) content
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice


▲Up To Search▲   

 
Price & Availability of Q0032768-SMQ32-125-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X