Part Number Hot Search : 
080502MS DMN2004 LBS70A25 RGP30K GRM32D M8170 RF1119 ZMD33220
Product Description
Full Text Search
 

To Download Q0032768-SM26FA-125-20- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Quartz Crystal * SM26F
Tuning Fork Crystal * 2.0 x 6.0 mm
actual size 2 x 6 mm cylinder type reflow soldering temperature: 260 C max. package height: 2.1 / 3.25 mm max.
2002/95/EC
RoHS compliant
RoHS
General Data
type frequency frequency tolerance at 25 C 5 C load capacitance CL temperature constant SM26F 32.768 kHz (28.0 ~ 80.0 kHz on request)
Frequency Stability vs. Temperature
- 80 ppm -20 C ~ +70 C -40 C ~ +85 C STD. T1 - 160 ppm
*
20 ppm / 30 ppm 12.5 pF (6 pF ~ 12.5 pF) -0.04 * 10-6 / C2 max. -0.034 * 10-6 / C2 typical f (ppm) = -0.04 ( 25 C - T )2 T = requested temperature
*
*
standard
frequency temperature characteristic
Marking
Date code ( month / year ) date code: A ~ M: Jan.- Dec. 5: 2005 6: 2006 7: 2007
operating tenperature range shunt capacitance Co series resistance max. ( ESR ) storage temperature drive level max. aging first year
-20 C ~ +70 C / -40 C ~ +85 C 1.1 pF typical 50.0 k -40 C ~ +90 C 1 W < 5 ppm
Jan. A July G
Febr. B Aug. H
Mar. C Sept. J
Apr. D Oct. K
May E Nov. L
June F Dec. M
Dimensions type A
(1000 pcs per reel)
o 0.3050.03 1.70.1 1.90.1
pad layout
in mm
6.0+0.1/-0.2
2.10.2
3.40.1
o 2.00.1
2.90.3
3.25 max.
1.10.2
0.70.1 3.80.1
Dimensions type B
(1000 pcs per reel)
6.0+0.1/-0.2 3.00.2 2.50.1 1.750.1 2.50.1 2.54 o 2.00.1 o 0.3050.03 2.540.2 2.00.2 2.1 max. 0.70.1 6.00.1
pad layout
in mm
0.1
1.00.1
Order Information
Q
Quartz
frequency
type
load capacitance
stability at 25 C 30 = 30 ppm 20 = 20 ppm blank = T1 = A= B=
option
0.032768 MHz
SM26F A SM26F B
6 pF ~ 12.5 pF 12.5 pF Std.
-20 C ~ +70 C -40 C ~ +85 C lead type lead type
Example: Q 0.032768-SM26F-12.5-30-B
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
1.0
0.1


▲Up To Search▲   

 
Price & Availability of Q0032768-SM26FA-125-20-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X