Part Number Hot Search : 
DB105 12D12 MR2835 BAS70SS3 4ALVC 08226 BFR65 SPX1581U
Product Description
Full Text Search
 

To Download Q0032768-MMTF32-125-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Quartz Crystal * MMTF32
Tuning Fork Crystal * 2.0 x 6.0 mm
actual size 2 x 6 mm cylinder type 32.768 kHz standard
2002/95/EC
RoHS compliant Pb free: pins / pads
RoHS
General Data
type frequency frequency tolerance at 25 C 5 C load capacitance CL temperature constant MMTF32 32.768 kHz (28.0 ~ 80.0 kHz on request)
Frequency Stability vs. Temperature
- 80 ppm -20 C ~ +70 C -40 C ~ +85 C STD. T1 - 160 ppm
*
10 ppm / 20 ppm 10 pF / 12.5 pF (6 pF ~ 12.5 pF) -0.04 * 10-6 / C2 max. -0.034 * 10-6 / C2 typical f (ppm) = -0.04 ( 25 C - T )2 T = requested temperature
*
*
standard
frequency temperature characteristic
Marking
Date code ( month / year ) date code: A ~ M: Jan.- Dec. 5: 2005 6: 2006 7: 2007
operating tenperature range shunt capacitance Co series resistance max. ( ESR ) storage temperature drive level max. aging first year
-20 C ~ +70 C / -40 C ~ +85 C 1.1 pF typical 30.0 k -40 C ~ +90 C 1 W < 5 ppm
Jan. A July G
Febr. B Aug. H
Mar. C Sept. J
Apr. D Oct. K
May E Nov. L
June F Dec. M
Dimensions
Wave Soldering Profile
bath temperature (C)
260 200 150 100 50 0 ca. 3.5 C/s ca. 2.0 C/s ca. 5.0 C/s
2.0+0.1/-0.2
o 0.280.05
0.70.2
6.0+0.1/-0.2
7.51.0
in mm
20
60
100
140
180
220
time (seconds)
Mounting
Mounting: if the crystal should be mounted vertically to your board (see picture), do not directly solder the metal can. The crystal may be overheated by the direct heat flow. Please use glue (hot-melt adhesive) or mechanical clamping to fasten the metal can.
glue
crystal PC board
heat isolating material
Order Information
Q
Quartz
frequency
type
load capacitance
stability at 25 C 20 = 20 ppm 10 = 10 ppm
option
0.032768 MHz
MMTF32
6 pF ~ 12.5 pF 10.0 pF Std. 12.5 pF Std.
blank = -20 C ~ +70 C T1 = -40 C ~ +85 C
Example: Q 0.032768-MMTF32-12.5-30
(Suffix LF = RoHS compliant / Pb free pads)
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice


▲Up To Search▲   

 
Price & Availability of Q0032768-MMTF32-125-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X