Part Number Hot Search : 
CB8F1R0E ZPD82 SY889 SML4734 03PBF BR3060 74HCT40 BJ100
Product Description
Full Text Search
 

To Download PPC-EXP-L106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PPC-L106T
10.4" Fanless Panel PC with AMD GeodeTM LX 800 (500 MHz) Processor Features
10.4" TFT LCD AMD GeodeTM LX 800 (500 MHz) CPU on board System memory up to 1 GB SDRAM (256 MB default built-in) One CompactFlash Type I/II socket (True IDE Mode) 10/100 Mbps Ethernet or Dual LAN (Optional) Fanless and ultra-low power consumption Optional PCI/ISA expansion kit Automatic data flow control over RS-485
Introduction
PPC-L106T fanless Panel PC supports the low power AMD Geode LX 800 (500 MHz) processor. It is a powerful and compact Panel PC, ideally suited for operator interface (HMI) applications. Its 10.4" 800 x 600 display, 1 GB SDRAM capacity and auto-sensing 10/100 Mbps Ethernet controller make it the ideal choice for many applications. It is great, for example, for thin clients, health care and other networked environments, and of course traditional process control in industrial automation.
Specifications
CPU Memory Chipset BIOS SSD HDD Watchdog Timer Bus Expansion Dimensions (W x H x D) Weight Microsoft Serial Ports Parallel Ports Keyboard/Mouse Ports VGA Sound Ethernet USB Ports LCD Type Resolution/Colors Pixel Pitch (mm) Luminance (cd/m2) Viewing Angle VR Adjustment Simultaneous Mode Backlight MTBF Output Rating Input Voltage Output Voltage Type Light Transmission Controller Software Driver Durability (Touches) Onboard AMD Geode LX 800 (500 MHz) 1 x 200-pin SODIMM socket that accepts a 256/512/1204 MB DDR 266/333 Standard is built-in 256 MB AMD Geode CX5536 4 Mbit Flash BIOS 1 x Type II CompactFlash, build in 64MB in PPC-L106T-CE-RTE 1 x internal IDE interface, 2.5" drive 255 timer levels; setup by software 1 x optional PCI/ISA expansion kit 1 x Mini PCI socket 342 x 265 x 92.4 mm (13.5" x 10.4" x 3.64") 3.2 kg (7.1 lbs) Windows XPE, CE, XP 3 x RS-232, 1 x RS-232/422/485 (COM 2) 1 x SPP/EPP/ECP port PS/2 interface Supports simultaneous CRT displays Mic-in/Line-out 10/100 Mbps, Dual LAN (Optional) 2 external USB 2.0, 2 internal USB 2.0 10.4" color TFT LCD 800 x 600 @ 262 K 0.264 x 0.264 230 60 (left), 60 (right), 35 (up), 60 (down) Yes Yes 20,000 hrs (min.) 65 W 100 ~ 240 VAC @ 50/60 Hz, autoranging +5 V @ 3.5 A, +12 V @ 4 A Analog resistive, continuous resolution 80% RS-232 interface (COM 4) Optional USB interface Supports Windows XP, CE 35 million
Processor System
OS Support
Complete I/O Ports
LCD Display
Power Supply
Touchscreen (optional)
Online Download www.advantech.com/products
PPC-L106T Dimensions
342.00 (13.5") 315.00 (12.4") 265.00 (10.4")
Unit: mm (inch)
244.00 (9.6")
310.00 (12.2")
Specifications
Environmental Specifications Operating Temperature Relative Humidity Shock (Operating) EMC Safety Front Panel Protection Vibration 0 ~ 45 C (32 ~ 113 F) 10 ~ 95% @ 40 C (non-condensing) 10 G peak acceleration (11 ms. duration) CE, FCC Class B, BSMI UL, CE, 3C, BSMI IP65/NEMA 4 compliant 1G
Ordering Information
Part No. PPC-L106T-070-XE PPC-L106T-R70-XE PPC-L106T-CE-RTE PPC-105 Rack MT PPC-ARM-A03 PPC-174 WL-MT PPC-EXP-L106 989KL12709E 1702002600 1702002605 Description AMD Geode LX 800 500 MHz processor-based fanless Panel PC with 10.4 TFT LCD (Built-in 256 MB DRAM) PPC-L106T-070-XE with resistive touchscreen PPC-L106T-070-XE with resistive touchscreen PPC-L106T with Windows CE.NET (English) on 64 MB CompactFlash 19" Rack Mounting kit for PPC-103/105/L106T VESA Standard ARM for PPC series Wall mount kit for PPC-174T PCI/ISA expansion kit for PPC-L106T Wireless LAN module for PPC-L127, PPC-L106 POWER Cable UL/CSA (USA) 180D 125V10A 1.83M POWER CABLE 90D 220VEUROPEAN 250V/6A (FRANCE1.8M)
61.50 (2.4")
88.90 (3.5")
Feature Details
Various applications for the PPC-L106T
PPC-L106T's back panel I/O and integrated all-in-one single board computer make it the ideal choice to control a dedicated system in a wide variety of applications. Applications include: Control or data entry operator interfaces Information management and retrieval terminals Entertainment management systems Point of sale (POS) terminals Banking/office automation
Slim and compact PC terminal with LCD
The PPC-L106T is the most versatile 10.4" LCD PC available. The slim chassis fits anywhere and can be mounted in several different configurations. It can be panel mounted, wall mounted or placed upright on a desktop. Integrating the PPC-L106T into a custom system is made simple through its open-system design and comprehensive back panel I/O interface.
Fully-Integrated I/O
A B C D
E
F
G
H
I
J
A. Power switch B. Parallel port C. PS/2 mouse & keyboard D. Mic-in/Line-out E. AC inlet
F. COM ports G. COM ports H. VGA port I. USB ports V2.0 J. Ethernet
Panel PCs
All product specifications are subject to change without notice Last updated : 24-Mar-2009
247.00 (9.7")


▲Up To Search▲   

 
Price & Availability of PPC-EXP-L106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X