Part Number Hot Search : 
SMCJ43 4HCT3 CA14461 RT9228GS 00118 BUW84 00029 10A12
Product Description
Full Text Search
 

To Download PDV-P8105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CdS Photoconductive Photocells PDV-P8105
PACKAGE DIMENSIONS [mm] [mm] PACKAGE DIMENSIONS INCH INCH
.010 [0.25] .169 [4.29] +.015 [0.38] -.010 [0.25] .079 [2.00] EPOXY ON LEADS 3 mm MAX 2X O.016 [0.40]
.134 [3.40]
.010 [0.25] O.200 [5.08]
PLASTIC COATED 2X 1.023 [26.0]
CERAMIC PACKAGE
FEATURES
* Visible light response * Sintered construction * Low cost
DESCRIPTION
The PDV-P8105 are (CdS), Photoconductive photocells designed to sense light from 400 to 700 nm. These light dependent resistors are available in a wide range of resistance values. They're packaged in a two leaded plastic-coated ceramic header.
APPLICATIONS
* Camera exposure * Shutter controls * Night light Controls
ABSOLUTE MAXIMUM RATING (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL Vpk Pd po/t TO TS PARAMETER Applied Voltage Continuous Power Dissipation Operating and Storage Temperature Soldering Temperature* -30 MIN MAX 150 100 +75 +260 UNITS V mW/C C C
* 0.200 inch from base for 3 seconds with heat sink.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL RD RI S lrange lpeak tr Tf CHARACTERISTIC Dark Resistance Illuminated Resistance TEST CONDITIONS MIN 2.5 50 0.85 400 520 60 25 700 TYP MAX 94 After 10 sec. @ 10 Lux @ 2856 K 10 Lux @ 2856 K LOG(R100)-LOG(R10)** Sensitivity LOG(E100)-LOG(E10)*** Spectral Application Range Flooded Spectral Application Range Flooded Rise Time 10 Lux @ 2856 K Fall Time After 10 Lux @ 2856 K UNITS MW KW W/Lux nm nm ms ms
**R100, R10: cell resistances at 100 Lux and 10 Lux at 2856 K respectively . ***E100, E10: luminances at 100 Lux and 10 Lux 2856 K respectively.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are subject to change without notice. REV 3/30/06


▲Up To Search▲   

 
Price & Availability of PDV-P8105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X