Part Number Hot Search : 
PA424 MMSZ5234 FB4110 49F002 2750060 LTC1666 LC66562B FN3158
Product Description
Full Text Search
 

To Download PBA1000F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Unit type
Ordering information
PB
PBA1000F
R
PB
1 2
A
1000
3 4
F
5
-5
6
-O
Recommended Noise Filter NAC-20-472
High voltage pulse noise type : NAP series Low leakage current type : NAM series
*The Noise Filter is recommended *to connect with several devices.
1Series name 2Single output 3Output wattage 4Universal input 5Output voltage 6Optional C :with Coating G :Low leakage current U :Operation stop voltage is set at a lower value F1 :With Long-Life fan F3 :Reverse air exhaust type F4 :Low speed fan
Refer to instruction manual 7.1.
MODEL MAX OUTPUT WATTAGE[W] DC OUTPUT PBA1000F-3R3 660 ACIN 100V 3.3V 200A ACIN 200V*3 3.3V 200A PBA1000F-5 1000 5V 200A 5V 200A PBA1000F-7R5 1005 7.5V 134A 7.5V 134A PBA1000F-12 1056 12V 88A 12V 88A PBA1000F-15 1050 15V 70A 15V 70A PBA1000F-24 1056 24V 44A 24V 44(51)A PBA1000F-36 1044 36V 29A 36V 29A PBA1000F-48 1056 48V 22A 48V 22A
SPECIFICATIONS
MODEL VOLTAGE[V] CURRENT[A] FREQUENCY[Hz] INPUT ACIN 100V ACIN 200V ACIN 100V POWER FACTOR ACIN 200V ACIN 100V INRUSH CURRENT[A] ACIN 200V LEAKAGE CURRENT[mA] VOLTAGE[V] ACIN 100V CURRENT[A] ACIN 200V*3 LINE REGULATION[mV] LOAD REGULATION[mV] 0 to +50C *1 RIPPLE[mVp-p] -20 - 0C *1 0 to +50C *1 RIPPLE NOISE[mVp-p] -20 - 0C *1 0 to +50C *1 TEMPERATURE REGULATION[mV] -20 to +50C *1 DRIFT[mV] *2 START-UP TIME[ms] HOLD-UP TIME[ms] OUTPUT VOLTAGE ADJUSTMENT RANGE[V] OUTPUT VOLTAGE SETTING[V] OVERCURRENT PROTECTION OVERVOLTAGE PROTECTION[V] *4 OPERATING INDICATION REMOTE SENSING REMOTE ON/OFF INPUT-OUTPUT -RC INPUT-FG OUTPUT-RC-AUX-FG OUTPUT-RC -AUX OPERATING TEMP.,HUMID.AND ALTITUDE STORAGE TEMP.,HUMID.AND ALTITUDE VIBRATION IMPACT AGENCY APPROVALS (At only AC input) CONDUCTED NOISE CE MARKING HARMONIC ATTENUATOR CASE SIZE/WEIGHT COOLING METHOD EFFICIENCY[%] ACIN 100V ACIN 200V PBA1000F-3R3 PBA1000F-5 PBA1000F-7R5 PBA1000F-12 PBA1000F-15 PBA1000F-24 PBA1000F-36 AC85 - 264 1f or DC120 - 350 (AC50 or DC70 Please refer to the instruction manual 7. option *5) 9typ 13typ 5typ 7typ 50/60 (47 - 63) 74typ 79typ 80typ 82typ 82typ 84typ 84typ 76typ 81typ 83typ 84typ 84typ 86typ 86typ 0.98typ (Io=100%) 0.95typ (Io=100%) 20/40typ (Io=100%) (Primary inrush current /Secondary inrush current) (More then 10 sec. to re-start) 40/40typ (Io=100%) (Primary inrush current /Secondary inrush current) (More then 10 sec. to re-start) 0.5/1.0max (ACIN 100V/240V 60Hz, Io=100%, According to IEC60950-1, DENAN) 3.3 5 7.5 12 15 24 36 200 200 134 88 70 44 29 200 200 134 88 70 44(51) 29 20max 20max 36max 48max 60max 96max 144max 40max 40max 60max 100max 120max 150max 150max 80max 80max 120max 120max 120max 120max 150max 140max 140max 160max 160max 160max 160max 160max 120max 120max 150max 150max 150max 150max 200max 160max 160max 180max 180max 180max 180max 240max 40max 50max 75max 120max 150max 240max 360max 60max 75max 120max 180max 180max 290max 440max 12max 20max 30max 48max 60max 96max 144max 400typ(ACIN 100/200V, Io=100%) *Start-up time is 500ms typ for less than 1minute of applying input again from turning off 20typ (ACIN 100/200V, Io=100%) 2.64 - 3.96 3.96 - 6.00 5.25 - 8.25 8.25 - 13.20 10.50 - 16.50 16.50 - 26.40 25.20 - 39.60 3.30 - 3.40 5.00 - 5.15 7.50 - 7.80 12.00 - 12.48 15.00 - 15.60 24.00 - 24.96 36.00 - 37.44 Works over 105% of rated current or 101% of peak current and recovers automatically Vo+0.66 - 1.32 Vo+1.0 - 2.0 Vo+1.5 - 3.0 Vo+2.4 - 4.8 Vo+3.0 - 6.0 Vo+4.8 - 9.6 Vo+7.2 - 14.4 LED (Green) Provided Provided AC3,000V 1minute, Cutoff current = 25mA, DC500V 50MWmin (At Room Temperature) AC2,000V 1minute, Cutoff current = 25mA, DC500V 50MWmin (At Room Temperature) AC500V 1minute, Cutoff current = 100mA, DC500V 50MWmin (At Room Temperature) AC100V 1minute, Cutoff current = 100mA, DC100V 50MWmin (At Room Temperature) -20 to +71C (Required Derating), 20 - 90%RH (Non condensing) 3,000m (10,000feet) max -20 to +75C, 20 - 90%RH (Non condensing) 3,000m (10,000feet) max 10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis 196.1m/s2 (20G), 11ms, once each X, Y and Z axis UL60950-1, C-UL(CSA60950-1), EN60950-1, EN50178 Complies with DEN-AN Complies with FCC Part15 classB, VCCI-B, CISPR22-B, EN55011-B, EN55022-B Low Voltage Directive, EMC Directive Complies with IEC61000-3-2 150X61X240mm (without terminal block and screw) (WXHXD) /2.2kg max Forced cooling (internal fan)
in detail. *4 Overvoltage protection circuit to follow to output voltage setting. *5 Derating is required.Consult us for details. * A sound may occur from power supply at pulse loading.
PBA1000F-48
84typ 86typ
OUTPUT
48 22 22 192max 300max 150max 400max 200max 500max 480max 600max 192max the input voltage. 38.40 - 56.00 48.00 - 49.92 Vo+4.8 - 12.0
PROTECTION CIRCUIT AND OTHERS
ISOLATION
ENVIRONMENT
SAFETY AND NOISE REGULATIONS OTHERS
*1 Measured by 20MHz oscilloscope or Ripple-Noise meter(equivalent to KEISOKU-GIKEN :RM101). Ripple and ripple noise is measured on measuring board with capacitor of 22mF within 150mm from the output terminal. *2 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C. *3 () means peak current. Peak loading for 10s. And Duty 35% max, refer to Instruction manual
A-22
Distribution: RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
PBA1000F
Block diagram
PB
AC IN 85 - 264V
FUSE 250V30A
NOISE FILTER
RECTIFIER
INRUSH CURRENT LIMIT
FG
INVERTER
RECTIFIER AND FILTER THERMAL PROTECTION
DC OUT M(MONITOR)
CURRENT SENSING ACTIVE FILTER SWITCHING DEVICE RECTIFIER AND FILTER CURRENT SENSING CONTROL
OVER VOLTAGE PROTECTION
CONTROL
S(REMOTE SENSING) RC(REMOTE ON / OFF)
VOLTAGE SENSING
MASTER SLAVE CONTROL VOLTAGE SENSING INTERNAL REGURATOR FAN ALARM
VB(VOLTAGE BALANCE) CB(CURRENT BALANCE)
CONTROL
PG(POWER GOOD) AUX(12 V 0.1A)
External view
M4 15.85
Name plate 13 9 (7.5) Input terminal cover 25max
4-M4 Mounting Hole (Bottom sides) 20
10
104.75
AC(L) AC(N) FG( )
CN3 CN2
79
Output terminal(+) 51.25
2.5
Output terminal(-)
(24)
CN3 CN2 CN1
Output voltage adjustable potentiometer LED
29 (35)
165 0.5 240
6max
2-M4 2-9 (18) (25)
8-M4 Mounting Hole (Both sides) 380.5 AIR FLOW 61
Tolerance : 1 7 13 Mass : 2.2kg or less PCB Material/thickness : FR-4 / 1.6mm Chassis material : Aluminum Dimensions in mm Mounting torque : 1.2N * m(12.8kgf * cm)max Screw tighting torque : 1.6N * m(16.9kgf * cm)max The housing for the remote sensing unused is mounted on CN1 Please conect earth to FG terminal on the unit.
29
1650.5
Distribution: RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

11.5
1100.5 150
Anderungen vorbehalten / subject to change without notice
AC (L) AC (N) FG
H V.ADJ CN1
Name plate
A-23


▲Up To Search▲   

 
Price & Availability of PBA1000F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X