Part Number Hot Search : 
TSM0505D B002B G1085 120EC FLL351ME 2SA1008 FIN1019 LH5P8129
Product Description
Full Text Search
 

To Download OISA1310PLT11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Polarization Insensitive Fiber Isolator Array (Single Stage)
OISA Series
Features Wide Operating Wavelength Range and Temperature Range Low Insertion Loss High Isolation Ultra Low PDL & Option for Ultra Low PMD Highly Stable & Reliable Epoxy-Free Optical Path Compact Package Size
CH1 CH2 CH3 L CH1 CH2 CH3
Polarization Insensitive Fiber Isolator Array (Single Stage)
Oplink's single-stage, multi-port isolator is an array device with the identical package size of a single-port isolator. It offers port options of dual or triple ports on both input and output sides. The Oplink isolator array minimizes back reflection and back scattering in the reverse direction for any state of polarization. It features low cost with high performance including low insertion loss, low channel cross talk, high return loss, low polarization dependent loss (PDL) and low polarization mode dispersion (PMD). Oplink's innovative array solution provides significant space savings in EDFA array or multistage EDFA applications.
Applications EDFA & Raman Amplifiers CATV Fiberoptic Links WDM Systems Fiberoptic Instruments Transmitters and Fiber Lasers Laboratory R&D Arrayed Modules
Performance Specifications
OISA Series Premium Grade A Unit
Operating Wavelength Range
131015 or 148015 or 15281564 or 15701605 < 0.8 > 21 < 0.15 > 50 <0.25 < 0.05 2000 > 55 0 to +70 -40 to +85 () 5.5 x (L) 34 Ch.2 = Black
nm dB dB dB dB ps ps mW dB C C mm
Oplink Fiber Optic Product Lines
Amplifier Components Amplifier Modules DW DMs Switching/Routing/ Monitoring/ Conditioning Transmission RGB Laser Modules
Insertion Loss < 0.6 Isolation (over wavelength range, 070C, all SOP) > 22 Polarization Dependent Loss < 0.1 Return Loss Polarization Mode Dispersion (Regular) Polarization Mode Dispersion (Low PMD) Maximum Power Handling Channel Crosstalk Operating Temperature Storage Temperature Package Dimensions Pigtail Coloring (both sides) Ch.1 = Red
Ch.3 = Clear
Values are referenced without connector loss. * The mechanical tolerance should be +/- 0.2 mm on all package dimensions unless otherwise custom specified.
Oplink Communications, Inc.
Polarization Insensitive Fiber Isolator Array (Single Stage)
Ordering Information
Oplink custom designs and manufactures high performance fiber optic networking components and integrated optical modules. Oplink can provide a remarkable range of customized optical solutions to meet your specific design needs. By combining our technical expertise with our extensive micro-optic manufacturing and packaging capability, your your volume requirements for components and customized integrated products can be met. We are happy to discuss your requirements. Please contact Oplink's OEM Design Team or Sales Representative for ordering and price information (510) 933-7200.
OISA
Wavelength 1310 nm=1310 1480 nm=1480 1550 nm=1550 1585 nm=1585 Grade P Grade=P A Grade=A Port Number Triple=T Dual=D Fiber Length 1.0 Meter=1* 1.5 Meters=5 2.0 Meters=2 Connector Type None=1 FC/PC=2 FC/SPC=3 FC/APC=4 SC/PC=5 SC/SPC=6 SC/APC=7 ST=8 LC=9 MU=A
PMD Options Standard=S Low PMD =L
Fiber Type 250 m SMF-28=1 Package Type P1=1
* 1 meter is standard. The lead time for special fiber length will be longer.
46335 Landing Parkway Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com


▲Up To Search▲   

 
Price & Availability of OISA1310PLT11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X