Part Number Hot Search : 
BA604 C2434S 140SA1 1N3050D AP4056 OPN20 TORX177 BT301
Product Description
Full Text Search
 

To Download NBB-X-K1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NLB-310Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
NLB-310
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
RoHS Compliant & Pb-Free Product Package Style: Micro-X, 4-Pin, Plastic
Features
Reliable, Low-Cost HBT Design 12.7dB Gain, +12.6dBm P1dB@2GHz High P1dB of +14.9dBm@6.0GHz and +13.1dBm@10.0GHz Single Power Supply Operation 50 I/O Matched for High Freq. Use
GND 4 MARKING - N6
RF IN 1
3 RF OUT
2 GND
Applications
Narrow and Broadband Commercial and Military Radio Designs Linear and Saturated Amplifiers Gain Stage or Driver Amplifiers for MWRadio/Optical Designs (PTP/PMP/ LMDS/UNII/VSAT/WLAN/Cellular/DWDM)
Functional Block Diagram
Product Description
The NLB-310 cascadable broadband InGaP/GaAs MMIC amplifier is a lowcost, high-performance solution for general purpose RF and microwave amplification needs. This 50 gain block is based on a reliable HBT proprietary MMIC design, providing unsurpassed performance for small-signal applications. Designed with an external bias resistor, the NLB-310 provides flexibility and stability. The NLB-310 is packaged in a low-cost, surface-mount plastic package, providing ease of assembly for high-volume tape-and-reel requirements.
Ordering Information
NLB-310Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
NLB-310 NLB-310-T1 NLB-310-E NBB-X-K1
Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz Tape & Reel, 1000 Pieces Fully Assembled Evaluation Board Extended Frequency InGaP Amp Designer's Tool Kit
Optimum Technology Matching(R) Applied
GaAs HBT GaAs MESFET InGaP HBT SiGe BiCMOS Si BiCMOS SiGe HBT GaAs pHEMT Si CMOS Si BJT GaN HEMT RF MEMS
RF MICRO DEVICES(R), RFMD(R), Optimum Technology Matching(R), Enabling Wireless ConnectivityTM, PowerStar(R), POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. (c)2006, RF Micro Devices, Inc.
Rev A8 DS060412
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
1 of 8
NLB-310
Absolute Maximum Ratings Parameter
RF Input Power Power Dissipation Device Current Channel Temperature Operating Temperature Storage Temperature
Rating
+20 300 70 200 -45 to +85 -65 to +150
Unit
dBm mW mA C C C
The information in this publication is believed to be accurate and reliable. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended application circuitry and specifications at any time without prior notice. RoHS status based on EUDirective2002/95/EC (at time of this document revision).
Caution! ESD sensitive device.
Exceeding any one or a combination of these limits may cause permanent damage.
Parameter
Overall
Small Signal Power Gain, S21
Min.
12.0
Specification Typ.
12.7 10.7 10.0
Max.
Unit
dB dB dB dB dB dB
Condition
VD =+4.6V, ICC =50mA, Z0 =50, TA =+25C f=0.1GHz to 1.0GHz f=1.0GHz to 4.0GHz f=4.0GHz to 6.0GHz f=6.0GHz to 10.0GHz f=10.0GHz to 12.0GHz f=5.0GHz to 10.0GHz f=0.1GHz to 4.0GHz f=4.0GHz to 7.0GHz f=7.0GHz to 11.0GHz f=0.1GHz to 4.0GHz f=4.0GHz to 7.0GHz f=7.0GHz to 11.0GHz
8.5 Gain Flatness, GF Input VSWR
9.7 9.6 0.3 1.6:1 1.75:1 1.6:1
Output VSWR
1.5:1 1.8:1 1.6:1
Output Power @ -1dB Compression, P1dB
12.6 14.9 13.1
dBm dBm dBm dB dBm dB 4.8 V dB/C
f=2.0GHz f=6.0GHz f=10.0GHz f=3.0GHz f=2.0GHz f=6.0GHz f=0.1GHz to 20.0GHz
Noise Figure, NF Third Order Intercept, IP3 Reverse Isolation, S12 Device Voltage, VD Gain Temperature Coefficient, GT/T 4.4
5.0 +28.9 +27.9 -17 4.6 -0.0015
MTTF versus Temperature @ ICC =50mA
Case Temperature Junction Temperature MTTF 85 125 >1,000,000 174 C C hours C/W
Thermal Resistance
JC
J T - T CASE -------------------------- = JC ( C Watt ) V D I CC
2 of 8
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A8 DS060412
NLB-310
Pin 1 Function RF IN Description
RF input pin. This pin is NOT internally DC blocked. A DC blocking capacitor, suitable for the frequency of operation, should be used in most applications. DC coupling of the input is not allowed, because this will override the internal feedback loop and cause temperature instability. Ground connection. For best performance, keep traces physically short and connect immediately to ground plane. RF output and bias pin. Biasing is accomplished with an external series resistor and choke inductor to VCC. The resistor is selected to set the DC current into this pin to a desired level. The resistor value is determined by the following equation:
Interface Schematic
2 3
GND RF OUT
RF OUT
( V CC - V DEVICE ) R = -----------------------------------------I CC
Care should also be taken in the resistor selection to ensure that the current into the part never exceeds maximum datasheet operating current over the planned operating temperature. This means that a resistor between the supply and this pin is always required, even if a supply near 5.0V is available, to provide DC feedback to prevent thermal runaway. Because DC is present on this pin, a DC blocking capacitor, suitable for the frequency of operation, should be used in most applications. The supply side of the bias network should also be well bypassed.
RF IN
4
GND
Same as pin 2.
Package Drawing
Symbol
B
MILLIMETERS
Min. Nom. Max. Min. 0.535 REF. 2.39 2.54 2.69 0.436 0.510 0.586 2.19 2.34 2.49 1.91 2.16 2.41 1.32 1.52 1.72 0.10 0.15 0.20 0.535 0.660 0.785 0.05 0.10 0.15 0.65 0.75 0.85 0.85 0.95 1.05 4.53 4.68 4.83 4.73 4.88 5.03
INCHES
Nom. Max. 0.021 REF. 0.094 0.100 0.106 0.017 0.020 0.023 0.086 0.092 0.098 0.075 0.085 0.095 0.052 0.060 0.068 0.004 0.006 0.008 0.021 0.026 0.031 0.002 0.004 0.006 0.025 0.029 0.033 0.033 0.037 0.041 0.178 0.184 0.190 0.186 0.192 0.198
D 4M A
C N5 1 2 3 4 5
A B C D E F G H J K L M N
E
6 0.08 S Seating Plane
NOTE: All dimensions are in millimeters, and the dimensions in inches are for reference only.
F 1J G
2
H
Gauge Plane
S
0.1
L3
Kx3
Rev A8 DS060412
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
3 of 8
NLB-310
Typical Bias Configuration
Application notes related to biasing circuit, device footprint, and thermal considerations are available on request.
VCC RCC
4 In 1 C block 2 3
L choke
(optional)
Out C block VDEVICE
Recommended Bias Resistor Values
Supply Voltage, VCC (V) Bias Resistor, RCC () 8 60 10 100 12 140 15 200 20 300
4 of 8
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A8 DS060412
NLB-310
Extended Frequency InGaP Amplifier Designer's Tool Kit NBB-X-K1
This tool kit was created to assist in the design-in of the RFMD NBB- and NLB-series InGap HBT gain block amplifiers. Each tool kit contains the following. * * * * 5 each NBB-300, NBB-310 and NBB-400 Ceramic Micro-X Amplifiers 5 each NLB-300, NLB-310 and NLB-400 Plastic Micro-X Amplifiers 2 Broadband Evaluation Boards and High Frequency SMA Connectors Broadband Bias Instructions and Specification Summary Index for ease of operation
Rev A8 DS060412
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
5 of 8
NLB-310
Tape and Reel Dimensions
All Dimensions in Millimeters
T A B D O S
F
14.732 mm (7") REEL ITEMS Diameter FLANGE Thickness Space Between Flange Outer Diameter Spindle Hole Diameter Key Slit Width Key Slit Diameter Plastic, Micro-X SYMBOL SIZE (mm) B 178 +0.25/-4.0 T F O S A D 18.4 MAX 12.8 +2.0 SIZE (inches) 7.0 +0.079/-0.158 0.724 MAX 0.50 +0.08
HUB
76.2 REF 3.0 REF 13.716 +0.5/-0.2 0.540 +0.020/-0.008 1.5 MIN 20.2 MIN 0.059 MIN 0.795 MIN
LEAD 1
N3
N3 All dimensions in mm
User Direction of Feed
N3
N3
4.0
SEE NOTE 1
0.30 0.05 R0.3 MAX.
2.00 0.05
SEE NOTE 6
5.0
+0.1 -0.0
A
1.75
5.0 MIN. B1 Bo
5.50 0.05
SEE NOTE 6
12.0 0.3
Ko SECTION A-A
3.0 Ao
A1
8.0
A
R0.3 TYP.
NOTES: 1. 10 sprocket hole pitch cumulative tolerance 0.2. 2. Camber not to exceed 1 mm in 100 mm. 3. Material: PS+C. 4. Ao and Bo measured on a plane 0.3 mm above the bottom of the pocket. 5. Ko measured from a plane on the inside bottom of the pocket to the surface of the carrier. 6. Pocket position relative to sprocket hole measured as true position of pocket, not pocket hole.
Ao = 7.0 MM A1 = 1.8 MM Bo = 7.0 MM B1 = 1.3 MM Ko = 2.1 MM
6 of 8
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A8 DS060412
NLB-310
S11 versus Frequency, Over Temperature
0.0 14.0 13.0 -5.0 12.0 11.0 10.0 -10.0 9.0
S21 versus Frequency, Over Temperature
S11 (dB)
S21 (dB)
8.0 7.0 6.0 5.0 4.0 3.0 S21, +25C 2.0 1.0 0.0 S21, -40C S21, +85C 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0
-15.0
-20.0
-25.0
S11, +25C S11, -40C S11, +85C
-30.0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0
Frequency (GHz)
Frequency (GHz)
S12 versus Frequency, Over Temperature
0.0 S12, +25C -2.0 -4.0 -10.0 -6.0 -8.0 -15.0 S12, -40C S12, +85C -5.0 0.0
S22 versus Frequency, Over Temperature
S12 (dB)
S22 (dB)
-10.0 -12.0 -14.0
-20.0
-25.0
-30.0 -16.0 -18.0 -20.0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 -35.0 S22, +25C S22, -40C S22, +85C 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0
-40.0
Frequency (GHz)
Frequency (GHz)
Output P1dB versus Frequency Across Temperature
16.0 8.0
Noise Figure versus Frequency at +25C
14.0
7.0
12.0
6.0
Output P1dB (dBm)
10.0
Noise Figure (dB)
25C 40C 85C 0.0 2.0 4.0 6.0 8.0 10.0 12.0
5.0
8.0
4.0
6.0
3.0
4.0
2.0
2.0
1.0
0.0
0.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0
Frequency (GHz)
Frequency (GHz)
Rev A8 DS060412
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
7 of 8
NLB-310
Note: The s-parameter gain results shown include device performance as well as evaluation board and connector loss variations. The insertion losses of the evaluation board and connectors are as follows: 1GHz to 4GHz=-0.06dB
5GHz to 9GHz=-0.22dB 10GHz to 14GHz=-0.50dB 15GHz to 20GHz=-1.08dB
8 of 8
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A8 DS060412


▲Up To Search▲   

 
Price & Availability of NBB-X-K1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X