Part Number Hot Search : 
520003 S4F42Q1 CS435207 CS435207 LRD07 MB89915 SC312 030AA
Product Description
Full Text Search
 

To Download MTZJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTZJ SERIES
Pb
RoHS
COMPLIANCE
500mW Hermetically Sealed Glass Zener Diodes
DO-34
Features
Zener voltage range 2.0 to 39 volts DO-34 package (JEDEC DO-204) Through-hole device type mounting Hermetically sealed glass Compression bonded construction All external surfaces are corrosion resistant and leads are readily solderable RoHS compliant Solder hot dip Tin (Sn) lead finish Cathode indicated by polarity band
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Power Dissipation Lead temperature (1/16" from case for 10 seconds) Operating Junction Temperature Storage Temperature Range
Symbol Pd Lt TJ TSTG
Value 500 230 + 175 -65 to + 200
Units mW O C
O O
C C
Version: A07
RATINGS AND CHARACTERISTIC CURVES (MTZJ SERIES)
10
1
ZENER CURRENT:Iz(mA)
0.1
4.7 4.3 0.01 3.9
5.1
5.6
6.8
6.2 7.5 8.2 9.1 10 11 12 13
3.6
15
16
18
20
22
24
27
30
33
36
39
0.001 0 5 10 15 20 ZENER VOLTAGE:Vz(V) Vz-Iz CHARACTERISTICS 25 30 35 40
600 POWER DISSIPATION:Pd(mW) 500 400 300 200 100 0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE:Ta() Pd-TaCHARACTERISTICS 0.1 0.08 TEMP.COEFFICIENCE:z(/) 0.06 0.04 0.02 0 -0.02 -0.04 -0.06 -0.08 0 10 20 30 ZENER VOLTAGEVz(V) z-Vz CHARACTERISTICS 40 0 -5 20 15 10 5 30 25
10000 PRSM t
REVERSE SURGE MAXIMUM POWER:PRSM(W)
1000
100
10
1 0.001
0.01
0.1
1
10
100
TIME:t(ms) PRSM-TIME CHARACTERISTICS 1000 Rth(j-a)
TRANSIENT THAERMAL IMPEDANCE:Rth (/W)
TEMP.COEFFICIENCE:z(mV/)
100
Rth(j-c)
10
Mounted on epoxy board IM=10mA 1ms time 300us IF=100mA
1
0.1 0.001
0.01
0.1 1 10 100 TIME:t(s) Rth-t CHARACTERISTICS
1000
Version: A07
RATINGS AND CHARACTERISTIC CURVES (MTZJ SERIERS )
10
Ta=25
10000 1000
REVERSE CURRENT:IR (nA)
Ta=125
Ta=175 Ta=125 Ta=75 Ta=25
1000 f=1MHz CAPACITANCE BETWEEN TERMINALS:Ct(pF)
ZENER CURRENT:Iz(mA)
1
100 10 1 0.1 0.01 0.001
Ta=-25
100
0.1
Ta=-25
Ta=75
10
0.01
Ta=175
0.001 19 21 23 ZENER VOLTAGE:Vz(V) Vz-Iz CHARACTERISTICS 25
0.0001 0 1 2 3 4 5 6 7 8 9 1011121314151617
REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS
1 0 2 4 6 8 10 12 14 16 18
REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS
21.4
1 CAPACITANCE BETWEENTERMINALS:Ct(pF) Ta=25 IZ=5mA n=30pcs 0.9 REVERSE CURRENT:IR(nA) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 Vz DISRESION MAP IR DISRESION MAP AVE:0.118nA Ta=25 VR=17V n=30pcs
70
ZENER VOLTAGE:Vz()
21.3
60
Ta=25 f=1MHz VR=0V n=10pcs
21.2
50
21.1
40
21
30 AVE:32.3pF 20 Ct DISRESION MAP
AVE:21.12V
20.9
1000 DYNAMIC IMPEDANCE:Zz()
100
10
1 0.1 1 ZENER CURRENT(mA) Zz-Iz CHARACTERISTICS 10
Version: A07
ELECTRICAL CHARACTERISTICS (TA=25 C
O
unless otherwise noted) ZZT @ IZT ZZK @ IZK Ohms Ohms Max. Max. 100 100 100 110 120 120 100 100 1000 1000 1000 1000 1000 1000 1000 1000 IZK mA 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 IR uA Max. 120 100 120 100 50 20 10 5 VR V 0.5 0.7 1.0 1.0 1.0 1.0 1.0 1.0
Type Number MTZJ2V0 MTZJ2V2 MTZJ2V4 MTZJ2V7 MTZJ3V0 MTZJ3V3 MTZJ3V6 MTZJ3V9
T Tolerance A B A B A B A B A B A B A B A B A B C A B C A B C A B C A B C A B C A B C A B C A B C A B C D A B C A B C 5.5% 4.3% 4.0% 4.1% 3.9% 4.0% 4.0% 3.9% 3.7% 3.4% 3.4% 3.1% 3.6% 3.3% 3.5% 3.3% 3.0% 3.0% 3.0% 2.6% 2.8% 2.7% 2.6% 2.6% 2.7% 2.4% 2.5% 2.6% 2.7% 2.6% 2.5% 2.6% 2.6% 2.6% 2.7% 2.6% 2.5% 2.6% 2.6% 2.5% 2.6% 2.5% 2.6% 2.6% 2.6% 2.5% 2.5% 2.6% 2.6% 2.5% 2.5% 2.6% 2.6%
MTZJ4V3
MTZJ4V7
MTZJ5V1
MTZJ5V6
Nom (V) 1.990 2.110 2.210 2.315 2.425 2.530 2.645 2.800 2.960 3.115 3.270 3.425 3.575 3.723 3.875 4.025 4.165 4.300 4.435 4.56 4.68 4.81 4.94 5.07 5.23 5.41 5.59 5.76 5.94 6.12 6.28 6.46 6.66 6.84 7.04 7.26 7.48 7.73 7.99 8.24 8.51 8.79 9.07 9.36 9.66 9.95 10.19 10.45 10.78 11.10 11.42 11.74 12.05
MTZJ6V2
MTZJ6V8
MTZJ7V5
MTZJ8V2
MTZJ9V1
MTZJ10
MTZJ11
Vz @ Izt Min (V) 1.88 2.02 2.12 2.22 2.33 2.43 2.54 2.69 2.85 3.01 3.16 3.32 3.455 3.60 3.74 3.89 4.04 4.17 4.30 4.44 4.55 4.68 4.81 4.94 5.09 5.28 5.45 5.61 5.78 5.96 6.12 6.29 6.49 6.66 6.85 7.07 7.29 7.53 7.78 8.03 8.29 8.57 8.83 9.12 9.41 9.70 9.97 10.18 10.500 10.82 11.13 11.44 11.74
Max (V) 2.10 2.20 2.30 2.41 2.52 2.63 2.75 2.91 3.07 3.22 3.38 3.53 3.695 3.845 4.01 4.16 4.29 4.43 4.57 4.68 4.80 4.93 5.07 5.20 5.37 5.55 5.73 5.91 6.09 6.27 6.44 6.63 6.83 7.01 7.22 7.45 7.67 7.92 8.19 8.45 8.73 9.01 9.30 9.59 9.90 10.2 1.044 1.071 11.05 11.38 11.71 12.03 12.35
IZT mA 5 5 5 5 5 5 5 5
5
100
1000
1.0
5.0
1.0
5
80
900
1.0
5.0
1.0
5
80
800
1.0
5.0
1.5
5
60
500
1.0
5.0
2.5
5
60
300
1.0
5.0
3.0
5
20
150
0.5
2.0
3.5
5
20
120
0.5
0.5
4.0
5
20
120
0.5
0.5
5.0
5
25
120
0.5
0.5
6.0
5
30
120
0.5
0.2
7.0
5
30
120
0.5
0.2
8.0
MTZJ12
5
30
110
0.5
0.2
9.0
Version: A07
ELECTRICAL CHARACTERISTICS (TA=25 C
O
unless otherwise noted) ZZT @ IZT ZZK @ IZK Ohms Ohms Max. Max. 35 110 IZK mA IR uA Max. 0.2 VR V 10
Type Number
T Tolerance A B C A B C A B C A B C A B C D A B C D A B C D A B C D A B C D A B C D A B C D A B C D 2.6% 2.6% 2.6% 2.5% 2.6% 2.5% 2.6% 2.6% 2.5% 2.5% 2.5% 2.6% 2.5% 2.5% 2.5% 2.5% 2.2% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5%
MTZJ13
MTZJ15
MTZJ16
MTZJ18
MTZJ20
MTZJ22
MTZJ24
MTZJ27
MTZJ30
MTZJ33
MTZJ36
MTZJ39
Nom (V) 12.43 12.88 13.33 13.79 14.26 14.72 15.19 15.65 16.10 16.64 17.26 17.88 18.49 19.11 19.73 20.22 20.68 21.18 21.63 22.08 22.62 23.19 23.72 24.24 24.89 25.62 26.29 26.97 27.69 28.42 29.09 29.77 30.45 31.10 31.70 32.30 32.97 33.64 34.27 34.89 35.58 36.28 36.93 37.58
Vz @ Izt Min Max (V) (V) 12.11 12.75 12.55 13.21 12.99 13.66 13.44 14.13 13.89 14.62 14.35 15.09 14.80 15.57 15.25 16.04 15.69 16.51 16.22 17.06 16.82 17.70 17.42 18.33 18.02 18.96 18.63 19.59 19.23 20.22 19.72 20.72 20.15 21.2 20.64 21.71 21.08 22.17 21.52 22.63 22.05 23.18 22.61 23.77 23.12 24.31 23.63 24.85 24.26 25.52 24.97 26.26 25.63 26.95 26.29 27.64 26.99 28.39 27.70 29.13 28.36 29.82 29.02 30.51 29.68 31.22 30.32 31.88 30.90 32.50 31.49 33.11 32.14 33.79 32.79 34.49 33.40 35.13 34.01 35.77 34.68 36.47 35.36 37.19 36.00 37.85 36.63 38.52
IZT mA 5
0.5
5
40
110
0.5
0.2
11
5
40
150
0.5
0.2
12
5
45
150
0.5
0.2
13
5
55
200
0.5
0.5
15
5
30
200
0.5
0.2
17
5
35
200
0.5
0.2
19
5
45
250
0.5
0.2
21
5
55
250
0.5
0.2
23
5
65
250
0.5
0.2
25
5
75
250
0.5
0.2
27
5
85
250
0.5
0.2
30
Notes: 1. The zener voltage subdivision (V Z) is measured 40mS after diode is powered up. 2. The operating resistance (Z ZT and ZZK) is measured by superimposing a minute altermation current in the regulated current (I Z). 3. when ordering, please specify tolerance A,B,C or D.
Version: A07


▲Up To Search▲   

 
Price & Availability of MTZJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X