Part Number Hot Search : 
111GTCN 74AUP LSU424 20KP96 LQFP128 00C10 TMXW352 MAX538
Product Description
Full Text Search
 

To Download MTZJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTZJ Series
PD : 500 mW
FEATURES :
* High peak reverse power dissipation * High reliability * Low leakage current * Pb / RoHS Free
ZENER DIODES
DO - 34 Glass
0.078 (2.0 )max.
1.00 (25.4) min.
Cathode Mark
0.118 (3.0) max.
MECHANICAL DATA
Case: DO-34 Glass Case Weight: approx. 0.093g
0.019 (0.50)max. 1.00 (25.4) min.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified
Parameter
Power Dissipation Junction Temperature Storage Temperature Range
Symbol
PD Tj Tstg
Value
500 175 - 65 to + 175
Unit
mW C C
Derating Curve
700 Power Dissipation , PD (mW) 600 500 400 300 200 100 0 0 25 50 75 100 125 150 175 200
Ambient Temperture , Ta (C)
Page 1 of 2
Rev. 04 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specifie Zener Voltage VZ @ IZT Suffix B Suffix C (V) 2.11 2.29 2.54 2.76 3.07 3.38 3.70 4.01 4.29 4.67 5.06 5.55 6.09 6.62 7.22 7.92 8.73 9.59 (V) 2.02 2.22 2.43 2.69 3.01 3.32 3.60 3.89 4.17 4.55 4.94 5.45 5.96 6.49 7.07 7.79 8.57 9.41 (V) 2.11 2.32 2.53 2.8 3.12 3.43 (V) 2.20 2.42 2.63 2.91 3.23 3.54 5.08 5.61 6.12 6.66 7.29 8.03 8.83 9.70 5.23 5.76 6.28 6.84 7.48 8.24 9.07 5.37 5.90 6.43 7.01 7.66 8.44 9.30 (V) (V) (V) (V) Test Current Suffix D IZT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 Z ZT @ IZT Z Zk @ IZK () 100 100 100 100 120 120 100 100 100 80 70 40 30 20 20 20 20 20 20 25 25 25 25 25 30 30 30 35 45 55 65 75 85 () 1000 1000 1000 1000 1000 1000 1000 1000 1000 900 1200 900 500 150 120 120 120 120 120 110 110 110 110 150 150 200 200 200 250 250 250 250 250 IZK (mA) 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 0.5 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 (V) (V) Maximum Zener Impedance Maximum Reverse Current IR @ VR (A) 120 120 120 100 50 20 10 5 5 5 5 5 5 2 0.5 0.5 0.5 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 (V) 0.5 0.7 1 1 1 1 1 1 1 1 1.5 2.5 3 3.5 4 5 6 7 8 9 10 10.5 11 12 13 15 17 19 21 23 25 27 30
Type
(V) MTZJ2.0 MTZJ2.2 MTZJ2.4 MTZJ2.7 MTZJ3.0 MTZJ3.3 MTZJ3.6 MTZJ3.9 MTZJ4.3 MTZJ4.7 MTZJ5.1 MTZJ5.6 MTZJ6.2 MTZJ6.8 MTZJ7.5 MTZJ8.2 MTZJ9.1 MTZJ10 MTZJ11 MTZJ12 MTZJ13 MTZJ14 MTZJ15 MTZJ16 MTZJ18 MTZJ20 MTZJ22 MTZJ24 MTZJ27 MTZJ30 MTZJ33 MTZJ36 MTZJ39 1.89 2.11 2.34 2.54 2.85 3.16 3.45 3.74 4.04 4.44 4.81 5.11 5.78 6.33 6.85 7.53 8.28 9.13
Suffix A (V) 2.00 2.20 2.44 2.65 2.96 3.27 3.58 3.88 4.17 4.56 4.94 5.42 5.94 6.46 7.04 7.73 8.51 9.36
Min. Nom. Max. Min. Nom. Max. Min. Nom. Max. Min. Nom. Max.
3.72 3.845 4.03 4.30 4.68 5.07 5.59 6.12 6.66 7.26 8.00 8.79 9.66 4.16 4.43 4.80 5.20 5.72 6.27 6.82 7.44 8.20 9.00 9.90
9.95 10.19 9.94 10.20 10.45 -
10.14 10.40 10.66 10.53 10.80 11.07 10.82 11.10 11.37 11.11 11.40 11.68 11.40 11.70 11.99 11.70 12.00 12.30 12.07 12.40 12.72 12.56 12.90 13.23 12.96 13.30 13.63 12.75 13.20 13.43 13.24 13.60 13.95 13.65 14.00 14.40 13.45 13.80 14.14 13.92 14.30 14.67 14.33 14.70 15.06 14.82 15.20 15.58 15.21 15.60 15.99 15.69 16.10 16.50 16.19 16.60 17.02 16.87 17.30 17.73 17.39 17.80 18.21
18.04 18.50 18.96 18.62 19.10 19.58 19.21 19.70 20.19 19.70 20.20 20.71 20.18 20.70 21.22 20.67 21.20 21.73 21.06 21.60 22.14 21.55 22.10 22.65 22.04 22.60 23.17 22.62 23.20 23.78 23.11 23.70 24.29 23.60 24.20 24.81 24.28 24.90 25.52 24.96 25.60 26.24 26.33 27.00 27.68 26.54 27.00 27.46 27.01 27.70 28.39 27.69 28.40 29.11 28.37 29.10 29.83 29.06 29.80 30.55 29.64 30.40 31.16 30.32 31.10 31.88 30.91 31.70 32.49 31.49 32.30 33.11 32.18 33.00 33.83 32.76 33.60 34.44 33.44 34.30 35.16 34.03 34.90 35.77 34.71 35.60 36.49 35.47 36.30 37.13 35.98 36.90 37.82 36.66 37.60 38.54
Note : 1. The Zener voltage is measured 40ms after power is supplied.
Page 2 of 2
Rev. 04 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of MTZJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X