Part Number Hot Search : 
BSS138L LTC221CS 9479E CO1224T 93C86A F2812 NX3225S 1N5806
Product Description
Full Text Search
 

To Download MS1608R27ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 1
MULTILAYER CHIP INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
MS1608L-
CONFIGURATION & DIMENSIONS
A
D
D
C
I B
G
I
(PCB Pattern)
Unit : m/m C D 0.300.20 G 0.7 H 0.7 I 0.7
Series MS1608
A 1.600.20
B 0.800.20
0.800.20
SCHEMATIC DIAGRAM
MATERIALS
aBodyFerrite bInternal conductorSilver or Ag / Pd cTerminalCu/Sn dRemarkProducts comply with RoHS' requirements
a
b
H c
GENERAL SPECIFICATION
aStorage temp.-40 ---- +105 bOperating temp.-25 ---- +85 cTerminal strngth F Type MS1608 dSolderability Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2605 Flux : Rosin Dip time : 41 seconds AR-001A F ( kgf ) 0.5 time ( sec ) 305
Temperature ( ) 250
50s ec max.
Peak Temp260 max. Max time above 230 50sec max. Max time above 200 70sec max.
Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec Reflow Area +2.0 ~ 4.0 / sec max. Forced Cooling Area -(1.0 ~ 5.0) / sec max.
Peak Temperature: 260 230
200 150
70sec max.
100 50
0
50
100
150 Time ( seconds )
200
250
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 2
MULTILAYER CHIP INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
MS1608L-
ELECTRICAL CHARACTERISTICS
DWG No. MS160847NML- MS160868NML- MS160882NML- MS1608R10ML- MS1608R12ML- MS1608R15ML- MS1608R18ML- MS1608R22ML- MS1608R27ML- MS1608R33ML- MS1608R39ML- MS1608R47ML- MS1608R56ML- MS1608R68ML- MS1608R82ML- MS16081R0ML- MS16081R2ML- MS16081R5ML- MS16081R8ML- MS16082R2ML- MS16082R7ML- MS16083R3ML- MS16083R9ML- MS16084R7ML- MS16085R6ML- MS16086R8ML- MS16088R2ML- MS1608100ML- Inductance ( H ) 0.04720% 0.06820% 0.08220% 0.10020% 0.12020% 0.15020% 0.18020% 0.22020% 0.27020% 0.33020% 0.39020% 0.47020% 0.56020% 0.68020% 0.82020% 1.00020% 1.20020% 1.50020% 1.80020% 2.20020% 2.70020% 3.30020% 3.90020% 4.70020% 5.60020% 6.80020% 8.20020% 10.00020% Q min 10 10 10 15 15 15 15 15 15 15 15 15 15 15 15 35 35 35 35 35 35 35 35 35 35 35 35 30 Test Freq. (MHz) 50 50 50 25 25 25 25 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 4 4 4 2 SRF ( MHz ) min 260 250 245 240 205 180 165 150 136 125 110 105 95 90 85 75 65 60 55 50 45 40 35 33 22 20 18 17 RDC () max 0.30 0.30 0.30 0.50 0.50 0.60 0.60 0.80 0.80 0.85 1.00 1.35 1.55 1.70 2.10 0.60 0.80 0.80 0.95 1.15 1.35 1.55 1.70 2.10 1.55 1.70 2.10 1.85 IDC ( mA ) max 50 50 50 50 50 50 50 50 50 35 35 35 35 35 35 25 25 25 25 15 15 15 15 15 5 5 5 3
1). Packaging Information... ABulk BTaping Reel 2)."-
":Reference code
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME ABC'S DWG NO. PAGE: 3
MULTILAYER CHIP INDUCTOR
ABC'S ITEM NO.
MS1608L-
CURVE
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 4
MULTILAYER CHIP INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
MS1608L-
PACKAGING INFORMATION
( 1 ) Configuration T
Cover Tape
2.00.5 A B N C C
G
D
Embossed Carrier
Carrier tape width : D P:4 m/m End 4 m/m Start
Leader no component 200 m/m min.
Components User direction of feed
Trailer no component 400 m/m min.
( 2 ) Dimensions Style 07 - 08 A 178 B 210.8 C 13 D 8 G 10 +0 N 50 -0
Unit:m/m T 12.5
( 3 ) Q'TY & G.W. Per package Inner : Reel Series MS1608
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs)
Outer : Carton
G.W. (Kg) Size (cm)
4,000
90
07 - 08
200,000
7.0
41 x 39 x 22
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 5
MULTILAYER CHIP INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
MS1608L-
( 4 ) TYPE DIMENSIONS
1.750.1 (0.0690.004)
Fig 1.
1.550.05 40.1 20.05 (0.1570.004) (0.0790.002) (0.0610.002)
T max.
F0.05 (0.002)
P0.1 (0.004)
A0.1 (0.004)
B0.1(0.004)
W0.2 (0.008)
Unit:m/m Type MS1608 A 1.05 B 1.85 F 3.50 P 4.0 T 1.10 W 8.0 Fig 1
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME ABC'S DWG NO. PAGE: 6
MULTILAYER CHIP INDUCTOR
ABC'S ITEM NO.
MS1608L-
DWGING NUMBER EXPRESSION
M
S
1
6
0
8 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1Product Classification LLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements
Appendix code 2Package Information
Code A B
Inner package T.B.D T / R ( Reel package )
Inner package Q'TY T.B.D 4000 pcs
Remark
AR-001A


▲Up To Search▲   

 
Price & Availability of MS1608R27ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X