Part Number Hot Search : 
RK3026 50S010 MA40215 PBSS5350 3M9913 A202K 2SB1254 5KE200
Product Description
Full Text Search
 

To Download MPSA13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
MPSA13
DISCRETE SEMICONDUCTORS
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
Description
Designed for applications requiring extremely high current gain.
TO-92
Pinning
1 = Emitter 2 = Base 3 = Collector
.190(4.83) .170(4.33)
.190(4.83) .170(4.33) 2 Typ 2 Typ
o o
Absolute Maximum Ratings(TA=25oC)
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature Symbol VCBO VCES VEBO IC PD TJ TSTG Rating 30 30 10 500 600 +150 -55 to +150 Unit V V V mA mW
o o
.500 Min (12.70) .022(0.56) .014(0.36) .100 Typ (2.54) .148(3.76) .132(3.36) .022(0.56) .014(0.36)
.050 Typ (1.27)
321
.050 o o 5 Typ. 5 Typ. (1.27) Typ Dimensions in inches and (millimeters)
C
C
Electrical Characteristics o
Characteristic
(Ratings at 25 C ambient temperature unless otherwise specified)
Symbol BVCBO BVCES BVEBO ICBO IEBO VCE(sat)1 VCE(sat)2 hFE1 hFE2 hFE3 fT Cob 380s, Duty Cycle
Min 30 30 10 5K 10K 125 2%
Typ 1 50K -
Max 0.1 0.1 1.5 6
Unit V V V A A V V MHz pF
Test Conditions IC=100A, IE=0 IC=0.1mA, VBE=0 IE=10A, IC=0 VCB=30V, IE=0 VEB=10V, IC=0 IC=100mA, IB=0.1mA IC=500mA, IB=0.5mA IC=10mA, VCE=5V IC=100mA, VCE=5V IC=500mA, VCE=5V IC=10mA, VCE=5V, f=100MHz VCB=10V, f=1MHz
Collector-Base Breakdown Volatge Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Volatge Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage(1)
DC Current Gain(1) Transition Frequency Output Capacitance (1)Pulse Test: Pulse Width


▲Up To Search▲   

 
Price & Availability of MPSA13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X