Part Number Hot Search : 
K20101B 54853A 1904X022 RH105 C5130 DG390AAK U232C 0M75J
Product Description
Full Text Search
 

To Download MMBD4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
MMBD4148
Features
* * * Low Current Leakage Low Cost Small Outline Surface Mount Package
C Pin Configuration Top View
350mW 100 Volt Silicon Epitaxial Diode
KA2
A
A D
SOT-23
* * *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Maximum Thermal Resistance; 357K/W Junction To Ambient
G F E
C
B
Electrical Characteristics @ 25C Unless Otherwise Specified
Reverse Voltage Peak Reverse Voltage Average Rectified Current Power Dissipation Junction Temperature Peak Forward Surge Current Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance Reverse Recovery Time VR VRM IO PTOT TJ IFSM 75V 100V 150mA 350mW 150C 1A t=1s,Non-Repetitive Resistive Load f > 50Hz
H J
DIMENSIONS INCHES MIN .110 .083 .047 .035 .070 .018 .0005 .035 .003 .015 MM MIN 2.80 2.10 1.20 .89 1.78 .45 .013 .89 .085 .37
VF
.855V
IFM = 10mA; TJ = 25C* TJ = 25C VR = 20 V
DIM A B C D E F G H J K
MAX .120 .098 .055 .041 .081 .024 .0039 .044 .007 .020
MAX 3.04 2.64 1.40 1.03 2.05 .60 .100 1.12 .180 .51
NOTE
IR
25nA
Suggested Solder Pad Layout
.031 .800 .035 .900 .079 2.000 inches mm
Measured at 1.0MHz, VR=0V Trr 4nS IF=10mA VR = 6V RL=100 *Pulse test: Pulse width 300 sec, Duty cycle 2%
CJ
2pF
.037 .950 .037 .950
www.cnelectr.com
MMBD4148
Figure 1 Typical Forward Characteristics 20 10 6 4 350 2 MilliAmps 1 .6 .4 .2 25C .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 0 70 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Admissable Power Dissipation - MilliWattsversus Ambient Temperature - C 125 150 175 280 420 Figure 2 Forward Derating Curve
210 MilliWatts 140
Figure 3 Junction Capacitance
10 6 4 2 pF 1 .6 .4 .2 .1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 TJ=25C
Junction Capacitance - pFversus Reverse Voltage - Volts
www.cnelectr.com
MMBD4148
Figure 4 Typical Reverse Characteristics 1000 600 400 200 100 60 40 20 10 NanoAmps 6 4 2 1 .6 .4 .2 .1 20 40 60 TJ Instantaneous Reverse Leakage Current - NanoAmperes versus Junction Temperature - C 80 100 120 140 TA=25C 200 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 MilliAmps Figure 5 Peak Forward Surge Current 1200 1000 800 600 400
2
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of MMBD4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X