![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MH SPECIFICATIONS Electrical Ratings Electrical Life Contact Resistance Dielectric Strength Actuation Force Travel Insulation Resistance Operating Temperature Storage Temperature .4 VA max @ 20VAC or VDC max 50,000 cycles typical < 50 m max initial 250Vrms min 500 +/- 100gF 2.0 +/- .2mm > 100M min -20C to 70C -20C to 70C MATERIALS RoHS COMPLIANT Actuator Cap Cover Housing Spacer Contacts Terminals PC 6/6 Nylon, glass filled Steel, Tin Plated 6/6 Nylon, glass filled Rubber Stainless Steel, Gold Plated Brass, Gold Plated ORDERING INFORMATION Series: MH PG MH MHC (with black cap) LED Colors: X = No LED RY = Red/Yellow dual LED R = Red RG = Red/Green dual LED Y = Yellow RB = Red/Blue dual LED G = Green YG = Yellow/Green dual LED PG = Pure Green YB = Yellow/Blue dual LED B = Blue GB = Green/Blue dual LED **White & Pure Green are only available as a single color W = White LED DIMENSIONS WITHOUT CAP WITH CAP www.citswitch.com phone - 763.535.2339 fax - 763.535.2194 MH SCHEMATICS & PC LAYOUT (BOTTOM VIEWS) LED CHARACTERISTICS LED Ratings Reverse Voltage Forward Current (avg) Forward Current (peak) Reverse Current VR = 5V Power Dissipation Operating & Storage Temperature Forward Voltage (typ.), IF = 20mA Forward Voltage (max.), IF = 20mA Wavelength at Peak Emission, IF = 20mA Spectral Line Half-Width, IF = 20mA Luminous Intensity, IF = 20mA Viewing Angle VR IF IFS IR PT TA VF VF P LI R 5 30 90 10 75 1.5 2.4 630 20 900 30 Y 5 30 60 10 75 1.7 2.6 590 20 450 30 COLORS G B PG 5 5 5 20 30 30 80 100 100 10 50 50 60 120 120 -40~ +85 1.7 3.5 3.5 2.6 4.0 4.0 585 470 525 35 30 36 30 1800 1100 30 30 30 W 5 30 100 50 120 3.5 4.0 N/A N/A 3000 30 Units V mA mA A mW C V V nm nm mcd Deg www.citswitch.com phone - 763.535.2339 fax - 763.535.2194 |
Price & Availability of MHB
![]() |