Part Number Hot Search : 
2SC4207 TBB1008 ZMM5233 2SC213 WM8195 HV5812 UNRF1AN PJSD05TS
Product Description
Full Text Search
 

To Download MCP1801T-3302IOT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCP1801
150 mA, High PSRR, Low Quiescent Current LDO
Features
* * * * * * * * * * * 150 mA Maximum Output Current Low Drop Out Voltage, 200 mV typical @ 100 mA 25 A Typical Quiescent Current 0.01 A Typical Shutdown Current Input Operating Voltage Range: 2.0V to 10.0V Standard Output Voltage Options: - 0.9V, 1.2V, 1.8V, 2.5V, 3.0V, 3.3V, 5.0V, 6.0V Output Voltage Accuracy: - 2% (VR > 1.5V), 30 mV (VR 1.5V) Stable with Ceramic Output Capacitors Current Limit Protection Shutdown Pin High PSRR: 70 dB typical @ 10 kHz
Description
The MCP1801 is a family of CMOS low dropout (LDO) voltage regulators that can deliver up to 150 mA of current while consuming only 25 A of quiescent current (typical). The input operating range is specified from 2.0V to 10.0V, making it an ideal choice for two to six primary cell battery-powered applications, 9V alkaline and one or two cell Li-Ion-powered applications. The MCP1801 is capable of delivering 100 mA with only 200 mV (typical) of input to output voltage differential (VOUT = 3.3V). The output voltage tolerance of the MCP1801 at +25C is typically 0.4% with a maximum of 2%. Line regulation is 0.01% typical at +25C. The LDO output is stable with a minimum of 1 F of output capacitance. Ceramic, tantalum, or aluminum electrolytic capacitors can all be used for input and output. Overcurrent limit with current foldback provides short-circuit protection. A shutdown (SHDN) function allows the output to be enabled or disabled. When disabled, the MCP1801 draws only 0.01 A of current (typical). The MCP1801 is available in a SOT-23-5 package.
Applications
* * * * * * * * * * * * * * Battery-powered Devices Battery-powered Alarm Circuits Smoke Detectors CO2 Detectors Pagers and Cellular Phones Wireless Communications Equipment Smart Battery Packs Low Quiescent Current Voltage Reference PDAs Digital Cameras Microcontroller Power Solar-Powered Instruments Consumer Products Battery Powered Data Loggers
Package Types
SOT-23-5
VOUT 5 NC 4
Related Literature
* AN765, "Using Microchip's Micropower LDOs", DS00765, Microchip Technology Inc., 2002 * AN766, "Pin-Compatible CMOS Upgrades to BiPolar LDOs", DS00766, Microchip Technology Inc., 2002 * AN792, "A Method to Determine How Much Power a SOT23 Can Dissipate in an Application", DS00792, Microchip Technology Inc., 2001
1 VIN
2 VSS
3 SHDN
(c) 2009 Microchip Technology Inc.
DS22051C-page 1
MCP1801
Functional Block Diagram
MCP1801
+VIN VIN VOUT
SHDN
Shutdown Control
+VIN Voltage Reference + Current Limiter
Error Amplifier
GND
Typical Application Circuit
MCP1801
VIN
1
VIN
VOUT
5
VOUT 3.3V @ 40 mA COUT 1 F Ceramic
2 9V Battery + CIN 1 F Ceramic 3
GND
SHDN
NC
4
DS22051C-page 2
(c) 2009 Microchip Technology Inc.
MCP1801
1.0 ELECTRICAL CHARACTERISTICS
Notice: Stresses above those listed under "Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings
Input Voltage ................................................................. +12V Output Current (Continuous) ..................... PD/(VIN-VOUT)mA Output Current (Peak) ............................................... 500 mA Output Voltage ............................... (VSS-0.3V) to (VIN+0.3V) SHDN Voltage ..................................(VSS-0.3V) to (VIN+0.3V) Continuous Power Dissipation: SOT-23-5 .............................................................. 250 mW
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all limits are established for VIN = VR + 1.0V, Note 1, COUT = 1 F (X7R), CIN = 1 F (X7R), VSHDN = VIN, TA = +25C. Parameters Input / Output Characteristics Input Operating Voltage Input Quiescent Current Shutdown Current Maximum Output Current Current Limiter Output Short Circuit Current Output Voltage Regulation VOUT Temperature Coefficient Line Regulation VIN Iq ISHDN IOUT_mA ILIMIT IOUT_SC VOUT TCVOUT VOUT/ (VOUTXVIN) 2.0 -- -- 150 -- -- VR-2.0% VR-30 mV -- -0.2 -- 25 0.01 -- 300 50 VR VR 100 0.01 10.0 50 0.10 -- -- -- VR+2.0% VR+30 mV -- +0.2 ppm/C %/V V A A mA mA mA V if VR 1.75V, then VIN = VR + 2.0V if VR 1.75V, then VIN = VR + 2.0V VR 1.45V, IOUT = 30 mA, Note 2 VR < 1.45V, IOUT = 30 mA IOUT = 30 mA, -40C TA +85C, Note 3 (VR + 1V) VIN 10V, Note 1 VR > 1.75V, IOUT = 30 mA VR 1.75V, IOUT = 10 mA IL = 1.0 mA to 100 mA, Note 4 IL = 30 mA, 3.1V VR 6.0V IL = 100 mA, 3.1V VR 6.0V IL = 30 mA, 2.0V VR < 3.1V IL = 100 mA, 2.0V VR < 3.1V V dB IL = 30 mA, VR < 2.0V IL = 100 mA, VR < 2.0V f = 10 kHz, IL = 50 mA, VINAC = 1V pk-pk, CIN = 0 F, if VR < 1.5V, then VIN = 2.5V IOUT=100 mA, f=1 kHz, COUT=1 F (X7R Ceramic), VOUT=3.3V Note 1 IL = 0 mA SHDN = 0V Sym Min Typ Max Units Conditions
Load Regulation Dropout Voltage Note 1, Note 5
VOUT/VOUT
VDROPOUT
-- -- -- -- -- -- --
15 60 200 80 240 2.07 - VR 2.23 - VR 70
50 90 250 120 350 2.10 - VR 2.33 - VR --
mV mV
Power Supply Ripple Rejection Ratio Output Noise
PSRR
--
eN
--
0.6
--
V/Hz
Note 1: 2: 3: 4: 5:
The minimum VIN must meet two conditions: VIN 2.0V and VIN (VR + 1.0V). VR is the nominal regulator output voltage. For example: VR = 1.8V, 2.5V, 3.0V, 3.3V, or 5.0V. The input voltage VIN = VR + 1.0V or ViIN = 2.0V (whichever is greater); IOUT = 100 A. TCVOUT = (VOUT-HIGH - VOUT-LOW) *106 / (VR * Temperature), VOUT-HIGH = highest voltage measured over the temperature range. VOUT-LOW = lowest voltage measured over the temperature range. Load regulation is measured at a constant junction temperature using low duty cycle pulse testing. Changes in output voltage due to heating effects are determined using thermal regulation specification TCVOUT. Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its measured value with an applied input voltage of VR + 1.0V or 2.0V, whichever is greater.
(c) 2009 Microchip Technology Inc.
DS22051C-page 3
MCP1801
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all limits are established for VIN = VR + 1.0V, Note 1, COUT = 1 F (X7R), CIN = 1 F (X7R), VSHDN = VIN, TA = +25C. Parameters Shutdown Input Logic High Input Logic Low Input Note 1: 2: 3: 4: 5: VSHDN-HIGH VSHDN-LOW 1.6 -- -- -- -- 0.25 V V Sym Min Typ Max Units Conditions
The minimum VIN must meet two conditions: VIN 2.0V and VIN (VR + 1.0V). VR is the nominal regulator output voltage. For example: VR = 1.8V, 2.5V, 3.0V, 3.3V, or 5.0V. The input voltage VIN = VR + 1.0V or ViIN = 2.0V (whichever is greater); IOUT = 100 A. TCVOUT = (VOUT-HIGH - VOUT-LOW) *106 / (VR * Temperature), VOUT-HIGH = highest voltage measured over the temperature range. VOUT-LOW = lowest voltage measured over the temperature range. Load regulation is measured at a constant junction temperature using low duty cycle pulse testing. Changes in output voltage due to heating effects are determined using thermal regulation specification TCVOUT. Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its measured value with an applied input voltage of VR + 1.0V or 2.0V, whichever is greater.
TEMPERATURE SPECIFICATIONS
Parameters Temperature Ranges Operating Temperature Range Storage Temperature Range Thermal Package Resistance Thermal Resistance, 5LD SOT-23 JA JC -- -- 256 81 -- -- C/W EIA/JEDEC JESD51-7 FR-4 0.063 4-Layer Board TA Tstg -40 -55 -- -- +85 +125 C C Sym Min Typ Max Units Conditions
DS22051C-page 4
(c) 2009 Microchip Technology Inc.
MCP1801
2.0
Note:
TYPICAL PERFORMANCE CURVES
The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Note: Unless otherwise indicated: VR = 3.3V, COUT = 1 F Ceramic (X7R), CIN = 1 F Ceramic (X7R), IL = 100 A, TA = +25C, VIN = VR + 1.0V, SOT-23-5.
Note: Junction Temperature (TJ) is approximated by soaking the device under test to an ambient temperature equal to the desired junction temperature. The test time is small enough such that the rise in Junction temperature over the Ambient temperature is not significant.
27.00 Quiescent Current (A) 26.00 25.00 24.00 23.00 22.00 21.00 20.00 2 4 6 Input Voltage (V) 8 10
0C -45C +90C +25C
VOUT = 0.9V IOUT = 0 A
80 70 GND Current (A) 60 50 40 30 20 10 0 0 30 60
VOUT = 0.9V VIN = 2.0V
90
120
150
Load Current (mA)
FIGURE 2-1: Voltage.
30.00 Quiescent Current (A) 29.00 28.00 27.00 26.00 25.00 24.00 4 5
+90C
Quiescent Current vs. Input
FIGURE 2-4: Current.
80 70 GND Current (A) 60 50 40 30 20 10 0 25
Ground Current vs. Load
VOUT = 3.3V IOUT = 0 A
VOUT = 6.0V VIN = 7.0V
-45C +25C 0C
VOUT = 3.3V VIN = 4.3V
6
7
8
9
10
50
75
100
125
150
Input Voltage (V)
Load Current (mA)
FIGURE 2-2: Voltage.
30.00 Quiescent Current (A) 29.00 28.00 27.00 26.00 25.00 7 7.5
0C -45C +25C
Quiescent Current vs. Input
FIGURE 2-5: Current.
30.00 Quiescent Current (A) 28.00 26.00 24.00 22.00 20.00
VOUT = 3.3V VIN = 4.3V
Ground Current vs. Load
VOUT = 6.0V IOUT = 0 A +90C
VOUT = 6.0V VIN = 7.0V
IOUT = 0 mA
VOUT = 0.9V VIN = 2.0V
8
8.5
9
9.5
10
-45
-22.5
0
22.5
45
67.5
90
Input Voltage (V)
Junction Temperature (C)
FIGURE 2-3: Voltage.
Quiescent Current vs. Input
FIGURE 2-6: Quiescent Current vs. Junction Temperature.
(c) 2009 Microchip Technology Inc.
DS22051C-page 5
MCP1801
Note: Unless otherwise indicated: VR = 3.3V, COUT = 1 F Ceramic (X7R), CIN = 1 F Ceramic (X7R), IL = 100 A, TA = +25C, VIN = VR + 1.0V, SOT-23-5.
0.920 Output Voltage (V) 0.915 0.910 0.905
-45C +25C 0C
Output Voltage (V)
VOUT = 0.9V ILOAD = 1 mA
0.920 0.915 0.910 0.905 0.900 0.895 0.890 0.885 0.880 0 25 50 75 100
+90C
VIN = 2.0V VOUT = 0.9V
+25C, -45C
0.900 0.895
+90C
0C
0.890 2 3 4 5 6 7 8 9 10 Input Voltage (V)
125
150
Load Current (mA)
FIGURE 2-7: Voltage.
3.34 3.33 Output Voltage (V) 3.32 3.31 3.30 3.29 3.28 3.27 4 5
+90C -45C 0C
Output Voltage vs. Input
FIGURE 2-10: Current.
3.34 3.33 Output Voltage (V) 3.32 3.31 3.30 3.29 3.28 3.27 3.26 0 25
-45C +25C
Output Voltage vs. Load
+25C
VOUT = 3.3V ILOAD = 1 mA
0C
VIN = 4.3V VOUT = 3.3V
+90C
6
7
8
9
10
50
75
100
125
150
Input Voltage (V)
Load Current (mA)
FIGURE 2-8: Voltage.
6.06 Output Voltage (V) 6.04 6.02 6.00 5.98 5.96 5.94 7 7.5
+90C +25C 0C
Output Voltage vs. Input
FIGURE 2-11: Current.
6.06 Output Voltage (V) 6.04 6.02 6.00 5.98 5.96 5.94 5.92 0 25
-45C 0C
Output Voltage vs. Load
VOUT = 6.0V ILOAD = 1 mA
+25C
VIN = 7.0V VOUT = 6.0V
-45C
+90C
8
8.5
9
9.5
10
50
75
100
125
150
Input Voltage (V)
Load Current (mA)
FIGURE 2-9: Voltage.
Output Voltage vs. Input
FIGURE 2-12: Current.
Output Voltage vs. Load
DS22051C-page 6
(c) 2009 Microchip Technology Inc.
MCP1801
Note: Unless otherwise indicated: VR = 3.3V, COUT = 1 F Ceramic (X7R), CIN = 1 F Ceramic (X7R), IL = 100 A, TA = +25C, VIN = VR + 1.0V, SOT-23-5.
0.30 Dropout Voltage (V) 0.25 0.20 0.15 0.10
-45C +25C +90C
VOUT = 3.3V
0.05 0.00 0 25 50
+0C
75
100
125
150
Load Current (mA)
FIGURE 2-13: Current.
0.25 Dropout Voltage (V) 0.20 0.15 0.10 0.05 0.00 0 25
Dropout Voltage vs. Load
FIGURE 2-16:
Dynamic Line Response.
Short Circuit Current (mA)
VOUT = 6.0V
140 120 100 80 60 40 20 0 0 1 2 3 4 5 6 7
VOUT = 3.3V ROUT < 0.1
+90C +25C
-45C
+0C
50
75
100
125
150
8
9
10
Load Current (mA)
Input Voltage (V)
FIGURE 2-14: Current.
Dropout Voltage vs. Load
FIGURE 2-17: Input Voltage.
-1.00
Short Circuit Current vs.
VIN = 10V VIN = 8V VIN = 6V VIN = 4V
Load Regulation (%)
-1.10 -1.20 -1.30 -1.40
VOUT = 0.9V IOUT = 0.1 mA to 150 mA
VIN = 2V
-1.50 -1.60 -45 -22.5 0 22.5 45 67.5 90 Temperature (C)
FIGURE 2-15:
Dynamic Line Response.
FIGURE 2-18: Temperature.
Load Regulation vs.
(c) 2009 Microchip Technology Inc.
DS22051C-page 7
MCP1801
Note: Unless otherwise indicated: VR = 3.3V, COUT = 1 F Ceramic (X7R), CIN = 1 F Ceramic (X7R), IL = 100 A, TA = +25C, VIN = VR + 1.0V, SOT-23-5.
0.00 Load Regulation (%) -0.10 -0.20 -0.30 -0.40 -0.50 -0.60 -45 -22.5 0 22.5 45 67.5 90 Temperature (C)
VIN = 4.3V VIN = 6V VIN = 8V
Line Regulation (%/V)
VOUT = 3.3V IOUT = 0.1 mA to 150 mA
0.020 0.015 0.010 0.005 0.000 -0.005 -0.010 -45 -22.5 0 22.5
1 mA 150 mA 100 mA 50 mA 10 mA
VOUT = 3.3V VIN = 4.3V to 10V
VIN = 10V
45
67.5
90
Temperature (C)
FIGURE 2-19: Temperature.
0.10 Load Regulation (%) 0.00
VIN = 8V
Load Regulation vs.
FIGURE 2-22: Temperature.
0.020 Line Regulation (%/V) 0.015 0.010 0.005 0.000 -0.005 -0.010
1 mA
Line Regulation vs.
VOUT = 6.0V IOUT = 0.1 mA to 150 mA
150 mA 100 mA 50 mA
VOUT = 6.0V VIN = 7.0V to 10.0V
-0.10 -0.20
VIN = 7V
VIN = 9V VIN = 10V
-0.30 -0.40 -45 -22.5 0 22.5 45 67.5 90 Temperature (C)
10 mA
-45
-22.5
0
22.5
45
67.5
90
Temperature (C)
FIGURE 2-20: Temperature.
0.020 Line Regulation (%/V) 0.015 0.010 0.005 0.000 -0.005 -0.010 -45 -22.5
1 mA 150 mA
Load Regulation vs.
FIGURE 2-23: Temperature.
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 0.01
Line Regulation vs.
VIN = 2.0 to 10.0V VOUT = 0.9V 100 mA 50 mA 10 mA
0
22.5
45
67.5
90
PSRR (dB)
VR = 3.3V VIN = 4.3V VINAC = 100 mV p-p CIN = 0 F IOUT = 100 A
0.1
Temperature (C)
1 10 Frequency (kHz)
100
1000
FIGURE 2-21: Temperature.
Line Regulation vs.
FIGURE 2-24:
PSRR vs. Frequency.
DS22051C-page 8
(c) 2009 Microchip Technology Inc.
MCP1801
Note: Unless otherwise indicated: VR = 3.3V, COUT = 1 F Ceramic (X7R), CIN = 1 F Ceramic (X7R), IL = 100 A, TA = +25C, VIN = VR + 1.0V, SOT-23-5.
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 0.01
PSRR (dB)
VR = 6.0V VIN = 7.0V VINAC = 100 mV p-p CIN = 0 F IOUT = 100 A
0.1
1 10 Frequency (kHz)
100
1000
FIGURE 2-25:
PSRR vs. Frequency.
FIGURE 2-28:
Dynamic Load Response.
FIGURE 2-26:
Power-Up Timing.
FIGURE 2-29: SHDN.
10.000
Power-Up Timing From
Vout = 3.3V
IOUT = 100 mA
Noise (V/ Hz)
1.000
0.100
Vout = 0.9V
0.010 0.01
0.1
1
10
100
1000
Frequency (KHz)
FIGURE 2-27:
Dynamic Load Response.
FIGURE 2-30:
Output Noise
(c) 2009 Microchip Technology Inc.
DS22051C-page 9
MCP1801
NOTES:
DS22051C-page 10
(c) 2009 Microchip Technology Inc.
MCP1801
3.0 PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
Pin No. SOT-23-5 1 2 3 4 5
MCP1801 PIN FUNCTION TABLE
Name VIN GND SHDN NC VOUT Unregulated Supply Voltage Ground Terminal Shutdown Input No Connection Regulated Voltage Output Function
3.1
Unregulated Input Voltage (VIN)
3.3
Shutdown Input (SHDN)
Connect VIN to the input unregulated source voltage. Like all low dropout linear regulators, low source impedance is necessary for the stable operation of the LDO. The amount of capacitance required to ensure low source impedance will depend on the proximity of the input source capacitors or battery type. For most applications, 0.1 F of capacitance will ensure stable operation of the LDO circuit. The type of capacitor used can be ceramic, tantalum, or aluminum electrolytic. The low ESR characteristics of the ceramic will yield better noise and PSRR performance at high-frequency.
The SHDN input is used to turn the LDO output voltage on and off. When the SHDN input is at a logic-high level, the LDO output voltage is enabled. When the SHDN input is pulled to a logic-low level, the LDO output voltage is disabled and the LDO enters a low quiescent current shutdown state where the typical quiescent current is 0.01 A. The SHDN pin does not have an internal pull-up or pull-down resistor. The SHDN pin must be connected to either VIN or GND to prevent the device from becoming unstable.
3.2
Ground Terminal (GND)
3.4
Regulated Output Voltage (VOUT)
Regulator ground. Tie GND to the negative side of the output and the negative side of the input capacitor. Only the LDO bias current (25 A typical) flows out of this pin; there is no high current. The LDO output regulation is referenced to this pin. Minimize voltage drops between this pin and the negative side of the load.
Connect VOUT to the positive side of the load and the positive terminal of the output capacitor. The positive side of the output capacitor should be physically located as close to the LDO VOUT pin as is practical. The current flowing out of this pin is equal to the DC load current.
(c) 2009 Microchip Technology Inc.
DS22051C-page 11
MCP1801
NOTES:
DS22051C-page 12
(c) 2009 Microchip Technology Inc.
MCP1801
4.0
4.1
DETAILED DESCRIPTION
Output Regulation 4.4 Output Capacitor
A portion of the LDO output voltage is fed back to the internal error amplifier and compared with the precision internal bandgap reference. The error amplifier output will adjust the amount of current that flows through the P-Channel pass transistor, thus regulating the output voltage to the desired value. Any changes in input voltage or output current will cause the error amplifier to respond and adjust the output voltage to the target voltage (refer to Figure 4-1).
The MCP1801 requires a minimum output capacitance of 1 F for output voltage stability. Ceramic capacitors are recommended because of their size, cost, and environmental robustness qualities. Aluminum-electrolytic and tantalum capacitors can be used on the LDO output as well. The output capacitor should be located as close to the LDO output as is practical. Ceramic materials X7R and X5R have low temperature coefficients and are well within the acceptable ESR range required. A typical 1 F X7R 0805 capacitor has an ESR of 50 milli-ohms. Larger LDO output capacitors can be used with the MCP1801 to improve dynamic performance and power supply ripple rejection performance. Aluminumelectrolytic capacitors are not recommended for low temperature applications of 25C.
4.2
Overcurrent
The MCP1801 internal circuitry monitors the amount of current flowing through the P-Channel pass transistor. In the event that the load current reaches the current limiter level of 300 mA (typical), the current limiter circuit will operate and the output voltage will drop. As the output voltage drops, the internal current foldback circuit will further reduce the output voltage causing the output current to decrease. When the output is shorted, a typical output current of 50 mA flows.
4.5
Input Capacitor
4.3
Shutdown
The SHDN input is used to turn the LDO output voltage on and off. When the SHDN input is at a logic-high level, the LDO output voltage is enabled. When the SHDN input is pulled to a logic-low level, the LDO output voltage is disabled and the LDO enters a low quiescent current shutdown state where the typical quiescent current is 0.01 A. The SHDN pin does not have an internal pull-up or pull-down resistor. Therefore, the SHDN pin must be pulled either high or low to prevent the device from becoming unstable. The internal device current will increase when the device is operational and current flows through the pull-up or pull-down resistor to the SHDN pin internal logic. The SHDN pin internal logic is equivalent to an inverter input.
Low input source impedance is necessary for the LDO output to operate properly. When operating from batteries, or in applications with long lead length (> 10 inches) between the input source and the LDO, some input capacitance is recommended. A minimum of 0.1 F to 4.7 F is recommended for most applications. For applications that have output step load requirements, the input capacitance of the LDO is very important. The input capacitance provides the LDO with a good local low-impedance source to pull the transient currents from in order to respond quickly to the output load step. For good step response performance, the input capacitor should be of equivalent (or higher) value than the output capacitor. The capacitor should be placed as close to the input of the LDO as is practical. Larger input capacitors will also help reduce any high-frequency noise on the input and output of the LDO and reduce the effects of any inductance that exists between the input source voltage and the input capacitance of the LDO.
(c) 2009 Microchip Technology Inc.
DS22051C-page 13
MCP1801
MCP1801
+VIN VIN VOUT
SHDN
Shutdown Control
+VIN Voltage Reference + Current Limiter
Error Amplifier
GND
FIGURE 4-1:
Block Diagram.
DS22051C-page 14
(c) 2009 Microchip Technology Inc.
MCP1801
5.0 FUNCTIONAL DESCRIPTION
5.2 Output
The MCP1801 CMOS low dropout linear regulator is intended for applications that need the low current consumption while maintaining output voltage regulation. The operating continuous load range of the MCP1801 is from 0 mA to 150 mA. The input operating voltage range is from 2.0V to 10.0V, making it capable of operating from three or more alkaline cells or single and multiple Li-Ion cell batteries. The maximum rated continuous output current for the MCP1801 is 150 mA. A minimum output capacitance of 1.0 F is required for small signal stability in applications that have up to 150 mA output current capability. The capacitor type can be ceramic, tantalum, or aluminum electrolytic.
5.1
Input
The input of the MCP1801 is connected to the source of the P-Channel PMOS pass transistor. As with all LDO circuits, a relatively low source impedance (10) is needed to prevent the input impedance from causing the LDO to become unstable. The size and type of the capacitor needed depends heavily on the input source type (battery, power supply) and the output current range of the application. For most applications a 0.1 F ceramic capacitor will be sufficient to ensure circuit stability. Larger values can be used to improve circuit AC performance.
(c) 2009 Microchip Technology Inc.
DS22051C-page 15
MCP1801
NOTES:
DS22051C-page 16
(c) 2009 Microchip Technology Inc.
MCP1801
6.0
6.1
APPLICATION CIRCUITS & ISSUES
Typical Application
EQUATION 6-2:
T J ( MAX ) = P TOTAL x R JA + T AMAX Where: TJ(MAX) PTOTAL RJA TAMAX = = = = Maximum continuous junction temperature Total device power dissipation Thermal resistance from junction to ambient Maximum ambient temperature
The MCP1801 is most commonly used as a voltage regulator. Its low quiescent current and low dropout voltage make it ideal for many battery-powered applications. MCP1801
NC SHDN GND VOUT VIN
VOUT 1.8V IOUT 50 mA COUT 1 F Ceramic
VIN 2.4V to 5.0V CIN 1 F Ceramic
The maximum power dissipation capability for a package can be calculated given the junction-toambient thermal resistance and the maximum ambient temperature for the application. The following equation can be used to determine the package maximum internal power dissipation.
EQUATION 6-3:
( T J ( MAX ) - T A ( MAX ) ) P D ( MAX ) = --------------------------------------------------R JA Where: PD(MAX) TJ(MAX) TA(MAX) RJA = = = = Maximum device power dissipation Maximum continuous junction temperature Maximum ambient temperature Thermal resistance from junction to ambient
FIGURE 6-1: 6.1.1
Typical Application Circuit.
APPLICATION INPUT CONDITIONS
Package Type = SOT-23-5 2.4V to 5.0V 5.0V 1.8V 50 mA maximum
Input Voltage Range = VIN maximum = VOUT typical = IOUT =
6.2
6.2.1
Power Calculations
POWER DISSIPATION
EQUATION 6-4:
T J ( RISE ) = P D ( MAX ) x R JA Where: TJ(RISE) = Rise in device junction temperature over the ambient temperature Maximum device power dissipation Thermal resistance from junction to ambient
The internal power dissipation of the MCP1801 is a function of input voltage, output voltage, and output current. The power dissipation, as a result of the quiescent current draw, is so low, it is insignificant (25.0 A x VIN). The following equation can be used to calculate the internal power dissipation of the LDO.
EQUATION 6-1:
P LDO = ( V IN ( MAX ) ) - V OUT ( MIN ) ) x I OUT ( MAX ) ) Where: PLDO VIN(MAX) VOUT(MIN) = = = LDO Pass device internal power dissipation Maximum input voltage LDO minimum output voltage
PTOTAL RJA
= =
EQUATION 6-5:
T J = T J ( RISE ) + T A Where: TJ TJ(RISE) = = Junction Temperature Rise in device junction temperature over the ambient temperature Ambient temperature
The maximum continuous operating temperature specified for the MCP1801 is +85C. To estimate the internal junction temperature of the MCP1801, the total internal power dissipation is multiplied by the thermal resistance from junction to ambient (RJA). The thermal resistance from junction to ambient for the SOT-23-5 pin package is estimated at 256C/W.
(c) 2009 Microchip Technology Inc.
TA
=
DS22051C-page 17
MCP1801
6.3 Voltage Regulator Junction Temperature Estimate
To estimate the internal junction temperature, the calculated temperature rise is added to the ambient or offset temperature. For this example, the worst-case junction temperature is estimated in the following table. TJ = TJRISE + TA(MAX) TJ = 81.42C Maximum Package Power Dissipation at +25C Ambient Temperature SOT-23-5 (256C/Watt = RJA) PD(MAX) = (85C - 25C) / 256C/W PD(MAX) = 234 milli-Watts Internal power dissipation, junction temperature rise, junction temperature and maximum power dissipation are calculated in the following example. The power dissipation, as a result of ground current, is small enough to be neglected.
6.3.1
Package
POWER DISSIPATION EXAMPLE
Package Type: SOT-23-5 Input Voltage VIN = 2.4V to 5.0V LDO Output Voltages and Currents VOUT = 1.8V IOUT = 50 mA Maximum Ambient Temperature TA(MAX) = +40C Internal Power Dissipation Internal Power dissipation is the product of the LDO output current times the voltage across the LDO (VIN to VOUT). PLDO(MAX) = (VIN(MAX) - VOUT(MIN)) x IOUT(MAX) PLDO = (5.0V - (0.98 x 1.8V)) x 50 mA PLDO = 161.8 milli-Watts
6.4
Voltage Reference
The MCP1801 can be used not only as a regulator, but also as a low quiescent current voltage reference. In many microcontroller applications, the initial accuracy of the reference can be calibrated using production test equipment or by using a ratio measurement. When the initial accuracy is calibrated, the thermal stability and line regulation tolerance are the only errors introduced by the MCP1801 LDO. The low cost, low quiescent current, and small ceramic output capacitor are all advantages when using the MCP1801 as a voltage reference.
Device Junction Temperature Rise
The internal junction temperature rise is a function of internal power dissipation and the thermal resistance from junction to ambient for the application. The thermal resistance from junction to ambient (RJA) is derived from an EIA/JEDEC standard for measuring thermal resistance for small surface mount packages. The EIA/JEDEC specification is JESD51-7, "High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages". The standard describes the test method and board specifications for measuring the thermal resistance from junction to ambient. The actual thermal resistance for a particular application can vary depending on many factors, such as copper area and thickness. Refer to AN792, "A Method to Determine How Much Power a SOT-23 Can Dissipate in an Application", (DS00792), for more information regarding this subject. TJ(RISE) = PTOTAL x RqJA TJRISE = 161.8 milli-Watts x 256.0C/Watt TJRISE = 41.42C
25 A Bias CIN 1 F
Ratio Metric Reference
MCP1801
PIC(R) Microcontroller COUT 1 F VREF ADO AD1
VIN VOUT GND
Bridge Sensor
FIGURE 6-2: Using the MCP1801 as a Voltage Reference.
6.5
Pulsed Load Applications
For some applications, there are pulsed load current events that may exceed the specified 150 mA maximum specification of the MCP1801. The internal current limit of the MCP1801 will prevent high peak load demands from causing non-recoverable damage. The 150 mA rating is a maximum average continuous rating. As long as the average current does not exceed 150 mA nor the maximum power dissipation of the packaged device, pulsed higher load currents can be applied to the MCP1801. The typical current limit for the MCP1801 is 300 mA (TA +25C).
DS22051C-page 18
(c) 2009 Microchip Technology Inc.
MCP1801
7.0
7.1
PACKAGING INFORMATION
Package Marking Information
5-Lead SOT-23 Standard Options for SOT-23 Extended Temp Example:
XXNN
1
Symbol
Voltage *
Symbol
Voltage *
1
9XNN
9X8# 0.9 9XZ# 3.0 9XB# 1.2 9B2# 3.3 9XK# 1.8 9BM# 5.0 9XT# 2.5 9BZ# 6.0 * Custom output voltages available upon request. Contact your local Microchip sales office for more information.
Legend: XX...X Y YY WW NNN
e3
* Note:
Customer-specific information Year code (last digit of calendar year) Year code (last 2 digits of calendar year) Week code (week of January 1 is week `01') Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) This package is Pb-free. The Pb-free JEDEC designator ( e3 ) can be found on the outer packaging for this package.
In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information.
(c) 2009 Microchip Technology Inc.
DS22051C-page 19
MCP1801
5-Lead Plastic Small Outline Transistor (OT) [SOT-23]
Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
b
N
E E1
1 e
2
3
e1 D
A
A2
c
A1
L L1
Units Dimension Limits Number of Pins Lead Pitch Outside Lead Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Overall Length Foot Length Footprint Foot Angle Lead Thickness N e e1 A A2 A1 E E1 D L L1 c 0.90 0.89 0.00 2.20 1.30 2.70 0.10 0.35 0 0.08 MIN MILLIMETERS NOM 5 0.95 BSC 1.90 BSC - - - - - - - - - - 1.45 1.30 0.15 3.20 1.80 3.10 0.60 0.80 30 0.26 MAX
Lead Width b 0.20 - 0.51 Notes: 1. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.127 mm per side. 2. Dimensioning and tolerancing per ASME Y14.5M. BSC: Basic Dimension. Theoretically exact value shown without tolerances. Microchip Technology Drawing C04-091B
DS22051C-page 20
(c) 2009 Microchip Technology Inc.
MCP1801
APPENDIX A: REVISION HISTORY
Revision C (January 2009)
The following is the list of modifications: 1. Added Shutdown Input information to the Electrical Characteristics table.
Revision B (February 2008)
The following is the list of modifications: 1. 2. Updated the Electrical Characteristics table. Added Figure 2-30.
Revision A (June 2007)
* Original Release of this Document.
(c) 2009 Microchip Technology Inc.
DS22051C-page 19
MCP1801
NOTES:
DS22051C-page 20
(c) 2009 Microchip Technology Inc.
MCP1801
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. Device XXX X X X/ XX Examples:
a) b) c) d) e) f) g) h) MCP1801T-0902I/OT: MCP1801T-1202I/OT: MCP1801T-1802I/OT: MCP1801T-2502I/OT: MCP1801T-3002I/OT: MCP1801T-3302I/OT: MCP1801T-5002I/OT: MCP1801T-6002I/OT: Tape and Reel, 0.9V Tape and Reel, 1.2V Tape and Reel, 1.8V Tape and Reel, 2.5V Tape and Reel, 3.0V Tape and Reel, 3.3V Tape and Reel, 5.0V Tape and Reel, 6.0V
Tape Output Feature Tolerance Temp. Package and Reel Voltage Code
Device:
MCP1801: 150 mA, Low Quiescent Current LDO
Tape and Reel:
T
= Tape and Reel
Output Voltage *:
09 = 0.9V "Standard" 12 = 1.2V "Standard" 18 = 1.8V "Standard" 25 = 2.5V "Standard" 30 = 3.0V "Standard" 33 = 3.3V "Standard" 50 = 5.0V "Standard" 60 = 6.0V "Standard" *Contact factory for other output voltage options.
Extra Feature Code:
0
= Fixed
Tolerance:
2
= 2.0% (Standard)
Temperature:
I
= -40C to +85C
Package Type:
OT = Plastic Small Outline Transistor (SOT-23) 5-lead,
(c) 2009 Microchip Technology Inc.
DS22051C-page 21
MCP1801
NOTES:
DS22051C-page 22
(c) 2009 Microchip Technology Inc.
Note the following details of the code protection feature on Microchip devices: * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
*
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break Microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. MICROCHIP MAKES NO REPRESENTATIONS OR WARRANTIES OF ANY KIND WHETHER EXPRESS OR IMPLIED, WRITTEN OR ORAL, STATUTORY OR OTHERWISE, RELATED TO THE INFORMATION, INCLUDING BUT NOT LIMITED TO ITS CONDITION, QUALITY, PERFORMANCE, MERCHANTABILITY OR FITNESS FOR PURPOSE. Microchip disclaims all liability arising from this information and its use. Use of Microchip devices in life support and/or safety applications is entirely at the buyer's risk, and the buyer agrees to defend, indemnify and hold harmless Microchip from any and all damages, claims, suits, or expenses resulting from such use. No licenses are conveyed, implicitly or otherwise, under any Microchip intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, KEELOQ logo, MPLAB, PIC, PICmicro, PICSTART, rfPIC, SmartShunt and UNI/O are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. FilterLab, Linear Active Thermistor, MXDEV, MXLAB, SEEVAL, SmartSensor and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Analog-for-the-Digital Age, Application Maestro, CodeGuard, dsPICDEM, dsPICDEM.net, dsPICworks, dsSPEAK, ECAN, ECONOMONITOR, FanSense, In-Circuit Serial Programming, ICSP, ICEPIC, Mindi, MiWi, MPASM, MPLAB Certified logo, MPLIB, MPLINK, mTouch, PICkit, PICDEM, PICDEM.net, PICtail, PIC32 logo, PowerCal, PowerInfo, PowerMate, PowerTool, REAL ICE, rfLAB, Select Mode, Total Endurance, WiperLock and ZENA are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. SQTP is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2009, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper.
Microchip received ISO/TS-16949:2002 certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona; Gresham, Oregon and design centers in California and India. The Company's quality system processes and procedures are for its PIC(R) MCUs and dsPIC(R) DSCs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, nonvolatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001:2000 certified.
(c) 2009 Microchip Technology Inc.
DS22051C-page 23
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: http://support.microchip.com Web Address: www.microchip.com Atlanta Duluth, GA Tel: 678-957-9614 Fax: 678-957-1455 Boston Westborough, MA Tel: 774-760-0087 Fax: 774-760-0088 Chicago Itasca, IL Tel: 630-285-0071 Fax: 630-285-0075 Dallas Addison, TX Tel: 972-818-7423 Fax: 972-818-2924 Detroit Farmington Hills, MI Tel: 248-538-2250 Fax: 248-538-2260 Kokomo Kokomo, IN Tel: 765-864-8360 Fax: 765-864-8387 Los Angeles Mission Viejo, CA Tel: 949-462-9523 Fax: 949-462-9608 Santa Clara Santa Clara, CA Tel: 408-961-6444 Fax: 408-961-6445 Toronto Mississauga, Ontario, Canada Tel: 905-673-0699 Fax: 905-673-6509
ASIA/PACIFIC
Asia Pacific Office Suites 3707-14, 37th Floor Tower 6, The Gateway Harbour City, Kowloon Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431 Australia - Sydney Tel: 61-2-9868-6733 Fax: 61-2-9868-6755 China - Beijing Tel: 86-10-8528-2100 Fax: 86-10-8528-2104 China - Chengdu Tel: 86-28-8665-5511 Fax: 86-28-8665-7889 China - Hong Kong SAR Tel: 852-2401-1200 Fax: 852-2401-3431 China - Nanjing Tel: 86-25-8473-2460 Fax: 86-25-8473-2470 China - Qingdao Tel: 86-532-8502-7355 Fax: 86-532-8502-7205 China - Shanghai Tel: 86-21-5407-5533 Fax: 86-21-5407-5066 China - Shenyang Tel: 86-24-2334-2829 Fax: 86-24-2334-2393 China - Shenzhen Tel: 86-755-8203-2660 Fax: 86-755-8203-1760 China - Wuhan Tel: 86-27-5980-5300 Fax: 86-27-5980-5118 China - Xiamen Tel: 86-592-2388138 Fax: 86-592-2388130 China - Xian Tel: 86-29-8833-7252 Fax: 86-29-8833-7256 China - Zhuhai Tel: 86-756-3210040 Fax: 86-756-3210049
ASIA/PACIFIC
India - Bangalore Tel: 91-80-3090-4444 Fax: 91-80-3090-4080 India - New Delhi Tel: 91-11-4160-8631 Fax: 91-11-4160-8632 India - Pune Tel: 91-20-2566-1512 Fax: 91-20-2566-1513 Japan - Yokohama Tel: 81-45-471- 6166 Fax: 81-45-471-6122 Korea - Daegu Tel: 82-53-744-4301 Fax: 82-53-744-4302 Korea - Seoul Tel: 82-2-554-7200 Fax: 82-2-558-5932 or 82-2-558-5934 Malaysia - Kuala Lumpur Tel: 60-3-6201-9857 Fax: 60-3-6201-9859 Malaysia - Penang Tel: 60-4-227-8870 Fax: 60-4-227-4068 Philippines - Manila Tel: 63-2-634-9065 Fax: 63-2-634-9069 Singapore Tel: 65-6334-8870 Fax: 65-6334-8850 Taiwan - Hsin Chu Tel: 886-3-572-9526 Fax: 886-3-572-6459 Taiwan - Kaohsiung Tel: 886-7-536-4818 Fax: 886-7-536-4803 Taiwan - Taipei Tel: 886-2-2500-6610 Fax: 886-2-2508-0102 Thailand - Bangkok Tel: 66-2-694-1351 Fax: 66-2-694-1350
EUROPE
Austria - Wels Tel: 43-7242-2244-39 Fax: 43-7242-2244-393 Denmark - Copenhagen Tel: 45-4450-2828 Fax: 45-4485-2829 France - Paris Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79 Germany - Munich Tel: 49-89-627-144-0 Fax: 49-89-627-144-44 Italy - Milan Tel: 39-0331-742611 Fax: 39-0331-466781 Netherlands - Drunen Tel: 31-416-690399 Fax: 31-416-690340 Spain - Madrid Tel: 34-91-708-08-90 Fax: 34-91-708-08-91 UK - Wokingham Tel: 44-118-921-5869 Fax: 44-118-921-5820
01/16/09
DS22051C-page 24
(c) 2009 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of MCP1801T-3302IOT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X