Part Number Hot Search : 
AOP610L 40006 ASA2812S 74HCT27D MA568 A6393 A6393 LM358
Product Description
Full Text Search
 

To Download MBR20100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOSPEC
Schottky Barrier Rectifiers
Using the Schottky Barrier principle with a Refractory metal capable of high temperature operation metal. The proprietary barrier technology allows for reliable operation up to 175J junction temperature. Typical application are in switching Mode Power Supplies such as adaptors, DC/DC converters, freewheeling and polarity protection diodes. Low Forward Voltage. Low Forward Voltage. Low Switching noise. High Current Capacity Guarantee Reverse Avalanche. Guard-Ring for Stress Protection. Low Power Loss & High efficiency. 175J Operating Junction Temperature Low Stored Charge Majority Carrier Conduction. Plastic Material used Carries Underwriters Laboratory
MBR20100CT
SCHOTTKY BARRIER RECTIFIERS 20 AMPERES 100 VOLTS
TO-220AB
Flammability Classification 94V-O ESD: 4KV(Min.) Human-Body Model In compliance with EU RoHs 2002/95/EC directives
MAXIMUM RATINGS
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Forward Current Total Device (Rated VR), TC=125J Peak Repetitive Forward Current (Rate VR, Square Wave, 20kHz) Non-Repetitive Peak Surge Current (Surge applied at rate load conditions halfware, single phase, 60Hz) Operating and Storage Junction Temperature Range Symbol VRRM VRWM VR VR(RMS) IF(AV) IFM IFSM MBR20100CT 100 70 10 20 20 150 -65 to +175 Unit V V A A A J
DIM A B C D E F G H I J K L M O
TJ , Tstg
THERMAL RESISTANCES
Typical Thermal Resistance junction to case Rjc 3.4 J /w
MILLIMETERS MIN MAX 14.68 15.32 9.78 10.42 5.02 6.52 13.06 14.62 3.57 4.07 2.42 2.66 1.12 1.36 0.72 0.96 4.22 4.98 1.14 1.38 2.20 2.98 0.33 0.55 2.48 2.98 3.70 3.90
ELECTRIAL CHARACTERISTICS
Characteristic Maximum Instantaneous Forward Voltage ( IF =10 Amp TC = 25J ) ( IF =10 Amp TC = 125J ) Maximum Instantaneous Reverse Current ( Rated DC Voltage, TC = 25J ) ( Rated DC Voltage, TC = 125J ) Symbol VF MBR20100CT Unit V
Common Cathode Suffix "C"
0.85 0.76 0.01 10
IR
mA
MBR20100CT
FIG-1 FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD RECTIFIED CURRENT (Amp.) NSTANTANEOUS FORWARD CURRENT (Amp.)
FIG-2 TYPICAL FORWARD CHARACTERISITICS
CASE TEMPERATURE (J )
FORWARD VOLTAGE (Volts)
FIG-3 TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT (mA.)
FIG-4 TYPICAL JUNCTION CAPACITANCE
Tj=75J
Tj=25J
REVERSE VOLTAGE (Volts)
JUNCTION CAPACITANCE (PF)
Tj=125J
REVERSE VOLTAGE (Volts)
FIG-5 PEAK FORWARD SURGE CURRENT
CURRENT (Amp.) PEAK FORWARD SURGE
NUMBER OF CYCLES AT 60 Hz


▲Up To Search▲   

 
Price & Availability of MBR20100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X