Part Number Hot Search : 
DPG8001 78L12 L1410 E43CA 74HC7240 90120 IRMD836 LM336
Product Description
Full Text Search
 

To Download MAL210659332E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 106 PED-ST
Vishay BCcomponents
Aluminum Capacitors Power Eurodin Screw Terminals
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte * Large types, cylindrical aluminum case, RoHS insulated with a blue sleeve COMPLIANT * Also available in bolt version (106 PED-STB) * Pressure relief in the sealing * Charge and discharge proof * Extremely low ESR and ESL allowing very high ripple current load * Very long useful life: 20 000 hours at 85 C * High resistance to shock and vibration
APPLICATIONS
ST STB
Fig.1 Component outlines
* * * *
Computer, telecommunications and industrial systems Smoothing and filtering Standard and switched mode power supplies Energy storage in pulse systems
QUICK REFERENCE DATA
DESCRIPTION Nominal case size (O D x L in mm) Rated capacitance range (E6 series), CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 85 C Useful life at 85 C Shelf life at 0 V, 85 C Based on sectional specification Climatic category IEC 60068 VALUE 35 x 60 to 90 x 220 1000 to 330 000 F - 10 to + 30 % 25 to 100 V - 40 to + 85 C 8000 hours 20 000 hours 500 hours IEC 60384-4/EN130300 40/085/56
MARKING
The capacitors are marked with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (Q for - 10/+ 30 %) * Rated voltage (in V) * Date code (YYMM) * Name of manufacturer * Code for factory of origin * '-' sign to identify the negative terminal, visible from the top and side of the capacitor * Code number * Climatic category in accordance with IEC 60068 * "LL" for long life grade
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 1000 1500 2200 3300 4700 6800 10 000 15 000 22 000 33 000 UR (V) 25 35 x 60 35 x 60 35 x 80 35 x 105 50 x 80 50 x 105 40 35 x 60 35 x 60 35 x 80 35 x 105 50 x 80 50 x 105 65 x 105 63 35 x 60 35 x 60 35 x 80 35 x 105 50 x 80 50 x 105 65 x 105 65 x 105 100 35 x 60 35 x 60 35 x 80 35 x 105 50 x 80 50 x 105 65 x 105 65 x 105 76 x 105 76 x 146
www.vishay.com 178
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28384 Revision: 31-Oct-08
106 PED-ST
Aluminum Capacitors Power Eurodin Screw Terminals
Vishay BCcomponents
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 47 000 68 000 100 000 150 000 UR (V) 25 65 x 105 65 x 105 76 x 105 76 x 146 76 x 220 90 x 146 90 x 220 40 65 x 105 76 x 105 76 x 146 76 x 220 90 x 146 90 x 220 63 76 x 105 76 x 146 76 x 220 90 x 220 100 76 x 220 90 x 220 -
220 000 330 000
DIMENSIONS in millimeters AND AVAILABLE FORMS
Lt Safety Vent Thread M x S d1 A P B H
T
L lb
Mb D D
Fig. 2A: Standard M5 disc: screw terminal (ST) and screw terminal bolt nut (STB)
Lt Safety Vent Thread M x S d1 B P B H T D L lb D Mb
Fig. 2B: High current M6 disc: screw terminal (ST) and screw terminal bolt nut (STB)
Maximum permissible torque which may be applied to the termination screws: 2 Nm for M5; 2.5 Nm for M6 For accessories refer to datasheet "Mounting Accessories". The capacitors are delivered with screws and washers. Table 1
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
DESIGN 35 x 60 35 x 80 35 x 105 50 x 80 50 x 105 65 x 105 65 x 105 HC 76 x 105 DRAWING L 1 Lt 1 D 1 P 0.3 T 0.2 H 0.3 B 0.3 d1 0.1 2A 2A 2A 2A 2A 2A 2B 2A 63.3 81.3 68.7 86.7 35.3 35.3 35.3 51.0 51.0 65.0 65.0 76.4 12.8 12.8 12.8 22.2 22.2 28.5 28.5 31.8 7.0 7.0 7.0 7.1 7.1 7.0 5.5 7.0 4.6 4.6 4.6 4.8 4.8 4.6 3.5 4.6 11.0 11.0 11.0 11.0 11.0 11.9 18.0 11.7 7.9 7.9 7.9 7.9 7.9 7.9 13.0 7.9 M M5 M5 M5 M5 M5 M5 M6 M5 S-0 9.5 9.5 9.5 9.5 9.5 9.5 8.5 9.5 Mb M8 M8 M8 M12 M12 M12 M12 M12 lb 0.1 12.0 12.0 12.0 16.0 16.0 16.0 16.0 16.0 MASS PACKING (g) QTY 75 95 130 200 300 480 480 700 50 50 50 25 25 16 16 12
103.3 108.7 82.8 88.8
104.8 110.8 104.8 110.7 104.8 109.2 105.8 111.7
Document Number: 28384 Revision: 31-Oct-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 179
106 PED-ST
Vishay BCcomponents
Aluminum Capacitors Power Eurodin Screw Terminals
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
DESIGN 76 x 105 HC 76 x 114 76 x 114 HC 76 x 146 76 x 146 HC 76 x 220 76 x 220 HC 90 x 146 HC DRAWING L 1 Lt 1 D 1 P 0.3 T 0.2 H 0.3 B 0.3 d1 0.1 2B 2A 2B 2A 2B 2A 2B 2B 105.8 110.2 115.8 121.7 115.8 120.2 145.8 151.7 145.8 150.2 219.8 225.7 219.8 224.2 150.1 155.4 76.4 76.4 76.4 76.4 76.4 76.4 76.4 89.4 89.4 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 5.5 7.0 5.5 7.0 5.5 7.0 5.5 7.9 7.9 3.5 4.6 3.5 4.6 3.5 4.6 3.5 0.0 0.0 18.3 11.7 18.3 11.7 18.3 11.7 18.3 13.0 13.0 13.0 7.9 13.0 7.9 13.0 7.9 13.0 13.0 13.0 M M6 M5 M6 M5 M6 M5 M6 M6 M6 S-0 8.5 9.5 8.5 9.5 8.5 9.5 8.5 Mb M12 M12 M12 M12 M12 M12 M12 lb 0.1 16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 MASS PACKING (g) QTY 700 800 800 1000 1000 1500 1500 1300 2000 12 12 12 12 12 10 10 10 10
10.0 M12 10.0 M12
90 x 220 HC 2B 218.1 223.4 Notes * For bolt version holds: 1. L = L standard - 0.5 mm 2. Lt = Lt standard - 0.5 mm
ELECTRICAL DATA
SYMBOL CR IR IL5 ESR Z DESCRIPTION Rated capacitance at 100 Hz, tolerance - 10 to + 30 Rated RMS ripple current at 100 Hz, 85 C Max. leakage current after 5 minutes at UR Max. equivalent series resistance at 100 Hz Impedance at 20 kHz
ORDERING EXAMPLE
Electrolytic capacitor 106 PED-ST series 10 000 F/25 V; - 10/+ 30 % Nominal case size: O 35 x 80 mm; ST version Ordering code: MAL2 106 16103 E3 Former 12NC: 2222 106 16103
Note * Unless otherwise specified, all electrical values in tables 2 and 3 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 % Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR [V] CR 100 Hz [F] 4700 6800 10 000 15 000 22 000 33 000 47 000 68 000 100 000 150 000 220 000 220 000 330 000 3300 4700 6800 10 000 15 000 22 000 NOMINAL IR ESR Z IL5 CASE max. max. 100Hz SIZE 5 min 85 C [mA] 100 Hz 20 kHz ODxL [m] [m] [A] [mm] 35 x 60 35 x 60 35 x 80 35 x 105 50 x 80 50 x 105 65 x 105 65 x 105 76 x 105 76 x 146 76 x 220 90 x 146 90 x 220 35 x 60 35 x 60 35 x 80 35 x 105 50 x 80 50 x 105 6.0 6.5 7.9 9.3 14.0 16.4 23.2 23.5 30.1 34.5 40.8 50 50 5.7 6.0 7.3 10.9 13.0 15.2 0.24 0.34 0.50 0.75 1.10 1.65 3.35 3.40 5.00 7.5 11.0 11.0 16.5 0.27 0.38 0.55 0.80 1.20 1.76 53 43 32 25 15 12 8 8 6 5 5 5 5 56 48 36 19 17 13 32 29 22 18 11 9 6 6 5 5 5 5 5 32 31 24 11 12 10 STANDARD HIGH POST M5 DISC ST ORDERING CODE MAL2106....... 16472E3 16682E3 16103E3 16153E3 16223E3 16333E3 16473E3 16683E3 16104E3 16154E3 16224E3 17332E3 17472E3 17682E3 17103E3 17153E3 17223E3 ST BOLT NUT ORDERING CODE MAL2106....... 56472E3 56682E3 56103E3 56153E3 56223E3 56333E3 56473E3 56683E3 56104E3 56154E3 56224E3 57332E3 57472E3 57682E3 57103E3 57153E3 57223E3 HIGH CURRENT M6 DISC ST ORDERING CODE MAL2106....... 36473E3 36683E3 36104E3 36154E3 36224E3 46224E3 46334E3 ST BOLT NUT ORDERING CODE MAL2106....... 76473E3 76683E3 76104E3 76154E3 76224E3 86224E3 86334E3 -
25
40
www.vishay.com 180
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28384 Revision: 31-Oct-08
106 PED-ST
Aluminum Capacitors Power Eurodin Screw Terminals
ELECTRICAL DATA AND ORDERING INFORMATION
UR [V] CR 100 Hz [F] 33 000 47 000 100 000 150 000 150 000 220 000 2200 3300 4700 6800 15 000 10 000 22 000 33 000 47 000 68 000 100 000 150 000 1000 1500 2200 3300 4700 6800 10 000 15 000 22 000 33 000 47 000 68 000 NOMINAL IR ESR Z IL5 CASE max. max. 100Hz SIZE 5 min 100 Hz 20 kHz 85 C ODxL [mA] [m] [m] [A] [mm] 65 x 105 65 x 105 76 x 146 76 x 220 90 x 146 90 x 220 35 x 60 35 x 60 35 x 80 35 x 105 50 x 105 50 x 80 65 x 105 65 x 105 76 x 105 76 x 146 76 x 220 90 x 220 35 x 60 35 x 60 35 x 80 35 x 105 50 x 80 50 x 105 65 x 105 65 x 105 76 x 105 76 x 146 76 x 220 90 x 220 21.6 25.1 31.8 38.2 50.0 50.0 5.6 7.4 9.0 10.8 17.5 14.8 23.9 23.9 25.4 29.8 36.6 50.0 3.7 4.8 5.9 7.3 10.1 12.1 16.7 17.6 19.5 23.0 28.6 50.0 2.64 3.76 8.0 12.0 12.0 17.6 0.28 0.42 0.60 0.86 1.89 1.26 2.78 4.16 5.93 8.6 12.6 18.9 0.20 0.30 0.44 0.66 0.94 1.36 2.00 3.00 4.40 6.6 9.4 13.6 9 7 5 5 5 5 56 32 24 18 10 13 7 7 8 6 5 5 96 59 42 29 22 16 11 10 9 8 5 5 7 5 5 5 5 5 32 17 13 10 7 8 5 5 5 5 5 5 48 27 20 15 12 9 7 6 6 6 5 5 STANDARD HIGH POST M5 DISC ST ORDERING CODE MAL2106....... 17333E3 17473E3 17104E3 17154E3 18222E3 18332E3 18472E3 18682E3 18153E3 18103E3 18223E3 18333E3 18473E3 18683E3 18104E3 19102E3 19152E3 19222E3 19332E3 19472E3 19682E3 19103E3 19153E3 19223E3 19333E3 19473E3 ST BOLT NUT ORDERING CODE MAL2106....... 57333E3 57473E3 57104E3 57154E3 58222E3 58332E3 58472E3 58682E3 58153E3 58103E3 58223E3 58333E3 58473E3 58683E3 58104E3 59102E3 59152E3 59222E3 59332E3 59472E3 59682E3 59103E3 59153E3 59223E3 59333E3 59473E3 HIGH CURRENT M6 DISC ST ORDERING CODE MAL2106....... 37333E3 37473E3 37104E3 37154E3 47154E3 47224E3 38223E3 38333E3 38473E3 38683E3 38104E3 48154E3 39103E3 39153E3 39223E3 39333E3 39473E3 49683E3 ST BOLT NUT ORDERING CODE MAL2106....... 77333E3 77473E3 77104E3 77154E3 87154E3 87224E3 78223E3 78333E3 78473E3 78683E3 78104E3 88154E3 79103E3 79153E3 79223E3 79333E3 79473E3 89683E3
Vishay BCcomponents
40
63
100
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Case O D = 35 mm Case O D = 50 mm Equivalent series inductance (ESL) Case O D = 65 mm Case O D = 76 mm Case O D = 90 mm Note (1) Low ESL designs available on request typ. 13 nH typ. 16 nH typ. 19 nH (1) typ. 20 nH (1) typ. 21 nH (1) After 1 minute at UR After 5 minutes at UR IL1 0.006 CR x UR + 4 F IL5 0.002 CR x UR + 4 F Us = 1.15 x UR Urev 1 V CONDITIONS VALUE
Document Number: 28384 Revision: 31-Oct-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 181
106 PED-ST
Vishay BCcomponents
Aluminum Capacitors Power Eurodin Screw Terminals
RIPPLE CURRENT AND USEFUL LIFE
2.6
CCC205-05
2.4
2.2
IA IR
2.0
1.8 1.6 1.4
IA = actual ripple current at 100 Hz IR = actual ripple current at 100 Hz and 85 C With an absolute maximum of 50 A at 85 C (1) Useful life at 85 C and I applied: R 20 000 hours
1.2 1.0 0.8 0.5 0.0 40 50 60 70 80
5 1.
lifetime multiplier
(1)
0 2.
0 4.
0 3.
0 6.
20
Fig. 3 Multiplier of useful life as a function of ambient temperature and ripple current load Table 3
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 200 400 1000 2000 Table 4 IR MULTIPLIER 0.83 1.00 1.10 1.15 1.19 1.20
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (quick reference) Tamb = 85 C; UR applied; 8000 hours REQUIREMENTS C/C: 15 % tan 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit Useful life CECC 30301 subclause 1.8.1 Tamb = 85 C; UR and IR applied; 20 000 hours C/C: 4 5 % tan 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit, no visible damage total failure percentage 1 % Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 85 C; no voltage applied; 500 hours after test: UR to be applied for 30 minutes, 24 hours to 48 hours before measurement C/C: 10 % tan 1.2 x spec. limit IL5 2 x spec. limit
40
30
10
www.vishay.com 182
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28384 Revision: 31-Oct-08
0 1.
90 Tamb (C) 100
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL210659332E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X