Part Number Hot Search : 
M54HC158 WP1773ND LL4150 100EL STM6513 IDT54 C4242 HER106
Product Description
Full Text Search
 

To Download MAAM-009503-AM147A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAAM-009503-AM147A
Cascadable Amplifier 10 to 500 MHz
Features
* HIGH POWER OUTPUT: +21 dBm (TYP.) * HIGH THIRD ORDER IP3: +35 dBm (TYP.) * HIGH EFFICIENCY: 52 mA (TYP.) @ +15 Vdc Rev. V1
Product Image
Description
M/A-COM's MAAM-009503-AM147A is a coupler feedback amplifier with high intercept and compression points. The use of coupler feedback minimizes noise figure and current in a high intercept amplifier. This amplifier is packaged in a TO-8-1 package. Due to the internal power dissipation, the thermal rise is minimized. The ground plane on the PC board should be configured to remove heat from under the package. The MAAM-009503-AM147A is ideally suited for use where a high intercept, high reliability amplifier is required.
Absolute Maximum Ratings *
Parameter
Max. Input Power
Absolute Maximum
+10 dBm +15.75 V -55C to +85C -65C to +125C
Ordering Information
Part Number
MAAM-009503-AM147A
Vbias
Package
TO-8-1
Operating Temperature Storage Temperature
*HEAT SINKING: Operation at case temperature above +95oC is not recommended. Heat sinking adequate to dissipate 0.75 watts must be provided in use.
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Typical Parameter
Frequency Small Signal Gain (min) Gain Flatness (max) Reverse Isolation Noise Figure (max) Power Output @ 1 dB comp. (min) IP3 IP2 VSWR Input / Output (max) DC Current @ 15 Volts (max) 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
Guaranteed 0 to 50C
5-500 16.0 0.8 16.0 4.0 20.0 4.5 19.0
Units 25C
MHz dB dB dB dB dBm dBm dBm 3-500 17.0 0.4 20.0 3.5 21.0 +35 +45 1.5:1 / 1.5:1 mA 52 1.9:1 / 1.9:1 56 2.0:1 / 2.0:1 60
-54 to +85C*
5-500 15.5 1.0
MAAM-009503-AM147A
Cascadable Amplifier 10 to 500 MHz
Typical Performance Curves at +25C Outline Drawing: TO-8-1
Rev. V1
Dimensions in ( ) are in mm Unless Otherwise Noted .XXX = +0.010 (.XX = +0.25) XX = +0.02 (.X = +0.5) WEIGHT (Approximately: 0.10 Ounces 2.0 Grams)
Typical S-Parameter Data @ +25oC
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAAM-009503-AM147A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X