Part Number Hot Search : 
AP1186K5 741B1 RGF10M 74ACT158 IDT74A ZS4748A LT1129 TP0101TS
Product Description
Full Text Search
 

To Download MA40201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky Detector Diodes
Schottky Detector Diodes
Rev. V3
Features
* Wide Selection of Packages for Stripline, Coaxial, and Waveguide Detectors * Chip Diodes Available * Both P and N Type Diodes * Excellent Sensitivity Through Ka-Band * Low 1/F Noise
Case Styles (See appendix for complete dimensions)
Description
This family of low capacitance Schottky diodes is designed to give superior performance in video detectors and power monitors from 100 MHz through 40 GHz. They have low junction capacitance and repeatable video impedance. These diodes are available in a wide range of ceramic, stripline and axial lead packages and as bondable chips. Both P and N type diodes are offered.
Applications
Detectors and power monitors in stripline, coaxial and waveguide circuits through 40 GHz.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
Schottky Detector Diodes
Schottky Detector Diodes
Rev. V3
Maximum Ratings
Temperature Ratings Storage Operating Temperature -65C to +150C (Case Styles 54, 119, 120, 135, 135A, 186, 276) -65C to +125C (Case Styles 137, 213) S-X Band 1 Watt - 1 microsecond maximum pulse length Ku-K Band 0.5 W - 1 microsecond maximum pulse length S-X Band 150 mW (maximum) Ku-K Band 100 mW (maximum) 230C for 5 seconds, 1 mm from package 200C for 5 seconds 150C for 5 seconds, 1 mm from package
Power Ratings @ 25C Maximum Peak Incident RF Power Maximum CW RF Power Derate Linearity to Zero at 150C Solder Temperature For case styles 54, 119, 186, 276 For case style 120 For case styles 137 and 213
Packaged N Type Silicon Schottky Detector Diodes
These low barrier packaged detector diodes are suitable for use in stripline, waveguide, and coaxial detectors. They feature high sensitivity and low l/f noise. These diodes are listed by increasing test frequency, grouped by packages style and decreasing Tss. Other case styles than those specified may be available.
Specifications @ TA = +25C
Model Number 1 Case Style Test Frequency (GHz) Maximum2,3 Tang. Signal Sensitivity TSS (dBm)
-55 -55 -55 -55 -55 -52 -52 -49
Video Impedance 3,4 Range Min./Max. (k Ohms)
1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2
MA40053 MA40064 MA40202 MA40201 MA40207 MA40205 MA40215 MA40268
54 119 54 119 120 119 120 120
3 3 10 10 10 16 16 36
Notes: 1. Schottky barrier junction diodes are thermocompression bonded in case style 119 and 120. Case style 54 uses pressure contacts. The standard case style is given for each model number. Other case styles may be available. 2. The video amplifier bandwidth is 1 MHz and the nominal amplifier noise figure is 3 dB. DC Impedance is 10 k ohms. The DC bias is 20 A. 3. RF Power = 30 dBm. The DC forward bias is +20 A. 4. Measured at the indicated test frequency and at -30 dBm RF power.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
Schottky Detector Diodes
Schottky Detector Diodes
Rev. V3
N Type Silicon Schottky Detector Diodes
These low barrier packaged detector diodes are suitable got use in striping applications. They feature high sensitivity, and low l/f noise. These diodes are listed by increasing frequency, and grouped by package style and TSS. Case styles other than those specified may be available. For additional information, contact the factory.
Test Frequency (GHz)
3 3 10 10 10 10 10 16
Model Number
Case Style
Minimum1 Tang. Signal Sensitivity TSS (dBm)
-55 -50 -52 -50 -55 -55 -55 -52
Video Impedance 2 Range Min./Max. (K Ohms)
1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2
MA40261 MA40143 MA40108 MA40070 MA40264 MA40147 MA40207-276 MA40215-276
186 213 137 137 186 213 276 276
Packaged P Type Silicon Schottky Detector Diodes
This series of low barrier P type detector diodes has good voltage sensitivity and low l/f noise than similar capacitance N type Schottky diodes. They are listed by case style.
Specifications @ TA = +25C
Model Number Case Style Minimum1 Tang. Test Frequency Signal Sensitivity TSS (GHz) (dBm)
10 10 10 10 -55 -55 -55 -55
Video Impedance 2 Range Min./Max. (Ohms)
1.2/1.8 1.2/1.8 1.2/1.8 1.2/1.8
Minimum 2 Sensitivity (mV/mW)
5000 5000 5000 5000
MA40252 MA40251 MA40257 MA40257-276
54 119 120 276
Notes: 1. The video amplifier bandwidth is 1 MHz and the noise figure is 3 dB. The Input Impedance is 10 k Ohms and DC Bias is 20 A. 2. Pinc = -30 dBm. The DC forward bias is +20 A.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
Schottky Detector Diodes
Schottky Detector Diodes
Rev. V3
N Type Silicon Schottky Chip Detector Diodes
These low barrier N type chip detector diodes are suitable for use in microstrip applications. They feature sensitivity, and low l/f noise. These diodes are listed by increasing frequency.
Model Number
MA40220 MA40222
Case Style
135 135
Test Frequency (GHz)
10.0 16.0
Nominal 1,5 TSS (dBm)
-52 -52
Minimum Reverse Voltage VR (Volts)
2.0 2.0
Nominal 3 Forward Voltage (Volts)
0.3 0.3
Nominal 4 Total Capacitance (pF)
0.12 0.09
P Type Silicon Schottky Chip Detector Diodes
These low barrier P type chip detector diodes are suitable for use in microstrip or stripline circuits. These diodes are listed by increasing test frequency.
Model Number
MA40270 MA40272
Case Style
135A 135A
Test Frequency (GHz)
10.0 16.0
Nominal 1,5 TSS (dBm)
-52 -52
Minimum Reverse Voltage VR (Volts)
4.0 4.0
Nominal 3 Forward Voltage (Volts)
0.4 0.4
Nominal 4 Total Capacitance (pF)
0.12 0.09
Notes: 1. The video amplifier bandwidth is 1 MHz and the noise figure is 3 dB. Impedance is 10 k Ohms and DC Bias is +20 A. Wafers are evaluated on a sample basis for TSS. 2. Voltage rating is measured at 10 A reverse bias current. 3. Forward voltage is measured at a forward current of 1 mA. 4. Capacitance is measured at 0 V and 1 MHz. 5. RF power = -30 dBm. The DC forward bias is +20 A. Measured at the indicated test frequency and at -30 dBm RF power with RL = 10 k Ohms and DC forward bias +20 A
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
Schottky Detector Diodes
Schottky Detector Diodes
Rev. V3
Typical Performance Curves
Nominal Output Voltage at X-Band (With Forward Bias) Nominal Output Voltage at X-Band (With Zero Bias)
Nominal Tangential Signal Sensitivity vs. Frequency
Nominal Tangential Signal Sensitivity vs. Bias Current at X-Band
Nominal Video Impedance vs. Bias Current
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MA40201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X