Part Number Hot Search : 
THV310 MRX9516 BTA92 70M30 231K1 NLAS5213 B09N03 RF160B
Product Description
Full Text Search
 

To Download LU4T041A1X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com 1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS P/N: LU4T041A1X Feature ! ! ! ! Complies with requirement of IEEE802.3u standards. RJ 45 connector with 10/100 BASE-TX magnetic. Operating temperature range: 0 to +70. Storage temperature range: -25 to +125.
Page: 1/2
Electrical Specifications @ 25C
Part Number LU4T041A1X Turns Ratio (5%) TX/RX 1CT:1CT OCL (uH Min) @ 100 KHz/0.1V with 8mA DC Bias 350 28 CW/W (pF Max) L.L (uH Max) 0.4 0.3-30MHz -40 Cross talk (dB Min) 30-60MHz 60-100 MHz -35 -30 HI-POT (Vrms) 1500
Continue
Part Number Insertion Loss (dB Max) 0.3-100MHz LU4T041A1X -1.15 Return Loss (dB Min) 30MHz 40MHz 50MHz 60MHz 80MHz -16 -14 -13.5 -13 -10 1-30MHz -30 CMR (dB Min) TX/RX 30-60MHz -25 60-125MHz -20
Schematic
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com 1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS P/N: LU4T041A1X
Mechanical
Page: 2/2
1. Plastic Material 2. Metal Shield 3. Spring Wire 4. Solder Pin 5. Durability
: PBT 15% Glass Filled(UL 94V-0), Black Housing : Brass C2680-H, 20u Nickel Plated, t=0.25mm : 0.45mm Dia. Phosphor bronze with 6u gold plated : 0.4x0.4mm, Phosphor bronze with solder Plated : 300 Mating cycles Min.
PCB Layout Mounting Hole(Top View)
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of LU4T041A1X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X