Part Number Hot Search : 
PEC550 3CD010 CD100 RM233615 NCP1012 MMA709 D1070 4N06L
Product Description
Full Text Search
 

To Download LU1T041A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS P/N: LU1T041A1 Feature
Page : 1/2
RJ-45 connector integrated with transformer/impedance resistor/high voltage capacitor. Size same as RJ-45 connector to save PCB board space. Reduce EMI radiation improve EMI performance Design for 10/100 BASE transmission over UTP-5 cable Operating temperature range: 0C to +70C. Storage temperature range: -25C to +125C.
Electrical Specifications @ 25C
Part Number LU1T041A1 Turns Ratio (5%) TX/RX 1CT:1CT OCL (uH Min) @ 100 KHz/0.1V with 8mA DC Bias 350 CW/W (pF Max) 28 L.L (uH Max) 0.4 0.3-30MHz -40 Cross talk (dB Min) 30-60MHz 60-100 MHz -35 -30 HI-POT (Vrms) 1500
Continue
Part Number LU1T041A1 Insertion Loss (dB Max) 0.3-100MHz -1.15 Return Loss (dB Min) 30MHz 40MHz 50MHz 60MHz 80MHz -16 -14 -13.5 -13 -10 1-30MHz -30 CMR (dB Min) TX/RX 30-60MHz -25 60-125MHz -20
Schematic
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434 A7(02/10)
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS P/N: LU1T041A1
Mechanical
Page : 2/2
1. Plastic Material 2. Metal Shield 3. Spring Wire 4. Solder Pin 5. Durability
: PBT 15% Glass Filled(UL 94V-0), Black Housing : Brass C2680-H, 20u Nickel Plated, t=0.25mm : 0.45mm Dia. Phosphor bronze with 6u gold plated : 0.4x0.4mm, Phosphor bronze with solder Plated : 300 Mating cycles Min.
PCB Layout Mounting Hole(Top View)
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434 A7(02/10)


▲Up To Search▲   

 
Price & Availability of LU1T041A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X