Part Number Hot Search : 
CY8C2 CT245 LT1738 USD650C PF01PC MMBZ52 HBR2045S LA9211M
Product Description
Full Text Search
 

To Download LSRF9033-T-TR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
SURFACE MOUNT TAPE AND REEL
Pb
Lead-Free Parts
LSRF9033/T/TR2
DATA SHEET
DOC. NO REV. DATE
: QW0905-LSRF9033/T/TR2 : : B 16 - Sep. - 2008
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSRF9033/T/TR2 Page 1/7
Package Dimensions
Cathode
2.5
0.4 O 0.1
0.5 O 0.1
2.0
5.80.5
1.9
3.050.5 1.4 2.8 0.7 4.30.5 Note : 1.All dimension are in millimeter tolerance is 0.2mm unless otherwise noted. 2.Specifications are subject to change without notice.
Carrier Type Dimensions
4.0
0.3
9.3 12 O 0.3 5.5
6.43
Polarity
1.75
1.55
2.0 4.0 3.05
Note : The tolerances unless mentioned is 0.2mm Unit=mm.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSRF9033/T/TR2 Page 2/7
Reel Dimensions
16.01.0
1782.0
14.21.0
74.01.5
Part No. LSRF9033/T/TR2
Description 12.0mm tape,7"reel
Quantity/Reel 1500 devices
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSRF9033/T/TR2 Page 3/7
Absolute Maximum Ratings at Ta=25
Ratings Parameter Symbol SRF Forward Current Peak Forward Current Duty 1/10@10KHz Power Dissipation Reverse Current @5V Electrostatic Discharge( * ) Operating Temperature Storage Temperature IF IFP PD Ir ESD Topr Tstg 30 90 75 10 2000 -40 ~ +85 -40 ~ +100 mA mA mW UNIT
A
V

Typical Electrical & Optical Characteristics (Ta=25 )
PART NO
MATERIAL Emitted
COLOR
Dominant Spectral wave halfwidth length nm
Forward voltage @5mA(V)
Luminous intensity
@5mA(mcd)
Dnm
Viewing angle 2 1/2 (deg)
Lens Water Clear 630 20
Min. Max. Min. Typ. 1.5 2.4 21 40 20
LSRF9033/T/TR2
AlGaInP
Red
Note : 1.The forward voltage data did not including 0.1V testing tolerance. 2. The luminous intensity data did not including 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSRF9033/T/TR2 Page 4/7
Typical Electro-Optical Characteristics Curve
SRF CHIP
Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current
1000
3.0
Forward Current(mA)
100 10
Relative Intensity Normalize @20mA
3.0 4.0 5.0
2.5 2.0 1.5 1.0 0.5 0.0
1.0 0.1 1.0 2.0
1.0
10
100
1000
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
1.2
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
3.0
Forward Voltage@20mA Normalize @25
Relative Intensity@20mA Normalize @25
-40 -20 0 20 40 60 80 100
2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100
1.1
1.0
0.9
0.8
Ambient Temperature()
Ambient Temperature()
Fig.5 Relative Intensity vs. Wavelength
1.0
Fig.6 Directive Radiation
Relative Intensity@20mA
0 -30 30
0.5
-60
60
0.0 550 600 650 700
100% 75% 50%
25%
0
25% 50% 75% 100%
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSRF9033/T/TR2 Recommended Soldering Conditions 1. Hand Solder
Basic spec is 280 3 sec one time only.
Page 5/7
2. Wave Solder
Soldering heat Max. 260 2455 within 5 sec Preheat
120 ~ 150
120 ~ 180 sec
3. LEAD Reflow Solder
Temp. () 240
Rising +5/sec Cooling -5/sec
150 120
Preheat
60 ~ 120 sec
5sec
Time
4. PB-Free Reflow Solder
1~5XC/sec 260XC MaX. 10sec.Max
Preheat 180~200XC 1~5XC/sec
Above 220XC 60 sec.Max.
120 sec.Max.
Note: 1.Wave solder and reflow soldering should not be made more than one time. 2.You can just only select one of the soldering conditions as above.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSRF9033/T/TR2 Precautions For Use: Storage time:
1.The operation of Temperatures and RH are : 5 ~35,RH<60%. 2.Once the package is opened, the products should be used within a week. Otherwise, they should be kept in a damp proof box with descanting agent. Considering the tape life, we suggest our customers to use our products within a year(from production date). 3.If opened more than one week in an atmosphere 5 ~ 35,RH<60%, they should be treated at 605 fo r 15hrs.
Page 6/7
Drive Method:
LED is a current operated device, and therefore, requirer some kind of current limiting incorporated into the driver circuit. This current limiting typically takes the form of a current limiting resistor placed in series with the LED. Consider worst case voltage variations than could occur across the current limiting resistor. The forwrd current should not be allowed to change by more than 40 % of its desired value.
Circuit model A LED
Circuit model B LED
(A) Recommended circuit. (B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED.
Cleaning:
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
ESD(Electrostatic Discharge):
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic glove is recommended when handing these LED. All devices, equipment and machinery must be properly grounded.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSRF9033/T/TR2 Reliability Test: Page 7/7
Classification
Test Item
Test Condition
1.Ta=Under Room Temperature As Per Data Sheet Maximum Rating. 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs)
Reference Standard
MIL-STD-750D: 1026 MIL-STD-883D: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test Endurance Test Low Temperature Storage Test
1.Ta=105 5 2.t=1000 hrs (-24hrs, +72hrs)
MIL-STD-883D:1008 JIS C 7021: B-10
1.Ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs)
JIS C 7021: B-12
High Temperature High Humidity Storage Test
1.Ta=65 5 2.RH=90 %~95% 3.t=1000hrs 2hrs
MIL-STD-202F:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 5&-405 (10min) (10min) 2.total 10 cycles
MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1011 MIL-STD-202F: 208D MIL-STD-750D: 2026 MIL-STD-883D: 2003 IEC 68 Part 2-20 JIS C 7021: A-2 MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1010 JIS C 7021: A-4
Solderability Test
1.T.Sol=235 5 2.Immersion time 2 0.5sec 3.Coverage 95% of the dipped surface
Environmental Test
Temperature Cycling
1.105 ~ 25 ~ -55 ~ 25 30mins 5mins 30mins 5mins 2.10 Cyeles
IR Reflow
1.T=260XC Max. 10sec.Max. 2. 6 Min
MIL-STD-750D:2031.2 J-STD-020


▲Up To Search▲   

 
Price & Availability of LSRF9033-T-TR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X