|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only TAPE AND REEL TYPE LED LAMPS Pb Lead-Free Parts LG3330-PF/TRF-X DATA SHEET DOC. NO : QW0905-LG3330-PF/TRF-X REV. DATE : : A 09 - Nov. - 2007 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LG3330-PF/TRF-X Page 1/7 Package Dimensions P2 H H2 W2 H1 H L W0 W1 W3 P1 D F P - + T LG3330-PF 5.0 5.9 7.6 8.6 1.5MAX 25.0MIN 0.5 TYP 2.54TYP + - 1.0MIN Note : 1.All dimension are in millimeter tolerance is 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LG3330-PF/TRF-X Page 2/7 Absolute Maximum Ratings at Ta=25 Absolute Maximum Ratings Parameter Symbol G Forward Current Peak Forward Current Duty 1/10@10KHz Power Dissipation Reverse Current @5V Operating Temperature Storage Temperature IF IFP PD Ir Topr Tstg 30 120 100 10 -40 ~ +85 -40 ~ +100 mA mA mW UNIT A Typical Electrical & Optical Characteristics (Ta=25 ) PART NO MATERIAL COLOR Peak wave length Pnm Forward Spectral voltage halfwidth @20mA(V) nm Luminous intensity @10mA(mcd) Viewing angle 2 1/2 (deg) Emitted LG3330-PF/TRF-X Lens Green Diffused Min. Max. Min. Typ. 565 30 1.7 2.6 20 30 28 GaP Green Note : 1.The forward voltage data did not including 0.1V testing tolerance. 2. The luminous intensity data did not including 15% testing tolerance. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LG3330-PF/TRF-X *Dimensions Symbol Information SPECIFICATIONS SYMBOL ITEMS Tape Feed Hole Diameter Component Lead Pitch Front-To-Rear Deflection Height Of Seating Plane Page 3/7 OPTION SYMBOL CODE ------------------------- Minimum mm inch 0.15 0.19 ------- Maximum mm 4.2 5.8 2.0 16.5 19.5 21.0 24.5 26.5 22.5 21.2 21.125 22.5 28.0 26.0 23.0 36 11.0 inch 0.17 0.23 0.08 0.65 0.77 0.83 0.96 1.04 0.89 0.83 0.83 0.89 1.1 1.02 0.91 1.42 0.43 0.51 0.18 0.3 0.06 0.38 0.61 0.16 0.75 D F H 3.8 4.8 ------- H 15.5 17.5 19.0 22.5 25.5 21.5 0.61 0.69 0.75 0.89 1.0 0.85 0.8 0.67 0.79 1.02 0.94 0.83 ------- TRF-1 TRF-2 TRF-3 TRF-4 TRF-5 Feed Hole To Bottom Of Component TRF-6 TRF-7 TRF-8 TRF-9 TRF-11 TRF-12 Feed Hole To Overall Component Height Lead Length After Component Height Feed Hole Pitch Lead Location Center Of Component Location Overall Taped Package Thickness Feed Hole Location Adhesive Tape Width Adhesive Tape Position Tape Width ------------------------------------------------------------- H1 20.2 17.125 20.0 26.0 24.0 21.0 H2 L P P1 P2 T W0 W1 W2 W3 ------- W0 12.4 3.15 5.1 ------- 0.49 0.12 0.2 ------- 13.0 4.55 7.7 1.42 9.75 15.5 4.0 19.0 8.5 14.5 0 17.5 0.33 0.57 0 0.69 REMARK:TRF=Tape And Reel Forming Leads * Dimensions Symbol Information Specification Description Reel Diameter Core Diameter Hub Recess Inside Diameter Arbor Hole Diameter Overall Reel Thickness Iside Reel Flange Thickness * Package Dimensions minimum mm inch 3.08 1.37 1.13 0.54 --1.18 1000PCS maxmum mm 380 102 88.0 38.1 57.2 50.0 inch 14.96 4.02 3.46 1.5 2.25 1.97 D MARKING D3 D2 D1 Symbol D D1 D2 D3 T T1 78.2 34.9 28.6 13.8 --30.0 T1 T2 LG3330-PF/TRF-X LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LG3330-PF/TRF-X *Dimensions Symbol Information SPECIFICATIONS SYMBOL ITEMS Tape Feed Hole Diameter Component Lead Pitch Front-To-Rear Deflection Height Of Seating Plane Page 4/7 OPTION SYMBOL CODE ------------------------- Minimum mm inch 0.15 0.19 ------- Maximum mm 4.2 5.8 2.0 16.5 20.0 23.7 23.5 18.0 19.5 21.5 inch 0.17 0.23 0.08 0.65 0.79 0.93 0.93 0.71 0.77 0.85 D F H 3.8 4.8 ------- H 15.5 19.0 21.7 22.5 17.5 18.5 0.61 0.75 0.85 0.89 0.69 0.73 0.81 TRF-13 TRF-14 TRF-15 TRF-16 TRF-17 Feed Hole To Bottom Of Component TRF-18 TRF-19 TRF-20 TRF-21 TRF-22 Feed Hole To Overall Component Height Lead Length After Component Height Feed Hole Pitch Lead Location Center Of Component Location Overall Taped Package Thickness Feed Hole Location Adhesive Tape Width Adhesive Tape Position Tape Width H1 20.5 25.5 20.5 25.0 22.0 1.0 0.81 0.98 0.87 27.5 22.5 27.0 23.0 1.08 0.89 1.06 0.91 ------------------------------------------------------------- H2 L P P1 P2 T W0 W1 W2 W3 ------- ------- 36 11.0 1.42 0.43 0.51 0.18 0.3 0.06 0.38 0.61 0.16 0.75 W0 12.4 3.15 5.1 ------- 0.49 0.12 0.2 ------- 13.0 4.55 7.7 1.42 9.75 15.5 4.0 19.0 8.5 14.5 0 17.5 0.33 0.57 0 0.69 REMARK:TRF=Tape And Reel Forming Leads * Dimensions Symbol Information Specification Description Reel Diameter Core Diameter Hub Recess Inside Diameter Arbor Hole Diameter Overall Reel Thickness Iside Reel Flange Thickness * Package Dimensions minimum mm inch 3.08 1.37 1.13 0.54 --1.18 1000PCS maxmum mm 380 102 88.0 38.1 57.2 50.0 inch 14.96 4.02 3.46 1.5 2.25 1.97 D MARKING D3 D2 D1 Symbol D D1 D2 D3 T T1 78.2 34.9 28.6 13.8 --30.0 T1 T2 LG3330-PF/TRF-X LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LG3330-PF/TRF-X Page 5/7 Typical Electro-Optical Characteristics Curve G CHIP Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current 3.5 1000 Forward Current(mA) 100 Relative Intensity Normalize @20mA 1.0 3.0 2.5 2.0 1.5 1.0 0.5 0.0 10 1.0 0.1 2.0 3.0 4.0 5.0 1.0 10 100 1000 Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature Forward Current(mA) Fig.4 Relative Intensity vs. Temperature 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100 Forward Voltage@20mA Normalize @25 1.1 1.0 0.9 0.8 -40 -20 0 20 40 60 80 100 Relative Intensity@20mA Normalize @25 1.2 Ambient Temperature() Ambient Temperature() Fig.5 Relative Intensity vs. Wavelength Fig.6 Directive Radiation Relative Intensity@20mA 1.0 0.5 0.0 500 550 600 650 Wavelength (nm) LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LG3330-PF/TRF-X Page 6/7 Soldering Condition(Pb-Free) 1.Iron: Soldering Iron:30W Max Temperature 350C Max Soldering Time:3 Seconds Max(One time only) Distance:2mm Min(From solder joint to body) 2.Wave Soldering Profile Dip Soldering Preheat: 120 C Max Preheat time: 60seconds Max Ramp-up 2C/sec(max) Ramp-Down:-5C/sec(max) Solder Bath:260 C Max Dipping Time:3 seconds Max Distance:2mm Min(From solder joint to body) Temp( C) 260 C3sec Max 260 5 /sec max 120 2 /sec max Preheat 60 Seconds Max 25 0 0 50 100 150 Time(sec) Note: 1.Wave solder should not be made more than one time. 2.You can just only select one of the soldering conditions as above. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LG3330-PF/TRF-X Page 7/7 Reliability Test: Test Item Test Condition 1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs) Description This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed. Reference Standard MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1 Operating Life Test High Temperature Storage Test 1.Ta=105 5 2.t=1000 hrs (-24hrs, +72hrs) The purpose of this is the resistance of the device which is laid under condition of high temperature for hours. MIL-STD-883:1008 JIS C 7021: B-10 Low Temperature Storage Test 1.Ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs) The purpose of this is the resistance of the device which is laid under condition of low temperature for hours. JIS C 7021: B-12 High Temperature High Humidity Test 1.Ta=65 5 2.RH=90 %~95% 3.t=240hrs 2hrs The purpose of this test is the resistance of the device under tropical for hours. MIL-STD-202:103B JIS C 7021: B-11 Thermal Shock Test 1.Ta=105 5&-405 (10min) (10min) 2.total 10 cycles The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011 Solder Resistance Test 1.T.Sol=260 5 2.Dwell time= 10 1sec. MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1 Solderability Test 1.T.Sol=230 5 2.Dwell time=5 1sec This test intended to see soldering well performed or not. MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2 |
Price & Availability of LG3330-PF-TRF-X |