|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Customer's name Specification No.Ref.CE-P680 03/10 Specifications sheet for approval Product name Parts No. L250-HOLDER 914-A00680 Page No. page 1 2 3 Drawing Packing specification Physical properties item drawing No. AL2-041-02 Approval Signature CITIZEN ELECTRONICS CO.,LTD 1-23-1,Kami-Kurechi,Fujiyoshida-shi, Yamanashi-Ken 403-0001,JAPAN Tel(0555)23-4121 Fax(0555)24-2426 Sales department Approved Checked Drawn GQP-0013-F03-3 (SGP-0013-F05-0) This drawing is the property of Citizen Electronics Co.,LTD. and should not be disclosed to any third party without prior permission of Citizen Electronics Co.,LTD. 31.786 16.49 1.9 15 13 .9 .4 13 6. 7 R gate 3 .3 6. 9 5 90 0.5 R2 2 43.9 max 0.2 2 40 5 ( 31 ) Remarks 1 This drawing for Citizen Electronics Co., LTD. : CL-L250 series only 2 Material: PC 3 Color: Black 4 The angle R without directions is set to 0.2. 5 No scratches, stain, etc allowes. 6 Dimension is based on as follows. 5 LIMITS UNLESS OTHERWISE NOTE L6 6L18 18L50 50L120 120L400 Angle 0.05 0.08 0.1 0.18 0.28 0.1 0.2 0.2 0.3 0.3 0.5 0.45 0.8 0.7 1.2 1 0.3 0.5 1.0 1.5 2.0 6 5 4 3 2 1 09.12.03 Mark Date full-fledged revision Description Appro. Dimensions General tolerances refer leftward table refer leftward table Angles Alternation K.Matsuyama Drawn Checked K.Sasuga K.Funakubo Approved Unit Scale / mm 21 Symbol Name Part No. Drawin No. L250-HOLDER HOLDER 914-A00680 4L2-041-02 2009.07.14 Date CITIZEN ELECTRONICS Co.,ltd No.GQP-0302-F04-1 (RQP-0302-F10-0,UQP-U302-F04-0) Ref.CE-P680 03/10 This drawing is the property of Citizen Electronics Co.,LTD. and should not be disclosed to any third party without prior permission of Citizen Electronics Co.,LTD. Holder stack 10 tray (Max) + empty tray as top cover Cardboard Tray Bag 100pcs./tray Label CITIZEN ELECTRONICS CO., LTD. Part Name Part No. Lot No. Quantity Date QC L250-HOLDER 914-A00680 Max1000pcs./bag Cardboard 7 6 5 4 3 2 1 Mark General tolerances Dimensions Angles Drawn Checked Approved Label Symbol Name Part No. Drawin No. L250-HOLDER packing specification 2010/01/13 No.GQP-0302-F04-1 (RQP-0302-F10-0,UQP-U302-F04-0) arbitrary size Alternation K.Matsuyama K.Sasuga K.Funakubo Unit mm Date Date Description Appro. Scale free / CITIZEN ELECTRONICS Co.,ltd Ref.CE-P680 03/10 PHYSICAL PROPERTIES Property Test Method Condition Unit MPa MPa % % MPa MPa J/m J/m g/10min m kV/mm 62 68 7 130 2340 96 3204 801 70 132 137 154 10.5 >1017 14.9 3.17 2.96 0.0009 0.01 1.19 0.15 0.35 HB Mechanical Tensile strength at yield Tensile strength at break Tensile strain at yield Tensile strain at break Flexual modulus Flexual strength at yield Izot impact Rockwell hardness ASTM D 638 50mm/min ASTM D 638 50mm/min ASTM D 638 50mm/min ASTM D 638 50mm/min ASTM D 790 1.3mm/min, 50mm span ASTM D 790 1.3mm/min, 50mm span ASTM D 4812 unnoched ASTM D 256 noched ASTM D 785 M scale ASTM D 648 ASTM D 1525 ASTM D 1236 ASTM D 257 ASTM D 149 ASTM D 150 ASTM D 150 ASTM D 792 1.82MPa 0.45MPa B/50 300/1.2kgf in air, 3.2mm 50/60Hz 1MHz 50/60Hz 1MHz Thermal Heat deflection temperature 6.4mm, unannealed Vicat softening point Melt flow rate Electrical Volume resistivity Dielectric strength Relative permittivity Dissipation factor Other g/cm3 24h % Water absorption ASTM D 570 23/equilibrium % Flammability UL94 class *Values reported are typical and should not be used for specification purpose. Density Ref.CE-P680 03/10 |
Price & Availability of L250-HOLDER |