Part Number Hot Search : 
FDMS3572 60VIC MT8D132 HT12B 210Y104 K03D2 1N5420 K03D2
Product Description
Full Text Search
 

To Download KMP2900 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2900 Series
Shielded Surface Mount Inductors
SELECTION GUIDE
Order Code
29102C 29152C 29222C 29332C 29472C 29682C 29103C 29153C 29223C 29333C 29473C 29683C 29104C 29154C 29224C 29334C 29474C 29684C 29105C
Inductance (10kHz, 0.1VAC) Nom. Min. - Max. H H
1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 0.70 - 1.30 1.05 - 1.95 1.54 - 2.86 2.31 - 4.29 3.29 - 6.11 4.76 - 8.84 8.0 - 12.0 12.0 - 18.0 17.6 - 26.4 26.4 - 39.6 37.6 - 56.4 54.4 - 81.6 80.0 - 120 120 - 180 176 - 264 264 - 396 376 - 564 544 - 816 800 - 1200
Idc Max. A
6.0 5.5 5.0 4.0 2.3 2.1 1.8 1.5 1.2 1.0 850mA 650mA 530mA 470mA 380mA 320mA 260mA 210mA 180mA
Rdc Max. m
16 18 20 28 30 40 45 65 85 120 170 250 360 500 760 1000 1600 2400 4100
FEATURES
RoHS compliant Low profile Surface mount Inductance range from 1.0H to 1.0mH Tape & reel UL 94V-0 materials J-STD-020-C reflow
PRODUCT OVERVIEW
The 2900 series is a range of bobbin-wound, shielded inductors. They are suitable for powerline filtering found in consumer electronics such as desktop computers, handheld devices and GPS systems, as well as in a vast range of industrial and telecom applications including network hubs, bridges & routers, and high frequency wireless communication devices. These surface mount inductors are extremely compact and have an integral shield, making them useful in EMI sensitive applications. For lower current ratings see also our lower profile 2900L series.
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range Storage temperature range
-40C to 85C -40C to 125C
SOLDERING INFORMATION1
Peak reflow solder temperature Pin finish
250C Bright tin
PACKAGE SPECIFICATIONS
Mechanical Dimensions
2.1 0.1 (0.0830.004)
7.2 (0.283) Ref.
9. 8 ) 86 .3 (0 ef. R
2.6 (0.102) Ref.
2.0 (0.079) Ref.
Recommended Footprint Details*
4.0 (0.157) Max.
7.2 (0.283) Max.
102C
7.2 (0.283) Max.
* Distance between the outside ends of the terminations is 6.61.5 (0.260.06) Unless otherwise stated, all dimensions in mm (inches) 0.25 (0.010). Package weight: 0.7g Typ.
For full details go to www.murata-ps.com/rohs
1 For further information, please visit www.murata-ps.com/rohs All specifications typical at TA=25C
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_2900C_B02 Page 1 of 3
2900 Series
Shielded Surface Mount Inductors
INDUCTANCE Vs CURRENT
10000
1000
1mH
Inductance, L (H)
100
100H
10
10H
1
1H
0.1 0.001
0.01
0.1
1
10
Current, IDC (A)
TEMPERATURE Vs CURRENT
50
Temperature rise above ambient, t (C)
1mH
40
100H
10H
1H
30
20
10
0 0 1 2 3 4 5 6 7 8 9
Current, IDC (A)
INDUCTANCE Vs FREQUENCY
10000
1mH
1000
Inductance, L (H)
100H
100
10H
10
1H
1
0.1 10 100 1000 10000
Frequency, f (kHz)
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_2900C_B02 Page 2 of 3
2900 Series
Shielded Surface Mount Inductors
PACKAGE SPECIFICATIONS
Reel Dimensions
O330.5 (13.012) Max. 50 (1.97) Min. 13.50 0.531 O 12.80 0.504 Leader Section 400 (15.748) Min. 100 (3.937) Min. 15.9-19.4* (0.626-0.764)
O
1.50 (0.059) Min. 22.4 (0.882) Max.
Goods Enclosure Section 16.4-16.6 (0.646-0.654)
Trailer Section 160 (6.299) Min.
All dimension in mm [inches] * Includes flange distortion at outer edge Measured at hub
O20.20 (O0.795) Min.
Tape Outline Dimensions
4.00 (0.157) 1.75 (0.069) 2.00 (0.079) O1.50 +0.10 (O0.059 +0.004 ) -0.00 -0.00
7.50 (0.295) 16.0 +0.3 (0.63 +0.012 ) -0.004 -0.1
102C
0.60 (0.024) 0.35 (0.014)
4.00 (0.157)
Reel Quantity: 1000 Unless otherwise stated all dimensions in mm (inches) 0.1 (0.004)
12.00 (0.472)
Direction of unreeling
USA: UK: France: Japan:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Website: www.murata-ps.jp Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
Germany: Munchen, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
China:
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_2900C_B02 Page 3 of 3


▲Up To Search▲   

 
Price & Availability of KMP2900

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X