Part Number Hot Search : 
CP2133 74LS3 TC123 74AHC373 62006 2RABCS3 M5243PXX SNC109
Product Description
Full Text Search
 

To Download KBPC35005-MB3505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
KBPC35005/MB3505 THRU KBPC3510/MB3510
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE50-1000V CURRENT35.0A
FEATURES
*Metal case for Maximum Heat Dissipation *Surge overload ratings-400 Amperes *Low forward voltage drop
MB-25
.500 (12.7)
TYP.
.452 MAX (11.5) .480(12.2) .425(10.8)
MECHANICAL DATA
*Case: Metal shell with plastic encapsulation *Epoxy: UL 94V-0 rate flame retardant * Terminals: Plated .25"(6.35mm) Faston lugs, Solderable per MIL-STD-202E, Method 208 guaranteed *Polarity: As marked *Mounting: Thru hole for 8# screw *Weight: 30 grams
.732(18.6) .692(17.6)
1.181(30.0) 1.102(28.0) .673(17.1) .633(16.1)
HOLE FOR NO. 8 SCREW
1.181(30.0)
AC AC
.673(17.1) 1.102(28.0) .633(16.1)
.582(14.8) .543(13.8)
.033x.250 (0.8x6.4)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. KBPC KBPC KBPC KBPC KBPC KBPC KBPC SYMBOL 35005 3501 3502 3504 3506 3508 3510 units
MB3505 MB351 MB352 MB354 MB356 MB358 MB3510
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Output Current at TC=55C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Forward Voltage Drop per element at 17.5A DC Maximum DC Reverse Current @ TA=25C at Rated DC Blocking Voltage @ TA=100C per element I2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2)
VRRM VRMS VDC Io IFSM VF IR It CJ RJA
2
50 35 50
100 70 100
200 140 200
400 280 400 35.0 400 1.1 10 500 664 300 2.2
600 420 600
800 560 800
1000 700 1000
V V V A A V A AS pF
C/W
2
Notes: 1.Measured at 1MHz and applied reverse voltage of 4.0 volts 2.Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.B.C. with 0.47x0.47"(12x12mm) copper pads
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of KBPC35005-MB3505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X