Part Number Hot Search : 
BUL1280 153PPA YD2025D 74HCU04 YD2025 IN5404 D8LC40 IN5404
Product Description
Full Text Search
 

To Download JPS130PS03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AC-DC
130 Watts JPS130/JPS130-M Series
* * * * * * * High Efficiency - up to 90%
xppower.com
Medical Approval (JPS130-M Versions) 3" x 5" Footprint Zero Voltage Switching Technology High Power Density 100 W Convection-cooled Single & Multi Outputs
Specification
Input
Input Voltage Input Frequency Input Current Inrush Current Power Factor Earth Leakage Current Input Protection * * * * * * 90-264 VAC (130-370 VDC) 47-63 Hz 2.0/1.0 A max at 115/230 VAC 30 A at 115 VAC, 60 A at 230 VAC 0.9 typical 1.5 mA max at 264 VAC/60 Hz JPS130 250 A max at 240 VAC/60 Hz JPS130-M * Internal 3.15 A/250 V fuse Both line & neutral fused (JPS130-M)
General
Efficiency Isolation * Up to 90% nominal line, full load * 3000 VAC Input to Output (JPS130), 4000 VAC Input to Output (JPS130-M), 1500 VAC Input to Ground, 500 VAC Output to Ground * 120 kHz fixed, 10% for both active PFC & PWM * 6.7 W/In3 * 250 kHrs per MIL-HDBK-217F at 25 C
Switching Frequency Power Density MTBF
Environmental Output
Output Voltage Output Voltage Trim * See table * 10% on single output models, 5% on multi output models, other voltages will track by the same percentage Initial Set Accuracy * At 60% rated load 1% single outputs, 3% on V1 for multi outputs Minimum Load * Single output: no minimum load required Multi-outputs: (see note 1) Start Up Rise Time * <20 ms Hold Up Time * 16 ms typical at low line Line Regulation * 0.5% Vmin to Vmax Load Regulation * 1%, 5% for auxiliaries, 20-100% of rated load Transient Response * 4% max deviation, recovery to within 1% in 500 s for a 25% load change Ripple & Noise * 1% max pk-pk (see note 4) Overvoltage Protection * 110-140% on V1 only, recycle input to reset Overload Protection * 110-150%, auto recovery Short Circuit Protection * Trip & restart (Hiccup mode) Temperature * 0.05%/C Coefficient Remote Sense * Single output models only, compensates for up to 0.5 V drop Fan Output * 12 V, 450 mA multi-output models only Operating Temperature * 0 C to +70 C, (see derating curves) Cooling * 130 W with 18 CFM airflow, 100 W with convection cooling Operating Humidity * 5-95% RH, non-condensing Storage Temperature * -20 C to +85 C Operating Altitude * 3000 m
EMC & Safety
Emissions Harmonic Currents Voltage Flicker ESD Immunity Radiated Immunity EFT/Burst Surge Conducted Immunity Dips & Interruptions Safety Approvals * EN55022, level B conducted FCC 20780, level B conducted * EN61000-3-2 * EN61000-3-3 * EN61000-4-2, level 3 Perf Criteria A * EN61000-4-3, 10 V/m Perf Criteria A * EN61000-4-4, level 3 Perf Criteria A * EN61000-4-5, level 3 Perf Criteria A * EN61000-4-6, 3 V Perf Criteria A * EN61000-4-11, 30% 10 ms, 60% 100 ms, 95% 5000 ms Perf Criteria A, B, B * JPS130: EN60950-1:2001, UL60950-1, CSA C22.2 No. 60950-1, CE Mark LVD. JPS130-M: UL2601-1, EN60601-1, CSA C22.2 No. 601.1 CE Mark LVD.
AC-DC
Models and Ratings
Output Power(3)
100 W
JPS130
Output Current Convection-cooled 18 CFM
25.0 A 20.0 A 9.0 A 7.0 A 4.5 A 2.3 A
(1) (2) (2) (1) (2) (2)
Output Voltage
3.3 V 5.0 V 12.0 V
Ripple & Noise Pk-Pk(4)
50 mV 50 mV 120 mV 120 mV 200 mV 200 mV 50 mV 100 mV 100 mV 50 mV 50 mV 100 mV
Model Number
JPS130PS03^ JPS130PS05^ JPS130PS12^ JPS130PS15^ JPS130PS24^ JPS130PS48^ JPS130PT31(2)^
30.0 A 26.0 A 10.8 A 8.7 A 5.4 A 2.7 A 15.0 A 5.0 A 0.5 A 15.0 A 15.0 A 0.5 A
130 W
15.0 V 24.0 V 48.0 V 5.0 V
11.5 A 3.0 A 0.5 A 10.0 A 8.0 A 0.5 A
130 W
12.0 V -12.0 V 3.3 V
130 W
5.0 V 12.0 V
JPS130PT30(2)^
Notes
1. 20% minimum load required on V1 to maintain stated regulation for auxiliary rails. 2. Load regulation of auxiliary rails is defined over the range of 60% of rated output 40%. 3. Maximum power with 18 CFM of forced air. 4. Ripple and noise measured over 15 MHz bandwidth with a 47 F electrolytic capacitor and 0.47 F ceramic capacitor. 5. Covers available, order part number `JPS130 COVER'^ or add suffix `-C' to receive the unit with cover fitted. Overall dimensions 90.6 x 142.9 x 39.8 mm. 6. Connector kits and cable harnesses available. Consult sales for options.
Available from Farnell. See pages 204-206. ^ Available from Newark. See pages 207-208.
Mechanical Details
All dimensions are in inches (mm). Tolerance: 0.02 (0.4) max. Weight: 0.5 lbs (240 g) approx. 0.16 (4.0) Dia Mounting Hole (4 Places) 0.225 (5.7)
TB2
3.00 (76.2) 2.55 (64.8)
Pin 1 2
L N TB1
1
See page 29 for TB2 pin connections
TB3 4.55 (115.6) 5.00 (127.0) To Chassis Grounding x 2
1
1.18 (30.0)(1)
TB3 PIN CONNECTIONS Single Output Multi Output - Sense 0V + Sense +12 V Fan
0.10 (2.5) Notes
1. Single output model shown, add extra 0.08" (2.0mm) to overall height for multi-output models. 2. AC input connector (TB1): Molex 5277-02A or equivalent. Mates with 5196-N housings. 3. DC output connector (TB2): Molex 5273 or equivalent, mates with 5195-N and 5239-N housings except JPS130PS03 which has a 6-position terminal screw block: Dinkle part number EHK508V Series accepts 24-12 AWG wire. 4. TB3: Molex 5045-02A or equivalent. Single output units - TB3 is remote sense. Multi-output units - TB3 is 12 V, 450 mA fan output.
AC-DC
Models and Ratings
Output Power(3) Output Voltage
5.0 V 12.0 V 130 W 15.0 V 24.0 V 28.0 V 48.0 V 5.0 V 130 W 12.0 V -12.0 V 5.0 V 130 W 15.0 V -15.0 V 5.0 V 130 W 24.0 V 12.0 V
(1) (2) (2) (1) (2) (2) (1) (2) (2)
JPS130-M
Output Current Convection-cooled 18 CFM
20.0 A 9.0 A 7.0 A 4.5 A 3.8 A 2.3 A 10.0 A 3.0 A 0.8 A 10.0 A 2.5 A 0.8 A 2.5 A 2.8 A 0.7 A 26.0 A 10.8 A 8.7 A 5.4 A 4.6 A 2.7 A 15.0 A 4.1 A 1.1 A 15.0 A 4.1 A 1.1 A 4.0 A 4.0 A 1.0 A
Ripple & Noise Pk-Pk(4)
50 mV 120 mV 120 mV 200 mV 200 mV 200 mV 50 mV 120 mV 120 mV 50 mV 150 mV 150 mV 50 mV 240 mV 120 mV
Model Number
JPS130PS05-M^ JPS130PS12-M^ JPS130PS15-M^ JPS130PS24-M^ JPS130PS28-M^ JPS130PS48-M^ JPS130PT31-M(2)^
JPS130PT32-M(2)^
JPS130PT34-M(2)
Notes
1. 20% minimum load required on V1 to maintain stated regulation for auxiliary rails. 2. Load regulation of auxiliary rails is defined over the range of 60% of rated output 40%. 3. Maximum power with 18 CFM of forced air. 4. Ripple and noise measured over 15 MHz bandwidth with a 47 F electrolytic capacitor and 0.47 F ceramic capacitor. 5. Covers available, order part number `JPS130-M COVER'^ or add suffix `-C' to receive the unit with cover fitted. Overall dimensions 89.5 x 143.0 x 40.0 mm. 6. Connector kits and cable harnesses available. Consult sales for options. Available from Farnell. See pages 204-206. ^ Available from Newark. See pages 207-208.
Mechanical Details
All dimensions are in inches (mm). Tolerance: 0.02 (0.4) max. Weight: 0.5 lbs (240 g) approx. 0.16 (4.0) Dia Mounting Hole (4 Places) 0.20 (5.0)
TB2
3.00 (76.2) 2.60 (66.2)
1
L N TB1
See page 29 for TB2 pin connections
TB3 4.60 (117.0) 5.00 (127.0) To Chassis Grounding x 2
1.18 (30.0)(1)
1
Pin 1 2
TB3 PIN CONNECTIONS Single Output Multi Output - Sense 0V + Sense +12 V Fan
0.10 (2.5) Notes
1. Single output model shown, add extra 0.08" (2.0 mm) to overall height for multi-output models. 2. AC input connector (TB1): Molex 5277-02A or equivalent. Mates with 5196-N housings. 3. DC output connector (TB2): Molex 5273 or equivalent. Mates with 5195-N and 5239-N housings. 4. TB3: Molex 5045-02A or equivalent. Single output units - TB3 is remote sense. Multi-output units - TB3 is 12 V, 450 mA fan output.
AC-DC
Pin Connections
JPS130 PIN CONNECTIONS TB2 1 2 3 4 5 6 7 8 9 10 Type PS05 +V +V +V +V Return Return Return Return PS03, 12, 15, 24, 48 +V +V +V Return Return Return
JPS130/JPS130-M
PT31 +5 V +5 V +5 V Return Return Return Return +12 V -12 V Molex 5273-09A PT30 +3.3 V +3.3 V Return Return Return Return Return +5 V +5 V +12 V Molex 5273-10A
Molex 5273-08A
Molex 5273-06A
JPS130-M PIN CONNECTIONS TB2 1 2 3 4 5 6 7 8 9 Type PS05 Return Return Return Return +V +V +V +V Molex 5273-08A PS12, 15, 24, 28, 48 Return Return Return +V +V +V PT31 -12 V +12 V Return Return Return Return +5 V +5 V +5 V PT32 -15 V +15 V Return Return Return Return +5 V +5 V +5 V Molex 5273-09A PT34 +12 V +24 V Return Return Return Return +5 V +5 V +5 V
Molex 5273-06A
Derating Curves
JPS130
130
A
100 Load (W)
A B
JPS130 with 18 CFM fan (except JPS130PS03). JPS130PS12, PS15, PS24 and PS48 with convection cooling. JPS130PS03 with 18 CFM fan. JPS130PS05, PT30, PT31, PT32 and PT34 with convection cooling. JPS130PS03 with convection cooling.
C
80 60 40 20 0 -10
B
D
C D
0 10 20 30 40 50 60 70 Ambient Temp (C)
JPS130-M
130
A
100 Load (W)
A
JPS130-M with 18 CFM fan.
C
80 60 40 20 0 -10
B B C JPS130PS12-M, PS15-M, PS24-M and PS48-M with convection cooling.
JPS130PS05-M, PT30-M, PT31-M, PT32-M and PT34-M with convection cooling.
0
10
20
30
40
50
60
70
Ambient Temp (C)
25-Sept-08


▲Up To Search▲   

 
Price & Availability of JPS130PS03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X