Part Number Hot Search : 
DG506A 1N4695 MRF15 74479 GUF30J 06N03 AJN1156 PS256
Product Description
Full Text Search
 

To Download IN4004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IN4001 thru IN4007
PLASTIC SILICON RECTIFIER
CHENG- YI
ELECTRONIC
VOLTAGE RANGE 50 TO 1000 Volts CURRENT 1.0 Ampere
DO-41
FEATURE
Low forward voltage High current capability Low leakage current High surge capability Low cost
MECHANICAL DATA
Case:Molded plastic use UL 94V-0 recognized Flame retardant epoxy Terminals:Axial leads, solderable per MIL-STD-202, method 208 Polarity:Color band denotes cathode Mounting Position:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Single-phase, half-wave, 60Hz, resistive or inductive load
IN4001
IN4002
100 70 100
IN4003
200 140 200
IN4004
400 280 400 1.0 50 1.1 30 5.0 50.0 30 -65 to +175
IN4005
600 420 600
IN4006
800 560 800
IN4007
1000 700 1000
UNITS
V V V A A V
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 3/8 Lead Length at
TA =750C
50 35 50
Maximum Overload Surge 8.3 ms single half sine-wave Maximum Forward Voltage at 1.0A AC and 250C Maximum Full Load Reverse Current, Full Cycle Average at 750C Ambient Maximum DC Reverse Current at 250C at Rated DC Blocking Voltage at 750C Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range Notes : 1. Measured at 1.0MHz and applied reverse voltage of 4.0 VDC. * JEDEC Registered Value.
pF
0
C
IN4001 thru IN4007
PLASTIC SILICON RECTIFIER
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES IN4001 THRU IN4007
Fig.1 - TYPICAL REVERSE CHARACTERISTICS
PEAK FORWARD SURGE CURRENT.(A)
10
Fig.2 - PAEK FORWARD SURGE CURRENT
50
40
TJ=250C
INSTANTANEOUS FORWARD CURRENT, AMPERES
1.0
30
20
0.1
TJ=25 C
0
10
0 1 10 100
0.1 .4 .6 .8 1.0 1.2 1.4 1.6
NUMBER OF CYCLES AT 60 Hz
INSTANTANEOUS FORWARD VOLT AGE, (V)
Fig.3 - FORWARD CURRENT DERATING CURVE
1.50 100
Fig.4 - TYPICAL JUNCTION CAPACIT ANCE
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
1.25
.75
CAPACITANCE, pF
1.00
10
TJ=250C
.50
.25 0 25
SINGLE PHASE HALF WAVE 60 Hz RESISTIVE OR INDUCTIVE LOAD .375" (9.5mm) LEAD LENGTH 50 75 100 125 150
0
175
1 1 10 100
AMBIENT TEMPERATURE, C REVERSE VOLTAGE(V)


▲Up To Search▲   

 
Price & Availability of IN4004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X