Part Number Hot Search : 
M48Z59Y FR102 5KE91 05A19 LX3044 0EP16 1N414 GMPSA14
Product Description
Full Text Search
 

To Download IF0512S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-DC
1 Watt IF Series
* * * * * * * Regulated Single Output Industry Standard Pinout SIP or DIP Package Low Ripple & Noise 1000 VDC Isolation Optional 3000 VDC Isolation MTBF >4 MHrs
xppower.com
Specification
Input
Input Voltage Range * Nominal 10% Input Reflected Ripple * 20 mA pk-pk through 12 H inductor, 5 Hz to 20 MHz Input Reverse Voltage * None Protection
Input Voltage
Output Voltage 3.3 V 5.0 V
Output Current 333 mA 200 mA 111 mA 84 mA 67 mA 333 mA 200 mA 111 mA 84 mA 67 mA 333 mA 200 mA 111 mA 84 mA 67 mA
Efficiency 57% 65% 65% 68% 68% 57% 63% 66% 68% 70% 60% 65% 68% 68% 68%
Model Number(1,2) IF0503S IF0505S IF0509S IF0512S IF0515S IF1203S IF1205S IF1209S IF1212S IF1215S IF2403S IF2405S IF2409S IF2412S IF2415S
5V
9.0 V 12.0 V 15.0 V 3.3 V 5.0 V
Output
Output Voltage * Minimum Load * Line Regulation * Load Regulation * Setpoint Accuracy * Ripple & Noise * Temperature Coefficient * Short Circuit Protection * Maximum Capacitive * Load See table None(4) 0.5% max 0.5% max (1.0% for 3.3 V output) 2% max 50 mV pk-pk max, 20 MHz BW 0.02%/C 1 sec 220 F
12 V
9.0 V 12.0 V 15.0 V 3.3 V 5.0 V
24 V
9.0 V 12.0 V 15.0 V
Mechanical Details
0.76 (19.50) 0.28 (7.20)
General
Efficiency Isolation Voltage Resistance Isolation Capacitance Switching Frequency MTBF * See table * 1000 VDC standard, 3000 VDC option - see note 2 * 1000 M min * 60 pF typical * 50 kHz typical * >4 MHrs
SIP Package
0.37 (9.50)
0.39 (10.00) 0.08 (2.00) Standard +Vin -Vin -Vout No Pin +Vout No Pin
0.12 (3.05) 0.01 (0.25)
1 2
0.10 (2.54) 0.60 (15.24)
0.02 (0.50)
4
5
6
7
0.28 (7.20) 0.02 (0.50)
Environmental
Operating Temperature Storage Temperature Case Temperature Cooling * * * * -40 C to +85 C (no derating) -40 C to +125 C +100 C max Convection-cooled
DIP Package
Pin 1 2 4 5 6 7
`-H' Version +Vin -Vin No Pin -Vout No Pin +Vout
0.80 (20.32) 0.40 (10.16) 0.12 (3.05)
0.40 (10.16 )
0.27 (6.85)
Notes
1. For DIP package, replace suffix `S' with suffix `D'. 2. For 3000 VDC isolation, add suffix `-H'. 3. All dimensions in inches (mm). 4. Operation at no load will not damage unit but it may not meet all specifications.
0.60 (15.24) 0.30 (7.62)
1 7
0.01 (0.25)
14
11
10
9
8
0.30 (7.62)
0.02 (0.50)
Pin 1 7 8 9 10 11 14
Standard -Vin N.C. No Pin +Vout No Pin -Vout +Vin
`-H' Version -Vin N.C. +Vout No Pin -Vout No Pin +Vin
04-Apr-08


▲Up To Search▲   

 
Price & Availability of IF0512S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X