Part Number Hot Search : 
C152H STA335A BDT61A ATTINY85 C1648X NCP1205P UC3843 IN4731
Product Description
Full Text Search
 

To Download IBIS4-130009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IBIS4-1300
1.3 MPxl Rolling Shutter CMOS Image Sensor
Features
* * * * * * * * * * * * * * * * * SXGA resolution: 1280 x 1024 pixels High sensitivity 20 V/eHigh fill factor 60% Quantum efficiency > 50% between 500 and 700 nm. 20 noise electrons = 50 noise photons Dynamic range: 69 dB (2750:1) in single slope operation Extended dynamic range mode (80...100 dB) in double slope integration On-chip 10 bit, 10 mega Samples/s ADC Programmable gain & offset output amplifier 4:1 sub sampling viewfinder mode (320x256 pixels) Electronic shutter 7 x 7 m2 pixels Low fixed pattern noise (1% Vsat p/p) Low dark current: 344 pA/cm2 (1055 electrons/s, 1 minute auto saturation) RGB or monochrome Digital (ADC) gamma correction
Overview
The IBIS4-1300 is a digital CMOS active pixel image sensor with SXGA format. Due to a patented pixel configuration a 60% fill factor and 50% quantum efficiency are obtained. This is combined with an on-chip double sampling technique to cancel fixed pattern noise.
Part Number
Part Number CYII4SC1300AA-QSC CYII4SM1300AA-QDC Package Glass lid LCC LCC S8612 D263 RGB/B&W RGB Bayer pattern B&W
Cypress Semiconductor Corporation Document Number: 38-05707 Rev. *B
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised January 2, 2007
IBIS4-1300
TABLE OF CONTENTS Overview ............................................................................................................................. 1 Features .............................................................................................................................. 1 Part Number ........................................................................................................................ 1 Architecture of the image sensor.......................................................................................... 4
Image sensor core - focal plane array ...................................................................................... 5 Output amplifier ........................................................................................................................ 11 Analog to digital converter ........................................................................................................ 17 ADC timing ............................................................................................................................... 18
Operation of the image sensor ............................................................................................ 20
Set configuration & pulse timing ............................................................................................... 20 Illumination control ................................................................................................................... 26 "Double slope" or "High-dynamic range" mode ........................................................................ 27 Electrical parameters ............................................................................................................... 28
Pin configuration .................................................................................................................. 29
Pin list ....................................................................................................................................... 29 Bonding pad geometry for the IBIS4-1300 ............................................................................... 31
Package .............................................................................................................................. 33
Cover glass .............................................................................................................................. 33
Ordering Information ........................................................................................................... 35 FAQ ..................................................................................................................................... 35
Temperature dependence of dark signal ................................................................................. 35 Useful range of "double slope" ................................................................................................. 35 Skipping rows or columns ........................................................................................................ 36
Disclaimer ............................................................................................................................ 36 Document History Page ...................................................................................................... 37
LIST OF FIGURES
Block diagram ................................................................................................................................... 4 Architecture of the image sensor core .............................................................................................. 4 Pixel selection - principle .................................................................................................................. 5 Spectral response * fill factor of the IBIS4-1300 pixels ..................................................................... 7 Near infrared spectral response ....................................................................................................... 8 IBIS4-1300 response curve - two pixels - lowest gain setting (0000) ............................................... 9 Output amplifier architecture ............................................................................................................. 12 Offset adjustment: fast offset adjustment mode ............................................................................... 13 Slow offset adjustment mode ............................................................................................................ 13 Output amplifier DC gain .................................................................................................................. 15 Output amplifier bandwidth for different gain settings ....................................................................... 16 Typical transfer characteristic of the output amplifier (no clipping, Voffset = 2 V, input signal during offset adjustment is 1.2 V) ........................................................................................................................... 16 Suggested circuit for high and low references of DAC ..................................................................... 17
Document Number: 38-05707 Rev. *B
Page 2 of 37
IBIS4-1300
ADC timing ........................................................................................................................................ 18 Linear and non-linear ADC conversion characteristic ....................................................................... 19 Typical operation mode (readout of a frame) .................................................................................... 20 Timing of Y shift registers (for row selection) .................................................................................... 22 End-of-scan pulse ............................................................................................................................. 22 Timing constraints for row readout initialization (blanking time) ....................................................... 23 Pulse on 'CALIB_F'& 'UNITYGAIN' to be given once per frame, or on CALIB_S once per line ....... 24 Timing of X shift register and pixels read-out ................................................................................... 25 Pixel timing ....................................................................................................................................... 25 Pulse sequence used in IBIS4 breadboard v. jan 2000 .................................................................... 26 Schematic representation of the curtain type electronic shutter ....................................................... 26 response curve of the pixels in dual slope integration ...................................................................... 27 Linear long exposure time ................................................................................................................ 27 Linear short exposure time ............................................................................................................... 28 Double slope integration ................................................................................................................... 28 Pin layout and package, top view ..................................................................................................... 33 Transmission characteristics of the BG39 glass used as NIR cut-off filter for the FUGA1000 color image sensors .............................................................................................................................................. 34 Transmission characteristics of the D263 glass used as protective cover for the IBIS4-1300 monochrome image sensors .................................................................................................................................... 34
LIST OF TABLES
Optical & electrical characteristics .................................................................................................... 5 Calculation of sensitivity in [V/lx.s]..................................................................................................... 8 Pins of the image sensor core .......................................................................................................... 10 Summary of output amplifier specifications ...................................................................................... 11 Pins involved in output amplifier circuitry .......................................................................................... 14 DC gain of output amplifier for different gain settings ....................................................................... 15 ADC specifications ............................................................................................................................ 17 Pins of the ADC ................................................................................................................................ 18 Co-ordinate of the row or column selected by the Y/X shift registers after a # clock periods in viewfinder mode and full image mode ................................................................................................................. 21 Timing constraints on row initialization pulses sequence ................................................................. 23 FillFactory and Cypress part numbers .............................................................................................. 35
Document Number: 38-05707 Rev. *B
Page 3 of 37
IBIS4-1300
Architecture of the image sensor
Block diagram
1280 x 1024 pixel array
10 bit ADC output amplifier
The IBIS4-1300 is an SXGA CMOS image sensor. The chip is composed of 3 modules: an image sensor core, a programmable gain output amplifier, and an on-chip 10 bit ADC.
Figure 1. Architecture of the image sensor core
Y readout shift register
Readout row pointer
1286 x 1030 pixels
Clock_YR Clock_YL Sync_YL
Column amplifiers X shift register
Sync_YR
Clock_X
Document Number: 38-05707 Rev. *B
Sync_X
Reset row pointer
Pixel array
Y reset shift register
Page 4 of 37
IBIS4-1300
Image sensor core - focal plane array Figure 1. shows the architecture of the image sensor core. The core of the sensor is the pixel array with 1280 x 1024 (SXGA) active pixels.
The name 'active pixels' refers to the amplifying element in each pixel. This type of pixels offer a high light sensitivity combined with low temporal noise. The actual array size is 1286 x 1030 including the 6 dummy pixels in X and Y. Although the dummy pixels fall outside the SXGA format, their information can be used e.g. for color filter array interpolation.
Figure 2. Pixel selection - principle
Y readout shift register
X shift register
Next to the pixel array there are two Y shift registers, and one X shift register with the column amplifiers. The shift registers act as pointers to a certain row or column. The Y readout shift register accesses the row (line) of pixels that is currently readout. The X shift register selects a particular pixel of this row. The second Y shift register is used to point at the row of pixels that is reset. The delay between both Y row pointers determines the integration time -thus realizing the electronic shutter. A clock and a synchronization pulse control the shift registers. On every clock pulse, the pointer shifts one row/column Table 1. optical & electrical characteristics Pixel characteristics Pixel structure Photodiode Pixel size Resolution Pixel rate with on-chip ADC Frame rate with on-chip ADC Document Number: 38-05707 Rev. *B
further. A sync pulse is used to reset and initialize the shift registers to their first position. The smart column amplifiers compensate the offset variations between individual pixels. To do so, they need a specific pulse pattern on specific control signals before the start of the row readout. Table 1. summarizes the optical and electrical characteristics of the image sensor. Some specifications are influenced by the output amplifier gain setting (e.g. temporal noise, conversion factor,...). Therefore, all specifications are referred to an output amplifier gain equal to 1.
3-transistor active pixel High fill factor photodiode 7 x 7 m2 1286 x 1030 pixels SXGA plus 6 dummy rows & columns Nominal 10 MHz (note 1) (note 2) About 7 full frames/s at nominal speed Page 5 of 37
IBIS4-1300
Table 1. optical & electrical characteristics Pixel characteristics Frame rate with analog output Up to 23 full frames per second (see table1.1)
Table 1.1: In this table you find achievable values using the analog output
X pixelsY pixels # # 1286 1030 1286 1030 1286 1030 1286 1030 1286 512 X Freq Hz 1,00E+07 2,00E+07 3,00E+07 3,75E+07 3,75E+07 X Clock X Blanking sec sec 1,00E-07 6,25E-06 5,00E-08 6,25E-06 3,33E-08 6,25E-06 2,67E-08 6,25E-06 2,67E-08 6,25E-06 line time sec 0,000134850 0,000070550 0,000049117 0,000040543 0,000040543 frame time frame rate sec per sec 0,138895500 7,20 0,072666500 13,76 0,050590167 19,77 0,041759633 23,95 0,020758187 48,17 pixel rate pixel rate freq sec Hz 1,049E-07 9536522 5,486E-08 18228207 3,819E-08 26182559 3,153E-08 31719148 3,153E-08 31719148
Note 1. The pixel rate can be boosted to 37.5 MHz. This requires a few measures. * increase the analog bandwidth by halving the resistor on pin Nbias_oamp * increase the ADC speed by the resistors related to the ADC speed (nbiasana1, nbiasana2, pbiasencload) * experimentally fine tune the relative occurrence of the ADC clock relative to the X-pixel clock. Note 2. The pure digital scan speed in X and Y direction is roughly 50 MHz. This is the maximum speed for skipping rows and columns. Light sensitivity & detection Spectral sensitivity range Spectral response * fill factor Quantum efficiency * fill factor Fill factor Charge-to-voltage conversion gain Output signal amplitude Full well charge [electrons] Noise equivalent flux at focal plane (700 nm) Sensitivity MTF @ Nyquist frequency Optical cross talk Image quality Temporal noise (dark, short integration time) Dynamic range (analog output, before ADC conversion) Dark current 20 noise electrons = 50 peak noise photons (*) 400 V RMS 2750:1 69 dB 344 pA/cm2 @ 21C 19 mV/s 1055 electrons/s Typically 15% RMS of dark current level. 9.6 mV peak-to-peak 1-2 mV RMS 10% peak-to-peak @ 1/2 of saturation signal Page 6 of 37 400 - 1000 nm 0.165 A/W @ 700 nm > 30% between 500 & 700 nm 60% 20 V/e1.2 V IBIS4-1300: about 90000 saturation, 50000 linear range 1.1e-4 lx*s (at focal plane) 6.3 e-7 s.W/m2 7 V/lx.s 1260 V.m2/W.s 0.4-0.5 @ 450 nm 0.25-0.35 @ 650 nm 10% to 1st neighbor 2% to 2nd neighbor
Dark current non-uniformity Fixed pattern noise (dark, short integration time) Photo-response non-uniformity (PRNU) Document Number: 38-05707 Rev. *B
IBIS4-1300
Table 1. optical & electrical characteristics Pixel characteristics Yield criteria Anti-blooming Smear No missing columns nor rows Less than 100 missing pixels, clusters=<4 pixels Overexposure suppression > 105 Absent
(*) peak noise photons are defined as (noise electrons) / (FF*peak QE) Features & general specifications Electronic shutter Viewfinder mode Digital output Color filter array Die size Package Supply voltage Power supply feed trough (dVout/dVdd) Power dissipation (continuous operation, 10 MHz, ADC outputs loaded) Light sensitivity Figure 3. Spectral response * fill factor of the IBIS4-1300 pixels Rolling curtain type Increment = line time = 135 us 4 x sub-sampling (320 x 256 pixels) 10 bit Primary colors (Red, Green, Blue) RGB diagonal stripe pattern or Bayer pattern 10.30 x 9.30 mm2 84 pins LCC chip carrier 0.460 inch cavity 5 V stabilized (e.g. from a 7805 regulator) < 0.3 for low-frequencies (< 1 MHz) < 0.05 for high frequencies (> 1 MHz) Min. 50 mA, Typ. 70 mA, Max. 90 mA
0.2 0.18 0.16
Response [A/W]
30% 40% 20%
0.14 0.12 0.1 0.08 0.06 0.04 0.02 0 400 500 600 700 800 900
10%
1000
Wavelength [nm]
Document Number: 38-05707 Rev. *B
Page 7 of 37
IBIS4-1300
Figure 3. shows the spectral response characteristic. The curve is measured directly on the pixels. It includes effects of non-sensitive areas in the pixel, e.g. interconnection lines. The sensor is light sensitive between 400 and 1000 nm. The peak
QE * FF is more than 30% between 500 and 700 nm. In view of a fill factor of 60%, the QE is thus larger than 50% between 500 and 700 nm.
Figure 4. Near infrared spectral response
1.00E+00 800 850 900 950
Wavelength [nm] 1000
1050 50% QE
1100
1.00E-01 10% QE
Spectral Response (* FF) [A/W]
Pixel array
plain diode
1.00E-02
1% QE
IBIS4 Near-IR spectral response
1.00E-03
calculation of sensitivity in [V/lx.s] Pixel area A Fill factor FF Spectral response SR FF*SR Pixel capacitance Ceff Sensitivity = FF*SR*Ceff/A Conversion to lux: 1W/m2 = Sensitivity in lux units: 49 E-12 m2 60% 0.22 A/W (average) 0.13 A/W (average over wavelength) 5E-15 F 1.27E+3 [V.W/s.m2] About 180 lux, visible light only About 70 lux, including Near Infrared 7.08 [V/lx.s] visible light only 18 [V/lx.s] if near IR included.
Document Number: 38-05707 Rev. *B
Page 8 of 37
IBIS4-1300
Color sensitivity
2.00E+05
1.80E+05
1.60E+05
1.40E+05
1.20E+05
1.00E+05 Ibis4b 8.00E+04 B&W curve: glass window RGB curves: BG39 IR cut off
6.00E+04
4.00E+04
2.00E+04
Wavelength [nm]
0.00E+00 400
500
600
700
800
900
1000
Charge conversion - Conversion of electrons in an output signal Figure 5. IBIS4-1300 response curve - two pixels - lowest gain setting (0000)
1,2
Output signal [V]
1
0,8
0,6
0,4
0,2
0 0 20000 40000 60000 80000
# electrons 100000
Document Number: 38-05707 Rev. *B
Page 9 of 37
IBIS4-1300
Figure 5. shows the pixel response curve in linear response mode. This curve is the relation between the electrons detected in the pixel and the output signal. This curve was measured with light of 600 nm, with an integration time of 138.75 ms (10 MHz pixel rate), at minimal gain setting 0000. The resulting voltage/electron curve is independent of these parameters. The conversion gain is 18 uV/electron for this gain setting. Note that the upper part of the curve (near saturation) is actually a logarithmic response, similar to the FUGA1000 Table 2. Pins of the image sensor core Digital controls SYNC_YR\ CLK_YR EOS_YR\ SYNC_X\ CLK_X EOS_X\ SYNC_YL\ CLK_YL EOS_YL\ SHY SIN SELECT 5 6 7 28 29 8 36 37 38 30 35 40
sensor. The level of saturation can be adjusted by the voltage on GND-AB. However note also that this logarithmic part of the response is not FPN corrected by the on-chip offset correction circuitry. The signal swing (and thus the dynamic range) is extended by increasing the VDD_RESET (pins 59/79) to 5.5 V. This is mode of operation is not further documented. Table 2. shows the pins of the IC that are related to the image sensor core, describing their functionality.
Reset right Y shift register (low active, 0 = sync) Clock right Y shift register (shifts on falling edge) (output) low 1st CLK_YR pulse after last row (low active) Reset X shift register (low active, 0 = sync) Clock X shift register (shifts on falling edge) (output) Low 1st CLK_X pulse after last active column (low active) Reset left Y shift register (low active, 0 = sync) Clock left Y shift register (shifts on falling edge) Low 1st CLK_YL pulse after last row Parallel Y track & hold (1 = hold, 0 = track) apply pulse pattern - see sensor timing diagram Column amplifier calibration pulse 1 = calibrate - see sensor timing diagram Selects row indicated by left/right shift register high active (1= select row) Apply 5 V DC for normal operation Resets row indicated by left/right shift register high active (1 = reset) Apply pulse pattern - see timing diagram Use left or right register for SELECT and RESET 1 = left / 0 = right - see sensor timing Activate viewfinder mode (1:4 sub sampling = 320 x 256 pixels) high active, 1 = sub sampling
RESET L/R\ SUBSMPL Reference voltages DCCON DCREF NBIASARRAY PBIAS2 PBIAS XMUX_NBIAS
41 80 84
31 32 1 2 3 4
Control voltage for the DCREF voltage generation Connect to ground by default Reference voltage (output), to be decoupled to GND Should be about 1.2V, can be adjusted by DCCON 1 MegaOhm to VDD and decouple to ground by 100 nF capacitor 1 MegaOhm to ground and decouple to VDD by 100 nF capacitor 1 MegaOhm to ground and decouple to VDD by 100 nF capacitor 100K to VDD and decouple to ground by 100 nF capacitor
Document Number: 38-05707 Rev. *B
Page 10 of 37
IBIS4-1300
Table 2. Pins of the image sensor core Digital controls GND_AB 54 Anti-blooming drain control voltage * Default: connect to ground. The anti blooming is operational but not maximal. * Apply about 1 V DC for improved anti-blooming
Power & ground VDD_RESETL VDD_RESETR VDD_ARRAY VDD 59 79 55 11 34 53 77 10 33 52 78 Power supply for left reset line drivers apply 5 V DC (default) or about 4...4.5 V for dual slope mode Power supply for right (default) reset line drivers 5 V DC Power supply for the pixel array 5 V DC Power supply of image sensor core & output amplifier 5 V DC
GND
Ground of image sensor core & output amplifier
Output amplifier The output amplifier stage is user-programmable for gain and offset level. Gain and offset are controlled by 4-bit wide words. Gain settings are on an exponential scale. Offset is controlled by a 4-bit wide DAC, which selects the offset voltage between 2 reference voltages (Vhigh_dac & Vlow_dac) on a linear scale. Table 3. Summary of output amplifier specifications Min. Gain Output signal range Bandwidth (40 pF load) Output slew rate (40 pF load) 1.2 (gain setting 0) 1V 12 MHz (gain setting 15) 40 V/ s
The offset setting is independent of the gain setting. The gain setting is independent of amplifier bandwidth. The amplifier is designed to match the specifications like the output of the imager array. This signal has a data rate of 10 MHz and is located between 1.2 and 2.4 V. Table 3. summarizes the specifications of the amplifier.
Typ 2.7 (setting 4)
Max 16 (setting 15) 4.5 V
22 MHz (gain setting 0...8) 50 V/s
33 MHz (gain setting 0) 80 V/s
The range of the output stage input is between 1 and 4 V. A lowest gain the sensor outputs a signal in between 1.2 and 2.2 V, which fits into the input range of the amplifier. The range of the output signal is between 1 and 4.5 V, dependent on the gain and offset settings of the amplifier. This range should fit
to the input range of the ADC, external or internal. The on-chip ADC range is between 2 and 4 V. A minimal gain setting of "3" seems necessary for the internal ADC, and the offset voltage should be set to the low-reference voltage of the ADC.
Document Number: 38-05707 Rev. *B
Page 11 of 37
IBIS4-1300
Figure 6. output amplifier architecture
pixel array extin sel_extin
A
Clip
+
1
gain [0..3] unity gain 1.1.1.1.1 Vhigh_dac offset [0..3] Vlow_dac
Figure 6. shows the architecture of the output amplifier. First of all, there is a multiplexer which selects either the imager core signal or an external pin EXTIN as the input of the amplifier. EXTIN can be used for evaluation, or to feed alternative data to the output. SEL_EXTIN controls this switch. Then, the signal is fed to the first amplifier stage. This stage has an adjustable gain, controlled by a 4-bit word ('gc_bit0...3'). Then, the upper level of the signal must be clipped in some situations (clipping sometimes is necessary when the imager signal is highly saturated, which affects the calibration level. This is visible as black banding at the right side of bright objects in the scene). In order to do this, a voltage should be applied to the 'Clip' pin. The signal is clipped if it is higher than Vclip - Vth,pmos, where Vth,pmos is the PMOS threshold voltage and is typically -1 V. If clipping is not necessary, 5 V should be applied to 'Clip'. After this, the offset level is added. This offset level is set by a DAC, controlled by a 4-bit word (DAC_bit0...3). The offset level can be calibrated in two modes: fast offset adjustment or slow offset adjustment. This is controlled by 'calib_s' and 'calib_f'. The slow adjustment yields a somewhat cleaner image. After this, the signal is buffered by a unity feedback amplifier and it leaves the chip. This 2nd amplifier stage determines the maximal readout speed, i.e. the bandwidth and the slew rate
Calib_f Calib_s
D A C
of the output signal. The whole amplifier chain is designed for a data rate of 10 Mpix/s (@ 40 pF). (It is up to the experimenter to increase this speed by reducing the various setting resistors) Table 4. shows the IBIS4-1300 pins used by the output amplifier with a short functional description. Power and ground lines are shared between the output amplifier and the image sensor. Output amplifier offset level adjustment The purpose of this adjustment is to bring the pixel voltage range as good as possible within the ADC range. The offset level of the output signal is controlled by a 4-bit resistive DAC. This DAC selects the offset level on a linear scale between 2 reference voltages. These reference voltages are applied to Vlow_dac and Vhigh_dac. This offset level is adjusted during the calibration phase. During this phase, the amplifier input should be constant and refers to the 'zero' signal situation. The IBIS4-1300 outputs a dark reference signal after a row has been read out completely. This signal can be used as the 'zero signal' reference. Alternatively one can apply an external reference on pin EXTIN, which is applied to the output amplifier when SEL_EXTIN is 1. Offset adjustment can be done during row or frame blanking time.
Document Number: 38-05707 Rev. *B
Page 12 of 37
IBIS4-1300
Figure 7. offset adjustment: fast offset adjustment mode
min. 500 ns
calib_f
stable input
dark signal unitygain
> 100 ns >0
There are 2 modes of offset calibration for the output amplifier: slow and fast adjustment. Figure 7. shows the timing and signal waveforms for fast offset adjustment mode. Closing both 'calib_f' and 'unitygain' operates it. After 'calib_f' is opened again, the offset level is adjusted to the desired value in a single cycle. The signal applied to the output amplifier should be stable just before and during the adjustment phase. The same is true for the DAC output.
The signal applied to the output amplifier can be either: * The signal generated by the electrical dark reference in the imager core itself, i.e. the pixels named "dark" inFigure 20. * Apply the reference from outside on the pin EXTIN, controlled by SEL_EXTIN. If this fast offset adjustment is used, it should be done once each frame, before the readout of the frame starts, e.g. during the blanking time of the first line.
Figure 8. slow offset adjustment mode
min. 100 ns
calib_s
stable input
dark signal
min 100 ns
Figure 8. shows the timing and signal waveforms for slow offset adjustment mode. It is operated by pulsing 'calib_s'. The amplifier input signal must be stable and refer to 'dark' signal at the moment when calib_s goes low. The offset is slowly adjusted with a time constant of about 100 of these pulses. One pulse is then generated during each row blanking time. The baseline is to use the fast calibration once per image. The slow calibration is intended as alternative if, for very slow readout, the offset drifts during the image.
Document Number: 38-05707 Rev. *B
Page 13 of 37
IBIS4-1300
Table 4. Pins involved in output amplifier circuitry Name Analog signals Extin Output Digital Controls Sel_extin gc_bit0 gc_bit1 gc_bit2 gc_bit3 unitygain calib_s 9 17 18 19 20 21 16 1 = output amplifier in unity feedback mode 0 = output amplifier gain controlled by gc_bit0...3 Slow (or incremental) output offset level adjustment (calibration of output amplifier). Offset adjustment converges after about 100 pulses on calib_s Amplifier input should refer to a 'zero signal' at the moment of the 1->0 transition on calib_s 0 = connect to capacitor (of stage 2) and in- (of stage 1) 1 = connect to DAC output (of stage 2) and out (of stage1) Fast (=in 1 cycle) output offset level adjustment (calibration of output amplifier) Offset level is adjusted when both calib_f and unitygain are high Amplifier input should refer to 'zero signal' when calib_f is high 1 = connect DAC output to offset of capacitor 0 = DAC output disconnected LSB Control bits for output offset level adjustment Between Vlow_dac (0000) & Vhigh_dac (1111) MSB 1 = external input pin (extin) is applied at the input of the amplifier 0 = output amplifier is connected to the image sensor array LSB Control bits for output amplifier gain setting Gain adjustment between 1.2 (0000) & 16X (1111) MSB 12 13 External input of the output amplifier Active if Sel_extin = 1 Analog output signal To be connected to the input of the ADC (in_adc, pin 73) No. Function
calib_f
22
dac_b0 dac_b1 dac_b2 dac_b3 Reference voltages Vlow_dac Vhigh_dac
26 25 24 23
14 15
Low and high references for offset control DAC of the analog output. The range of this resistive division DAC should be about 1V to 2.5V. If the range is not OK, one will notice that it is not possible to adjust the output voltage to the appropriate level of the ADC. As the internal division resistor is about 1.3 Kohm, we suggest to tie Vlow_dac with 1K to GND and Vhigh_dac with 2K7 to VDD. Output amplifier speed/power. Connect with 100 K to VDD and decouple with 100 nF to GND. This setting yields 10 MHz nominal pixel rate. Lowering the resistance does increasing this rate. Voltage that can be used to clip the output signal Clips output if output signal > 'Vclip - Vth, PMOS' with Vth,PMOS=-1V Default: 5 V (no clipping) Page 14 of 37
Nbias_oamp
27
Clip
83
Document Number: 38-05707 Rev. *B
IBIS4-1300
Output amplifier gain control Figure 9. output amplifier DC gain
20,00 18,00 16,00 14,00
DC gain (< 1MHz)
y=1.074*2
0.246*x
12,00 10,00 8,00 6,00 4,00 2,00 0,00 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
gain setting
Table 5. DC gain of output amplifier for different gain settings gain setting 0000 0001 0010 0011 0100 0101 0110 0111 DC gain (<1MHz) 1.28 1.51 1.82 2.13 2.60 3.11 3.71 4.40 gain setting 1000 1001 1010 1011 1100 1101 1110 1111 DC gain (<1MHz) 5.33 6.37 7.41 8.91 10.70 12.65 15.01 17.53
The output amplifier gain is controlled by a 4-bit word. In principle, the output amplifier can be configured in unity feedback mode by a permanent high signal on UNITYGAIN, but the purpose of this mode is purely diagnostic. The "normal" gain settings vary on an exponential scale. Figure 9. and Table 5. report all gain settings.
In first approximation, the gain setting is independent of bandwidth, as the amplifier is a 2-stage design. The first stage sets the gain, and the second stage is a unity gain buffer, that determines bandwidth and slew rate. There is however some influence of gain setting on bandwidth. Figure 10. shows the output amplifier bandwidth for all gain settings.
Document Number: 38-05707 Rev. *B
Page 15 of 37
IBIS4-1300
Figure 10. output amplifier bandwidth for different gain settings
35 30 25 20 15 10 5 0 Unity 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Gain setting
Figure 11. typical transfer characteristic of the output amplifier (no clipping, Voffset = 2 V, input signal during offset adjustment is 1.2 V)
Bandwidth [MHz]
6 5 4
Output [V]
3 2 1 0 0 1 2 Input [V] 3 4 5 Unity 3 7 11
Document Number: 38-05707 Rev. *B
Page 16 of 37
IBIS4-1300
Figure 11. shows the output characteristic curve in a typical case for the imager. The offset voltage is adjusted to 2 V, which corresponds to the low-level voltage of the ADC. Clipping is off, and the input signal is changed between 0 and 5 V. During offset adjustment (when calib_s is switched from 1 -> 0 or when calib_f is on), the input signal is at 1.2 V. This level corresponds to the imager dark reference output. The input signal is transferred to the output by adding a 2V offset and multiplication with the appropriate gain. The input signal of dark pixels Setting of the VLOW_DAC & VHIGH_DAC reference voltages
(at 1.2 V) corresponds with 2 V at the output. Higher input signals are amplified. The curves for 3 typical gain settings are shown (unity gain, setting 3, 7 & 11). Again, as can be seen on the above figure, the applied input signal during the output amplifier calibration (by 'CALIB_S' or 'CALIB_F') is the reference level to which the signal is amplified. During this calibration, a stable input is required.
Figure 12. suggested circuit for high and low references of DAC
VHIGH_DAC About 2.3 V
on-chip resistor
VLOW_DAC About 1 V
VLOW_DAC & VHIGH_DAC are the reference voltages for the DAC. They represent the 0000 resp. 1111 code. The internal series resistance is about 1.3 kOhms. They can be connected as in Figure 12., and decoupled to ground.
1K3
Analog to digital converter The IBIS4-1300 has a 10 bit flash analog digital converter running nominally at 10 Msamples/s. The ADC is electrically separated from the image sensor. The input of the ADC ("IN_ADC") should be tied externally to the OUTPUT of the output amplifier.
Table 6. ADC specifications Input range Quantization Nominal data rate DNL (linear conversion mode) INL (linear conversion mode) Input capacitance Power dissipation @ 10 MHz Delay of digital circuitry (Td, 40 pF load) Input setup time (Ts) for a stable LSB Conversion law (*) Project partners have demonstrated 20 MHz data rate by careful timing and by decreasing some or all of the resistors Document Number: 38-05707 Rev. *B < 20 pF 107 mA 535 mW < 50 ns after falling edge of clock < 100 ns before falling edge of clock Linear / Gamma-corrected on NBIAS* and PBIAS*. 2-4V 10 Bits 10 Msamples/s (*)
Page 17 of 37
IBIS4-1300
ADC timing The ADC converts on the falling edge of the CLK_ADC clock. The input signal should be stable during a time Ts before the falling clock edge. The digital output is available Td after the falling clock edge (Figure 13., Ts = 100 ns, Td = 50 ns). These
values are the delays to obtain a stable LSB after a half-scale swing of the input signal. For the MSB to become stable, Ts=20 ns is sufficient. For a full scale input swing (which normally doesn't appear with image sensors), Ts is 140 ns for the LSB and 20 ns for the MSB.
Figure 13. ADC timing
CLK_ADC 100 ns IN_ADC
Ts
D0...D9 Td
TRI_ADC can be used to put the output bits in a tristate mode (e.g. for bi-directional busses). If this is used, the output signal becomes valid 50 ns after the falling edge on TRI_ADC. BITINVERT can be used to invert the output word, if necessary (one's complement). Table 7. pins of the ADC Name Analog signals IN_ADC Digital Controls CLK_ADC TRI_ADC NONLINEAR BITINVERT Digital output DO... D9 Reference voltages 51...42 62 63 67 39 73 No.
When NONLINEAR is high, the ADC conversion is non-linear. The contrast will be higher in dark image regions, and lower in bright areas, similar to gamma correction.
Description
Input, connect to sensor's output (pin 13) Input range is between 2 & 4 V (VLOW_ADC & VHIGH_ADC)
ADC Clock ADC converts on falling edge Tristate control of ADC digital outputs 1 = tristate; 0 = output 1 = non-linear analog-digital conversion 0 = linear analog-digital conversion 1 = invert output bits 0 = no inversion of output bits
Output bits D0 = LSB, D9 = MSB
Document Number: 38-05707 Rev. *B
Page 18 of 37
IBIS4-1300
Table 7. pins of the ADC Name VLOW_ADC VHIGH_ADC PBIASDIG1 PBIASENCLOAD PBIASDIG2 NBIASANA2 NBIASANA 71 61 64 65 66 69 70 No. Description Low reference and high reference voltages of ADC should be 2V to 4V. The resistance between VLOW_ADC and VHIGH_ADC is about 1.5 K, thus this range can be approximated by tying LOW with 2K to GND And HIGH with 1K to VDD. Connect with 100K to GND and decouple to VDD Connect with 100K to GND and decouple to VDD Connect with 100K to GND and decouple to VDD Connect with 100K to VDD and decouple to GND Connect with 100K to VDD and decouple to GND These resistors determine the analog resp. digital speed /power of the ADC. Both can be increased/decreased by lowering or increasing the resistance values. Power & Ground VDD_DIG VDD_AN GND_DIG GND_AN 56, 76 58, 74 57, 75 60, 72 Power supply of digital circuits of ADC, + 5 V Power supply of analog circuits of ADC, + 5 V Ground of digital ADC circuits Ground of analog ADC circuits them. The appropriate 2 V and 4 V DC voltages can be obtained as in Table 7. : pins of the ADC, and decoupled to ground.
Control of the VLOW_ADC & VHIGH_ADC reference voltages VLOW_ADC & VHIGH_ADC are the reference voltages for a 0 and 1023 code. A 2K-resistor ladder internally connects Non-linear and linear conversion mode - "gamma" correction
Figure 14. linear and non-linear ADC conversion characteristic
1.400 1.200 1.000 linear non-linear
Output
0.800 0.600 0.400 0.200 0.000 2.0 2.5 3.0 Input signal [V] 3.5 4.0
Figure 14. shows the ADC transfer characteristic. For this measurement, the ADC input was connected to a 16-bit DAC. The input voltage was a 100 KHz triangle waveform.
The non-linear ADC conversion is intended for gamma-correction of the images. It increases contrast in dark areas and reduces contrast in bright areas. The non-linear
Document Number: 38-05707 Rev. *B
Page 19 of 37
IBIS4-1300
curve is tolerant for external pixel offset error correction. This means that pixel offset variations can be corrected by by design, and neglecting the offset, the relation between the non-linear output (y) and the linear output (x) is exactly:
changing the offset after the non-linear AD conversion. This is so because the non-linear transfer function is
H(s) = 1-exp(-a*s)
Y = 1024 * (1 - exp(-x/713)) / (1 - exp(-1024/713)) This law yields an increased accuracy of about a factor 2 near the zero end of the scale. It is thus possible to obtain an Then Z is an 11-bit linear output in the range 0...2047. effective 11 bit accuracy on a linear scale after post processing by applying the reverse law to the non-linear output:
Z = -2 * 713 * ln(1 - y/(1024/(1-exp(-1024/713)))) = -1426 * ln(1-y/1343.5)
Operation of the image sensor
Set configuration & pulse timing Figure 15. typical operation mode (readout of a frame)
Set configuration
-
output offset amplifier gain viewfinder on/off determine integration time of next frame
Set flag to restart YR shift register with SYNC_YR
For Y = 0 till Ymax do
Y= 1026 integration time ?
Yes
Set flag to restart YL shift register with SYNC_YL
no
Execute row initialization sequence
Start X shift register SYNC_X
X For X = 0 to Xmax do
Acquire pixel (X,Y)
Next Y
Document Number: 38-05707 Rev. *B
Page 20 of 37
IBIS4-1300
Figure 15. shows a typical operation mode of the image sensor. At the start of a new frame, the device may be (re-)configured. If necessary, the output amplifier gain and offset are adjusted or the device is put in viewfinder mode. Then, the frame readout shift register is initiated by pulsing "SYNC_YR". This pulse occurs once per frame, normally as a part of the first row blanking sequence. The readout of a row (line) starts with row blanking initialization sequence. Here several pulses are applied for Y-direction shift, the column amplifier S&H and nulling, and the start (SYNC_X) of the X-direction shift register. The frame reset shift register is started also once per frame by "SYNC_YL", this pulse occurs once per frame, normally as a part of the row blanking sequence of one particular row. The time delay from the SYNC_YL to SYNC_YR is the integration time. The integration is thus a multiple of the row readout time. The reset shift register always leads the readout shift register. Viewfinder mode vs. normal readout
Therefore, the integration time should be determined before the start of the frame readout. The value that is fixed at that moment will be the integration time of the NEXT frame. If the value set for the integration time changes during frame readout, the start pulse might be lost and the next frame might be invalid. We will now discuss all steps in more detail. Set configuration Configuration of the image sensor implies control & adjustment of the following points: * output amplifier offset level, set by 'dac_bit[0...3]' * output amplifier gain setting, set by 'gc_bit[0...3]' * choose the integration time of the next frame * set/clear viewfinder mode (pin 'subsampl') * in case when the fast adjustment of the offset level is used, plus 'calib_f' and 'unitygain' as described before in figures Figure 7. and Figure 8.
Table 8. co-ordinate of the row or column selected by the Y/X shift registers after a # clock periods in viewfinder mode and full image mode Clock Viewfinder mode Sync None 1 None 2 Row 1 Dark Full image mode None None Row 1 Dark 3 Row 5 Col. 1 Row 2 Col. 1 4 Row 9 Col. 5 Row 3 Col. 2 5 Row 13 Col. 9 Row 4 Col. 3 6 Row 17 Col. 13 Row 5 Col. 4 Y reg. X reg. Y reg. X reg.
Clock Viewfinder mode
258 Row 1025
259 Row 1029
260 EOS
322 Col. 1281
323 Col. 1285
324 EOS Dark
Clock Full image mode
1030 Row 1029
1031 Row 1030 Y shift register
1032 EOS
1287 Col. 1285
1288 Col. 1286 X shift register
1289 EOS Dark
In full image readout mode (pin 84, subsmpl = 0), the imager is a 1280 x 1024 SXGA image sensor. There are 3 dummy pixels read at all 4 borders of the image. In viewfinder mode (subsmpl = 1), the imager acts as a 320 x 256 QVGA image sensor with one dummy pixel at the start of a row/column. Table 8. shows which column or row is selected after a number of clock pulses.
Start of the Y shift registers for row readout & row reset The shift registers are put in their initial state by a synchronization- or start pulse. (sync_x, sync_yr, sync_yl). The synchronization signal is low-active and should only be generated when the clock of the shift register is high. After the synchronization pulse, two falling clock edges are needed to skip dummy pixels/lines. On every falling clock edge, the shift register selects a new row for readout or reset. Figure 16. shows this timing.
Document Number: 38-05707 Rev. *B
Page 21 of 37
IBIS4-1300
Figure 16. Timing of Y shift registers (for row selection)
Dummy rows
0
1
Line selected CLCK_Y
n-
n
nil
0
1
2
3
4
5
SYNCY
Min 25 ns
Min 100 ns.
Figure 17. End-of-scan pulse
Clock
EOS
Col 1286 Row 1030 Col 321 Row 257
End-of-scan: EOS_YL, EOS_YR, EOS_X All 3 shift registers are equipped with 'end-of-scan' pulses. These pulses are low during the clock period after the last pixel or row has been read out, also in viewfinder mode. At the EOS_X pulse, the electrical dark reference level is put on the readout bus. This voltage remains on the bus until the SIN pulse goes high. During the row blanking time, this voltage can be used for the offset adjustment of the output amplifier. The SIN high forces the DCREF voltage on the output bus. We advise not to use the EOS pulses as an input for the row blanking time sequence generation, but to use simple
counters instead. If by some reasons the EOS signal is absent or subject to glitches, the system would hang. EOS is intended as diagnostic means. Row initialization During the row blanking time (which occurs at the beginning of every row read), several tasks are executed: selection of a new row, readout of this row by double sampling, reset of a new row, and possibly (slow) offset adjustment of the output amplifier. Therefore, a pulse patterns must be applied to several signals during this time. There is some freedom to make this pattern. The constraints are listed below:
Document Number: 38-05707 Rev. *B
Page 22 of 37
IBIS4-1300
Figure 18. Timing constraints for row readout initialization (blanking time)
SYNC_YL SYNC_YR Tc CLK_YR CLK YL SHY Ts SIN Tw RESET To L/R Tn SYNC_X CLOCK_X Tm To To Tr Th Tr
Table 9. Timing constraints on row initialization pulses sequence Ta Tc Ts Tw Tr Th To Tm Tn Min 0 Min 25 ns Typ. 3 us Typ. 200 ns Typ. 1 us Typ 1 us Typ 100 ns Min 25 ns Min. 200 ns Delay between falling edge of CLK_Y* and SHY or SIN CLK_YR & CLK_YL high time On-time of SIN (offset calibration pulse) Delay between selection of new row and end of column amplifier calibration Delay between end SIN and pixel reset On-time of reset pulse Th + Tr = Delay between pixel reset and column sample & hold Delay between SHY and L/R\ Overlap of L/R\ over 2nd reset pulse On-time of one of the SYNC pulses. SYNC==low may only occur when the associated CLOCK is high. Delay between SHY and start row readout * The EOS_X pulse flags the end of the scanning of previous line, and should be considered as a diagnostic means only. The blanking sequence could start earlier or later. Page 23 of 37
Figure 18. and Table 9. illustrate the timing constraints of the row initialization/ blanking sequence.
Document Number: 38-05707 Rev. *B
IBIS4-1300
* The next row (=line) is selected after the falling edge of CLK_YR and CLK_YL, * The column amplifiers receive the signals on the pixels array columns buses when SHY is low (transparent). * The SIN pulse (high) forces the column amplifiers in an "offset nulling" state. * After 3 us, the column amplifiers have reached offset-free equilibrium, and the SIN pulse is brought low again. The pixel's signal level is thus stored in the column amplifier. * After that the pixels in the selected row (line) are be reset (first pulse on RESET). * Consequently the reset level is frozen in the column amplifiers when SHY goes high. Both signal level and reset level have now been applied to the column amplifiers. The sample hold (SHY) guarantees that this information will not change anymore during readout of the line. * Now, the row is ready for readout. A pulse on SYNC_X must be given to start the row readout. SYNC_X initiates the
X-direction scanning register. The scanning itself is controlled by CLOCK_X. * During the beginning of the row readout, or possibly before, the RESET pulse for the electronic shutter (ES) must be given, if the ES is used. This is a pulse on RESET together with a high level on L/R. If the ES is not used, L/R remains low and the second RESET pulse is not generated. During some or the entire row blanking times, the output amplifier can be calibrated. If the slow calibration method is used, pulse the 'CALIB_S' pin once per line. The calibration happens on the rising edge of the pulse. If the fast calibration is used, the 'CALIB_F' should be pulsed during the row blanking time of the first row only. This calibration happens during the time that the pulse is high. During this calibration, the input applied to the amplifier must be the dark reference, which can either be the built-in electrical dark reference, or an external dark reference on the pin EXTIN.
Figure 19. Pulse on 'CALIB_F'& 'UNITYGAIN' to be given once per frame, or on CALIB_S once per line
Signal applied to input of amplifier
"Dark" reference
Calib_s or Calib_f 100ns 500ns (calib_f)
100ns (calib_s)
The X-direction shift register The X shift register behaves like the Y shift registers. The sequence if initiated by SYNC_X, which should occur when CLOCK_X is high. As CLOCK_X is halted during the blanking time, the SYNC_X pulse could occur anywhere, and be taken equal to some other pulse (e.g. CLOCK_Y). The first real (dummy) pixel is read out after the 3rd falling edge on the clock. Dummy pixels are perfectly operational pixels, but are added to shield the "real" pixels from the cross talk of the periphery.
Document Number: 38-05707 Rev. *B
Page 24 of 37
IBIS4-1300
Figure 20. Timing of X shift register and pixels read-out
DCREF on bus
Dummy pixels
0
1
Output Clock Sync
n-1
n
nil
dark
0
1
2
3
4
Min 25 ns
Min 100 ns.
On-chip generated electrical dark references. The sensor outputs a electrical dark reference level after the 2nd falling edge on the clock (after sync). At the end of the row readout, after EOS_X becomes low, the sensor outputs the electrical dark reference voltage also, and it remains present on the on the readout bus until the SIN goes high. Note that if the X-register is reset before the EOS is reached, the dark reference is not put on the bus. Use the dark reference of the beginning of the line instead.
Pixel readout The same continuous 10 MHz clock drives CLK_ADC and CLK_X. On the falling edge of CLK_X, a new pixel is selected and propagates to the output amplifier. At the same time, the ADC input is frozen by the falling edge on CLK_ADC. The digital output has a delay of one pixel compared to the analog signal. The digital output becomes valid between 25 to 50 ns after the falling edge on CLK_ADC.
Figure 21. pixel timing
Tp,adc
If the end of a row is reached, the sensor outputs an end-of-scan (EOS) pulse during one pulse period. And the electrical black reference level appears at the output for all Document Number: 38-05707 Rev. *B successive pulses. So, the same 10 MHz clock can drive CLK_X and CLK_ADC.
Page 25 of 37
IBIS4-1300
Example: timing used on the IBIS4 breadboard The next figure is the timing as used in the IBIS4 breadboard version 12 jan 2000. In this baseline only CALIB_F is used
(pulsing once per frame). CALIB_S (pulse every line) is shown as reference, but is actually not used in the baseline. The UNITY_GAIN pulse is identical to CALIB_F.
Figure 22. pulse sequence used in IBIS4 breadboard v. jan 2000
1 usec
CLCK_Y SIN CALIB_S Or CALIB_F&UNITY GAIN RESET SYNC_X CLCK_X SYNCY_L and SYNCY_R; once per frame per register (for electronic shutter L and R at different moments) L/R SHY
Is calib_s is used, calib_f&unity are 0 Is calib_f&unity are used, calib_s is 0
Illumination control There are two means of controlling the illumination level electrically. For high light levels, there is an electronic shutter. For low light levels, the output signal can be amplified by controlling the output amplifier gain. The offset level of the signal can also be controlled digitally. "Rolling curtain" electronic shutter The electronic shutter can reduce the integration time (= exposure time). This is achieved by an additional reset pulse every frame. In this way, the integration time is reduced to a fraction of the frame readout time. There are two Y shift registers. One of them points at the row that is currently being read out. The other shift register points at the row that is currently being reset. Both pointers are shifted by the same Y-clock and move over the focal plane. The integration time is set by the delay between both pointers. Figure 23. Schematic representation of the curtain type electronic shutter
This is a so-called 'rolling curtain'-type shutter. It 'rolls' over the focal plane. The left and right shift registers can be used both for pointing to the row that is readout or the row that is reset. The shift register that is active for readout or reset is selected by the signal on L/R. In the above timing diagrams, we use the R shift register for readout, and the L shift register for electronic shutter reset. We call them the readout shift register and reset shift register. The integration time is controlled by the delay between the SYNCY_L and SYNCY_R pulse. The shorter this delay, the shorter the integration time and the smaller the output signal will be. If the electronic shutter is not used, the L/R signal is not pulsed. The integration time is then equal to the frame readout time. For proper operation of the ES, the CLOCK_Y must come as an uninterrupted pulse train. Also during the dead time between frames the CLOCK_Y must be clocked. The reason is that each line should see the same elapsed time between the "ES-reset" and the reset of the line being read-out. If the CLOCK_Y is halted, the lines between the two pointers will have a longer effective integration time, and appear brighter. Gain control For low illumination levels, the electronic shutter is not used or set to its maximal value. Longer integration times can only be obtained by decreasing the frame rate. As an alternative or in complement, one can increase the output amplifier gain. The gain is controlled by a 4-bit word. Gain values vary between 1.2 and 16, and on an exponential scale, as the F-stops of a lens. Of course, increasing the signal amplitude by increasing the gain, will also increase the noise level. The apparent increase of sensitivity is at the cost of a lower dynamic range.
Reset pointer
Document Number: 38-05707 Rev. *B
Integration time
Readout pointer
Page 26 of 37
IBIS4-1300
Offset level adjustment The offset level of the output signal is set by a 4-bit digital word. The offset level voltage is selected between VLOW_DAC and VHIGH_DAC on 16 taps.
"Double slope" or "High-dynamic range" mode IBIS4-1300 has a feature to increase the dynamic range. The pixel response can be extended over a larger range of light intensities by using a "dual slope integration" (patents pending). This is obtained by the addition of charge packets from a long and a short integration time in the pixel during the same frame time.
Figure 24. response curve of the pixels in dual slope integration
1.6 1.4 1.2 1 0.8 0.6
Output signal [V]
1.8
Dual slope operation
0.4 0.2 0 0% 20% 40%
Fig.24 shows the response curve of a pixel in dual slope integration mode. The curve also shows the response of the same pixel in linear integration mode, with a long and short integration time, at the same light levels. Dual slope integration is obtained by * Feeding a lower supply voltage to VDD_RESETL. E.g. apply 4 to 4.5 Volts. The difference between this voltage and VDD determines the range of the high sensitivity, thus the output signal level at which the transition between high and low sensitivity occurs. * Put the amplifier gain to the lowest value where the analog output swing covers the ADC's digital input swing. Increasing the amplification too much will likely boost the high sensitivity part over the whole ADC range. * The electronic shutter determines the ratio of integration times of the two slopes. The high sensitivity ramp corresponds to "no electronic shutter", thus maximal integration time. The low sensitivity ramp corresponds to the electronics shutter value that would have been obtained in normal operation.
Long integration time Short integration time
Relative exposure (arbitrary scale) 60% 80% 100%
These example images are found at http://www.fillfactory.com/htm/technology/htm/dual-slope.htm Figure 25. Linear long exposure time
Document Number: 38-05707 Rev. *B
Page 27 of 37
IBIS4-1300
Figure 26. Linear short exposure time
Electrical parameters DC voltages VDD and GND: Nominal VDD-GND is 5V DC. Overall current consumption for the different parts * imager core + output amplifier analog * imager core digital * ADC analog * ADC digital Are quoted in the datasheets The sensor works properly when using a 7805 type of regulator. Decoupling VDD to GND must happen close to the IC. Other applied DC voltages Should be clean as the VDD. Can be derived by resistive division of VDD-GND, and decoupled to VDD or GND (as indicated)
Figure 27. Double slope integration
External Resistors Are used as current mirror settings. Should be decoupled to the opposite rail voltage as the connection of the resistor (thus: if the resistor is tied to VDD, the capacitor is tied to GND). In practice the decoupling can be omitted for almost all signals to be experimented. Input / output Digital inputs: Clean rail to rail CMOS levels. 10%-90% rise and fall times between 10 ns and 40 ns Digital outputs: Deliver CMOS level, able to drive 40 pF capacitive loads Analog output of imager core Designed to drive a 40 pF capacitive load Analog input of ADC Is equivalent to a capacitive load of typ. 15 pF.
Document Number: 38-05707 Rev. *B
Page 28 of 37
IBIS4-1300
Pin configuration
Pin list Signal type symbols A D W No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Name Nbiasarray pbias2 Pbias xmux_nbias Sync_yr\ clk_yr Eos_yr\ Eos_x\ Selextin Gnd Vdd Extin Output Vlow_dac Vhigh_dac Calib_s gc_bit0 gc_bit1 gc_bit2 gc_bit3 Unitygain Calib_f Dac_b3 Dac_b2 Dac_b1 Dac_b0 Nbias_oamp Sync_x\ Analog Digital Word bit Type A A A A D D D D D A A A A A A D W W W W D D W W W W A D I I I I I I O O I G P I O I I I I I I I I I I I I I I I Lsb 100K to VDD and decouple to GND low active (0=sync) Msb sets output amplifier in unity gain fast dark offset level calibration Msb I/O Description I O P G
I/O Symbols Input Output Power supply Ground
Signal Pixel source follower bias current Column amp 1st source follower (after SHY) bias current Column amp current source bias current X-multiplexing bias current (/6) 0 = reset right shift register clock right shift register low 1st clk_yr pulse after last row low 1st clk_x pulse after last active column 1 = external input; [0] = imager core
1MEG to VDD and decouple to GND 1MEG to GND and decouple to VDD 1MEG to GND and decouple to VDD 100K to VDD and decouple to GND low active (0=sync) Shifts on falling edge Active low Active low input selector for output amplifier Analog GND Analog VDD external input to output amplifier analog output of imager core low reference voltage offset DAC high reference voltage offset DAC Slow dark offset level adjustment Lsb
+ 5 V DC
Connect to in_adc (p73) +/- 1 V +/- 2.5 V 0: connect to cap (st2) and in- (st1) 1: connect to rdac (st2) and output (st1) gain control output amplifier
High active High active dac control for black offset level dac control for black offset level dac control for black offset level dac control for black offset level output amplifier bias current 0 = reset X shift register
Document Number: 38-05707 Rev. *B
Page 29 of 37
IBIS4-1300
No. 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59
Name clk_x shy dccon dcref gnd vdd sin sync_y\l clk_yl eos_yl\ bitinvert select reset d9 d8 d7 d6 d5 d4 d3 d2 d1 d0 gnd vdd gnd_ab vdd_array vdd_dig gnd_dig vdd_an vdd_resetl
Type D D A A A A D D D D D D D W W W W W W W W W W A A A A D D A A I I I
I/O
Description Shifts on falling edge Column parallel track and hold control voltage for DC reference generation reference voltage
Signal clock X shift register 1 = hold; 0 = track Connect to GND (default) Should be +/- 1.2 V, depends on dccon
O G P I I I O I I I O O O O O O O O O O G P G P P G P P
Column amplifier calibration signal 0 = start left shift register clock left shift register low 1st clk_yl pulse after last row High active, 1 = invert bits High active High active MSB
1 = calibrate, see timing diagram low active (0=sync) Shifts on falling edge Active low inverts ADC output bits selects row indicated by left/right shift register resets row indicated by left/right shift register ADC output
LSB
+ 5 V DC Anti-blooming drain voltage + 5 V DC + 5 V DC GND or +1V for improved anti-blooming Pixel power supply ADC digital power supply ADC ground of digital circuits + 5 V DC 5 V DC default (5.5 V for large output swing) 4...4.5 V for double slope mode ADC analog power supply VDD for reset by left shift register
60 61
gnd_an vhigh_adc
A A
G I + 4 V DC
ADC ground of analog circuits High ADC reference voltage Page 30 of 37
Document Number: 38-05707 Rev. *B
IBIS4-1300
No. 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84
Name clk_adc tri_adc pbiasdig1 pbiasencload pbiasdig2 nonlinear n.c. nbiasana2 nbiasana vlow_adc gnd_an in_adc vdd_an gnd_dig vdd_dig vdd gnd vdd_resetr L/R\ Pixel diode Photodiode clip subsmpl
Type D D A A A D I I I I I I
I/O ADC Clock
Description
Signal Converts on falling edge 1=tristate; 0=output current bias for comparator after encoder current bias for encoder current bias for digital logic in columns
ADC output tristate control 100K to GND and decouple to VDD 100K to GND and decouple to VDD 100K to GND and decouple to VDD
high active (1 = non-linear conversion) control for non-linear behavior of sensor not connected
A A A A A A D D A A A D A A A D
I I I G I P G P P G P I O O I I
100K to VDD and decouple to GND 100K to VDD and decouple to GND
bias current 2nd comparator stage bias current 1st comparator stage
+ 2 V DC, +-2 K between P71 and P61 Low ADC reference voltage ADC ground of analog circuits Converts between vlow and vhigh (2-4V) + 5 V DC ADC input ADC analog power supply ADC ground of digital circuits + 5 V DC + 5 V DC ADC digital power supply
5 V DC default (5.5 for large signal swing) 1=left; 0=right groups current of 24 x 18 pixels 168x126 um2 (eq. 24 x 18 pixels) Clips if output > 'clip' - Vth (PMOS) high active, 1 = subsampling
Power supply for reset by right (readout) shift register Selects left or right shift register for 'select' and 'reset' Test structure for spectral response measurement of pixels Test structure for spectral response measurement of photodiode Clipping voltage for output amplifier Selects viewfinder mode (1:4 = 320 x 256)
Bonding pad geometry for the IBIS4-1300 * The 84 pins are distributed evenly around the perimeter of the Chip. At each edge there are 21 pins. Pin 1 is (in this drawing) in the middle of the left edge. * The opening in the bonding pads (the useful area for bonding) is 200 x 150 um.
* The centers of the bonding pads are at all four edges at 150 um distance from the nominal chip border. * The scribe line (=the spacing between the nominal borders of neighboring chips) is 250 um. * The bonding pad pitch is 437 um in X-direction * The bonding pad pitch in Y-direction is 393 um
Document Number: 38-05707 Rev. *B
Page 31 of 37
IBIS4-1300
* Relative position of pads in corners: see next figure (measures in um).
635 627
150
393
9265 468 437 474 10158
Color filter geometry Sensors with diagonal pattern have * -pixel (1,1) is RED * -first line sequence is BGRBGR * -second line sequence is RBGRBG B sensors with Bayer pattern have * -pixel (1,1) is GREEN * -first line sequence is .GRGRG * -second line sequence is .BGBGB
Document Number: 38-05707 Rev. *B
Page 32 of 37
IBIS4-1300
Package
84 pins ceramic LCC package (JLCC also available) Standard 0.04 inch pitch outline
0.46" square cavity Die thickness nominally 711 um +- 50um Clearance from top of die to bottom of glass lid: 400um nominally
Figure 28. Pin layout and package, top view
74 75
ADC
54 1169 m 0,0 53
Diagonal stripe pattern
84
Pin1
Image sensor core
568 m 1280,1024 11 12
Cover glass Size 18x18 mm for JLCC& LCC Color sensor Refractive index: 1,55 Thickness: 0,75+-0.05 mm Material: BG39 This material acts a NIR cut-off filter. The transmission characteristics are given in the figure below. The data used to create the transmission curve of the BG39 material can be obtained as an excel file upon simple request to info@fillfactory.com.
588 m 885 m 32 33
Document Number: 38-05707 Rev. *B
Page 33 of 37
IBIS4-1300
Figure 29. Transmission characteristics of the BG39 glass used as NIR cut-off filter for the IBIS4-1300 color image sensors
BG39 transmission characteristics
1 0,9 0,8 0,7 0,6 0,5 0,4 0,3 0,2 0,1 0 400 500 600 700 Wavelength
Monochrome sensor Refractive index: 1,52 Thickness: 0,55+-0.05 mm Figure 30. Transmission characteristics of the D263 glass used as protective cover for the IBIS4-1300 monochrome image sensors Material: D263 The transmission characteristics are given in the figure below.
Transmission
800
900
1000
D263 transmission characteristics 1 0,9 0,8 0,7 0,6 0,5 0,4 0,3 0,2 0,1 0 400 500 600 700 800 900 Wavelength
Document Number: 38-05707 Rev. *B
Transmission
Page 34 of 37
IBIS4-1300
Ordering Information
Table 10. FillFactory and Cypress part numbers FillFactory Part Number IBIS4-1300-C1-2 IBIS4-1300-M-1 IBIS4-1300-M-2 Cypress Semiconductor Part Number CYII4SD1300AA-QAC - Preliminary CYII4SM1300AA-HBC - Preliminary CYII4SM1300AA-QBC - Preliminary
FAQ
Temperature dependence of dark signal
IBIS 4C
1000
% of saturation
offset long tint RMS long tint #pixels outside 6sigma
nominal operation, 512 x 512 pixels corner, 160 ms tint
100
10
1 20 30 40 50 60 70 80 90
0,1
The above graph is measured on an IBIS4-1300 under nominal operation, using breadboard. This particular sensor has about 100 "bad pixels" at RT. Average offset (=dark signal) and RMS (=FPN of dark signal) are measured versus temperature. Offset is referred to the "short tint" offset at 20 C. Integration time was 160 ms (= "long tint"). Y-axis is the output signal (100% = ADC range) Useful range of "double slope" Which total dynamic range can reasonably be obtained with the dual slope feature of the IBIS4-1300? Assuming that the "regular" S/N is 2000:1, and that one can put the knee point halfway the voltage range, the each piecewise linear halve has 1000:1 S/N. If the ratio between slopes is a, then the total dynamic range becomes (1000+a*1000):1. Example, is a=10, then the total dynamic range becomes 11000:1.
Document Number: 38-05707 Rev. *B
Page 35 of 37
IBIS4-1300
In practice, acceptable images are obtained with a up to 10. Larger a's are useable, but near the knee, contrast artifacts become annoying. Skipping rows or columns Although these modes are not described in the datasheets, it is possible to skip rows or columns by simply applying
additional CLK_YR + CLR_YL, or CLK_X pulses. The maximum clock frequency is not documented. But it is probable that one can reach at least 10 MHz in Y and 40 MHz in X.
Disclaimer
FillFactory image sensors are only warranted to meet the specifications as described in the production data sheet. Specifications are subject to change without notice.
Document Number: 38-05707 Rev. *B
Page 36 of 37
IBIS4-1300
Document History Page
Document Title: 1.3 MPxl Rolling Shutter CMOS Image Sensor Document Number: 38-05707 REV. ** *A *B ECN. 310213 509557 642577 Issue Date See ECN See ECN See ECN Orig. of Change SIL QGS FPW Initial Cypress release Converted to Frame file Ordering information update Description of Change
Document Number: 38-05707 Rev. *B
Page 37 of 37


▲Up To Search▲   

 
Price & Availability of IBIS4-130009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X