Part Number Hot Search : 
MBR104 463682E3 3M10V P33K25V6 AN1571 STK419 2SK2940 LPA6836V
Product Description
Full Text Search
 

To Download HMC32301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 v01.0701
MICROWAVE CORPORATION
HMC323
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, DC - 3.0 GHz
Features
P1dB Output Power: +16 dBm Output IP3: +31 dBm Gain: 13 dB Single Supply: 8.75V Ultra Small Package: SOT26
1
AMPLIFIERS - SMT
Typical Applications
This Amplifier is ideal for RF Systems where high linearity is required such as: * 2.2 - 2.7 MMDS * Cellular & Basestations * CATV * WirelessLAN
Functional Diagram
General Description
The HMC323 is a GaAs InGaP Heterojunction Bipolar Transistor (HBT) MMIC amplifier that operates from a single Vcc supply. The surface mount SOT26 amplifier can be used as a broadband gain stage or used with external matching for optimized narrow band applications. The HMC323 offers 13 dB of gain and +19 dBm of saturated power while only requiring 57 mA from a 8.75V supply. Using a Darlington feedback pair results in reduced sensitivity to normal process variations and provides a good 50-ohm input/output port match.
Electrical Specifications, TA = +25 C
Vs= +8.75V, Rbias= 22 Ohm Parameter Min. Frequency Range Gain Gain Variation Over Temperature Input Return Loss Output Return Loss Reverse Isolation Output Power for 1dB Compression (P1dB) @ 1 GHz Saturated Output Power (Psat) @ 1 GHz Output Third Order Intercept (IP3) @ 1 GHz Noise Figure Supply Current (Icc) 8 6 16 13 16 28 10 Typ. DC - 3.0 13 0.015 13 9 20 16 19 31 6 57 16 0.025 Max. GHz dB dB/ C dB dB dB dBm dBm dBm dB mA Units
1 - 152
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
v01.0701
MICROWAVE CORPORATION
HMC323
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, DC - 3.0 GHz
GaAs MMIC PUMPED MIXER Gain & Return LossSUB-HARMONICALLY Gain vs. Temperature
20 15 10 20 18 16
S11 S21 S22
17 - 25 GHz
1
AMPLIFIERS - SMT
1 - 153
RESPONSE (dB)
5 0 -5 -10 -15 -20 -25 0 1
14
GAIN (dB)
12 10 8 6 4 2 0
+25C +85C -40C
2
3
4
5
6
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
FREQUENCY (GHz)
Input Return Loss vs. Temperature
0
Output Return Loss vs. Temperature
0
-5
OUTPUT RETURN LOSS (dB)
INPUT RETURN LOSS (dB)
+25C +85C -40C
-5
-10
-10
-15
-15
+25C +85C -40C
-20 0 0.5 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
-20 0 0.5 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
Reverse Isolation vs. Temperature
0 -5 -10 -15 -20 -25 -30 0 0.5 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
+25C +85C -40C
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
REVERSE ISOLATION (dB)
v01.0701
MICROWAVE CORPORATION
HMC323
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, DC - 3.0 GHz
1
AMPLIFIERS - SMT
P1dB vs. Temperature
24 22 20 18
+25C +85C -40C
Psat vs. Temperature
24 22 20 18
+25C +85C -40C
P1dB (dBm)
16 14 12 10 8 6 4 0 0.5 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
Psat (dBm)
16 14 12 10 8 6 4 0 0.5 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
Power Compression @ 1 GHz
20 18 16 14 12 10 8 6 4 2 0 -2 -4 -6 -8 -10 -20 -18 -16 -14 -12 -10 -8
Power Compression @ 2 GHz
20 18 16 14 12 10 8 6 4 2 0 -2 -4 -6 -8 -10 -20 -18 -16 -14 -12 -10 -8
Pout (dBm), GAIN (dB), PAE (%)
Pout Gain PAE
Pout (dBm), GAIN (dB), PAE (%)
Pout Gain PAE
-6
-4
-2
0
2
4
6
8
-6
-4
-2
0
2
4
6
8
INPUT POWER (dBm)
INPUT POWER (dBm)
Output IP3 vs. Temperature
34 32 30 28
+25C +85C -40C
IP3 (dBm)
26 24 22 20 18 16 14 0 0.5 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
1 - 154
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
v01.0701
MICROWAVE CORPORATION
HMC323
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, DC - 3.0 GHz
Application Circuit
Absolute Maximum Ratings
DC Voltage on Pin 1 Input Power (RFin)(Vcc= +5V) Channel Temperature (Tc) Continuous Pdiss (T= 60 C) (derate 4.41 mW/C above 60 C) Storage Temperature Operating Temperature 8 Volts +20 dBm 150 C 507 mW -65 to +150 C -40 to +60 C
1
AMPLIFIERS - SMT
1 - 155
Note: 1. Select Rbias to achieve desired Vcc voltage on Pin 1. 2. External blocking capacitors are required on Pins 1 and 3.
Outline Drawing
1. MATERIAL: A. PACKAGE BODY - LOW STRESS INJECTION-MOLDED PLASTIC, SILICA & SILICONE INPREGNATED. B. LEADFRAME MATERIAL: COPPER ALLOY 2. PLATING: LEAD-TIN SOLDER PLATE 3. DIMENSIONS ARE IN INCHES (MILLIMETER). UNLESS OTHERWISE SPECIFIED, ALL TOL. ARE 0.005 ( 0.13).
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
v01.0701
MICROWAVE CORPORATION
HMC323
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, DC - 3.0 GHz
1
AMPLIFIERS - SMT
Evaluation PCB for HMC323
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads should be connected directly to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and bottom ground planes. The evaluation circuit board shown is available from Hittite upon request.
Evaluation Circuit Board Layout Design Details
Item J1 - J2 U1 PCB* Description PC Mount SMA Connector HMC323 104196 Evaluation PCB 1.5" x 1.5"
* Circuit Board Material: Rogers 4350
1 - 156
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
v01.0701
MICROWAVE CORPORATION
HMC323
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, DC - 3.0 GHz
Notes:
1
AMPLIFIERS - SMT
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
1 - 157


▲Up To Search▲   

 
Price & Availability of HMC32301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X