Part Number Hot Search : 
90BAI BUT12 MS8GE NJL0302D IRKD5608 02426 151007 IRF9510
Product Description
Full Text Search
 

To Download HGDEPN031A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Magnetic Sensors
Switching Output Type
HGDE HGDF
Series
Various product lineup contributes set design flexibility . High precision, compact and low profile product based on magnetic sensing devices technologies.
Magnetic Sensor Piezo Sensor Resistive Sensor
MAP
SON
SOT23
Features
Compact and low-profile (1.3G0.9G0.55mm for the MAP Type). Low current consumption (3.0BA at VDD=1.8V.). Various lineups (drive voltage, functions, operating magnetic field and package specifications).
Applications
Detects Open and Close of lids and doors of any industrial equipments and amusement equipments.
Typical Specifications
Specifications Items Drive voltage Current consumption
Typ. 1.8V (1.6V min. to 3.6V max.) 3BA Ave. at VDD=1.8V Typ. 5V (4.5V min. to 5.5V max.) Typ. 1.65mA at VDD=5V
Product list
Drive voltage Package specifications/Size Function
Single polarity/ Single output 1.3 MAP type 0.9 0.55mm Dual polarity/ Single output Dual polarity/ Dual output Single polarity/ Single output Typ.1.8V SON type 2.1 2.1 0.75mm Dual polarity/ Single output Dual polarity/ Dual output Single polarity/ Single output Dual polarity/ Single output Single polarity/ Single output 2.1 Typ.5V SON type 2.1 0.75mm Dual polarity/ Single output Dual polarity/ Dual output Single polarity/ Single output Dual polarity/ Single output
Model No.
HGDESM022A HGDESM032A HGDEPM022A HGDEPM032A HGDEDM022A HGDEDM032A HGDESN021A HGDESN031A HGDEPN021A HGDEPN031A HGDEDN021A HGDEDN031A HGDEST021A HGDEST031A HGDEPT021A HGDEPT031A HGDFSN021A HGDFSN031A HGDFPN021A HGDFPN031A HGDFDN021A HGDFDN031A HGDFST021A HGDFST031A HGDFPT021A HGDFPT031A
Operating magnetic field(Hon)
2.0mT 3.0mT 2.0mT 3.0mT 2.0mT 3.0mT 2.0mT 3.0mT 2.0mT 3.0mT 2.0mT 3.0mT 2.0mT 3.0mT 2.0mT 3.0mT 2.0mT 3.0mT 2.0mT 3.0mT 2.0mT 3.0mT 2.0mT 3.0mT 2.0mT 3.0mT
SOT23 type 2.9 2.8 1.1mm
SOT23 type 2.9 2.8 1.1mm
9
Magnetic Sensors
Switching Output Type HGDE /HGDF
Series
Dimensions
Style MAP type Magnetic Sensor Piezo Sensor Resistive Sensor
0.9 0.5
Unit:mm
SON type
2.1 1.3
0.55
1.3 1.8
SOT23 type
2.9
1.9
10
1.1
1.6
2.8
0.75
2.1


▲Up To Search▲   

 
Price & Availability of HGDEPN031A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X