Part Number Hot Search : 
00M200V ESD5331N 765ESO TA8262 XXXCA D82530 1N6692S V585ME11
Product Description
Full Text Search
 

To Download HFR-RFTS250LFC50OHM-F-0E0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Power, Surface Mount RF Terminators
RFTS Series
* RoHS compliant * High frequency operation up to 3GHz * Long life, temperature stable thin film technology * Up to 250W dissipation on Aluminum Nitride substrate
The RFTS is a leadless high power chip termination solution. Operation to 3GHz is available through the use of a rugged thin film element providing performance stability over time and temperature. A selection of four termination configurations allow maximum versatility for different circuit designs and construction. An aluminum nitride substrate provides the high thermal conductivity for power dissipation ratings from 5 watts to 250 watts. Applications include satellite communications, isolator/circulators, cell base stations and high power microwave/RF power amplifiers.
Electrical Data
RFTS05 Resistance VSWR @ 1GHz Power Rating @100C (on IMS Boards) Pulse Power < 1 second Thermal Resistance Tolerance Operating Temperature Absolute TCR 1.15 5W 10W 12.5C/W 1.15 10W 20W 6.5C/W RFTS10 RFTS50 50 1.2 50W 100W 2.5C/W 1% -55C to +155C 50 ppm/C 1.2 100W 200W 1.3C/W 1.2 250W 500W 0.5C/W RFTS100 RFTS250
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc RFTS Series Issue January 2009 Sheet 1 of 3
High Power, Surface Mount RF Terminators
Frequency Performance Data
S11, RFTS05LFC50OHM F Style 0F0
CH1 S 11
hp
VSWR, RFTS05LFC50OHM F Style 0F0
CH1 S 11
hp
1 U FS
1:
50.781
W
20 Jul 2004 13:24:23 -0.1133 W 18.029 pH 1 000. 000 000 MHz 2: 50.645 W -439.45 mW 1.5 GHz 3: 50.836 W -1.2656 W 2 GHz
SWR 100 m / REF 1 20 Jul 2004 1: 13: 28: 24 1.0143
PRm Cor
1 000. 000 000 MHz 2: 3: 4: 1.0226 2 GHz 1.0527 3 GHz 1.0871 4 GHz 1.1084 5 GHz
PRm Cor
1 2 3 4 5
4: 51.518 W -2.3496 W 2.5 GHz 5: 51.889 W -3.5445 W 3 GHz
5:
1 START .030 000
2 MHz
3
4
5
STOP 6 000. 000 000 MHz
START
.030 000 MHz
STOP 3 000. 000 000 MHz
S11, RFTS100LFC50OHM F Style 0F0
CH1 S 11
hp
VSWR RFTS100CLF50OHM F Style 0F0
15 Jul 2004 1: 16: 27: 59 1.1117
1 U FS
1:
55.582
W
20 Jul 2004 13:24:23 -232.42 W 684.77 pF 1 000. 000 000 MHz 2: 47.199 W -7.543 W 2 GHz 3: 41.346 W 6.8594 W 3 GHz
CH1 S 11
hp
SWR
100 m /
REF 1
PRm Cor
1 000. 000 000 MHz 2: 3: 1.1798 2 GHz 1.2742 3 GHz
PRm Cor
1 3 2
3 2 1
START
.010 000
MHz
STOP 3 000. 000 000 MHz
START
.010 000 MHz
STOP 3 000. 000 000 MHz
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
RFTS Series Issue January 2009 Sheet 2 of 3
High Power, Surface Mount RF Terminators
Physical Data
Type 0F0 Type 0E0 Type 0Z0 Type 0Y0
Dimension (mm) Type RFTS05LF RFTS05LF RFTS10LF RFTS10LF RFTS50LF RFTS50LF RFTS50LF RFTS50LF RFTS100LF RFTS100LF RFTS100LF RFTS100LF RFTS250LF RFTS250LF RFTS250LF RFTS250LF Type 0F0 0E0 0F0 0E0 0F0 0E0 0Z0 0Y0 0F0 0E0 0Z0 0Y0 0F0 0E0 0Z0 0Y0 A 2.54 2.54 5.08 5.08 5.08 5.08 5.08 5.08 5.84 5.84 5.84 5.84 9.52 9.52 9.52 9.52 B 1.27 1.27 2.54 2.54 5.08 5.08 5.08 5.08 8.89 8.89 8.89 8.89 9.52 9.52 9.52 9.52 C 1.00 1.00 1.00 1.00 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 D 0.60 0.60 1.00 1.00 1.00 1.00 3.00 1.00 1.20 1.20 3.40 1.20 1.20 1.20 7.10 1.20 E -- 1.00 -- 3.00 -- 3.00 1.08 2.00 -- 2.40 1.20 2.40 -- 7.10 1.20 6.00 F -- 0.60 -- 1.00 -- 1.00 1.00 1.00 -- 1.20 1.20 1.20 -- 1.20 1.20 1.20
Power Derating Curve
100
Ordering Data
Prefix Model HFR - RFTS05LF C50 OHM - F - 0F0
RFTS05LF; RFTS10LF; RFTS50LF RFTS100LF; RFTS250LF
% Of Rated Power
50
Resistance
C50 OHM F = 1%
Tolerance Outline Type (See Physical Data)
0
0F0, 0E0, 0Z0, 0Y0
25
100
155
Heatsink Temperature (C)
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com RFTS Series Issue January 2009 Sheet 3 of 3


▲Up To Search▲   

 
Price & Availability of HFR-RFTS250LFC50OHM-F-0E0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X