Part Number Hot Search : 
C3842 NB100 TZX12A SI842 16VT175L LM78X 16VT175L IS64W
Product Description
Full Text Search
 

To Download HD74LVC4245A05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LVC4245A
Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
REJ03D0378-0101 Rev.1.01 Apr. 13, 2005
Description
The HD74LVC4245A has eight bus transceivers with three state outputs in a 24 pin package. When (DIR) is high, data flows from the A inputs to the B outputs, and when (DIR) is low, data flows from the B inputs to the A outputs. A and B bus are separated by making enable input (OE) high level. And this product has two terminals (VCCA, VCCB), VCCA (5V) is connected with control input and A bus side, VCCB (3.3V) connected with B bus side. VCCA and VCCB are isolated. This allows for translation from a 3.3 V to a 5 V environment, and vice versa. Low voltage and high-speed operation is suitable at the battery drive product (note type personal computer) and low power consumption extends the life of a battery for long time operation.
Features
* This product function as level shift transceiver that change VCCA input level to VCCB output level, VCCB input level to VCCA output level by providing different supply voltage to VCCA and VCCB. * This product is able to the power management: Turn on and off the supply on VCCB side with providing the supply of VCCA. (Enable input (OE): High level ) * VCCA = 4.5 V to 5.5 V, VCCB = 2.7 V to 3.6 V * All control input VI (max) = 5.5 V (@VCCA = 0 V to 5.5 V) * All A bus side input outputs VI/O (max) = 5.5 V (@VCCA = 0 V or output off state) * All B bus side input outputs VI/O (max) = 3.6 V (@VCCB = 0 V or output off state) * High output current A bus side : 24 mA (@VCCA = 4.5 V to 5.5 V) B bus side : 12 mA (@VCCB = 2.7 V) 24 mA (@VCCB = 3.0 V to 3.6 V) * Ordering Information
Part Name HD74LVC4245ATEL Package Type TSSOP-24 pin Package Code (Previous Code) PTSP0024JB-A (TTP-24DBV) Package Abbreviation T Taping Abbreviation (Quantity) EL (1,000 pcs/reel)
Function Table
Inputs OE L L H H: High level L: Low level X: Immaterial Z: High impedance DIR L H X Operation B data to A bus A data to B bus Z
Rev.1.01 Apr. 13, 2005 page 1 of 8
HD74LVC4245A
Pin Arrangement
VCCA 1 DIR 2 A1 3 A2 4 A3 5 A4 6 A5 7 A6 8 A7 9 A8 10 GND 11 GND 12 24 VCCB 23 VCCB 22 OE 21 B1 20 B2 19 B3 18 B4 17 B5 16 B6 15 B7 14 B8 13 GND
(Top view)
Absolute Maximum Ratings
(1) For VCCA
Item Supply voltage Input voltage*1 Input / output voltage Input diode current Output diode current Output current VCCA, GND current Maximum power dissipation *2 at Ta = 25C (in still air) Storage temperature Symbol VCCA VI VI/O IIK IOK IO ICCA or IGND PT Tstg Ratings -0.5 to 6.0 -0.5 to 6.0 -0.5 to VCCA+0.5 -0.5 to 6.0 -50 -50 50 50 100 862 -65 to 150 Unit V V V mA mA mA mA mW C Conditions DIR, OE A port output "H" or "L" A port output "Z" or VCCA : OFF VI < 0 VO < 0 VO > VCCA+0.5
TSSOP
(2) For VCCB
Item Supply voltage Input / output voltage*1 Input diode current Output diode current Symbol VCCB VI/O IIK IOK Ratings -0.5 to 4.6 -0.5 to VCCB+0.5 -0.5 to 4.6 -50 -50 50 50 100 862 Unit V V mA mA Conditions B port output "H" or "L" B port output "Z" or VCCB : OFF VI < 0 VO < 0 VO > VCCB+0.5
Output current IO mA VCCB,GND current ICCB or IGND mA PT Maximum power dissipation mW TSSOP *2 at Ta = 25C (in still air) Storage temperature Tstg -65 to 150 C Notes: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded even if the input and output clamp-current ratings are observed. 2. The maximum package power dissipation was calculated using a junction temperature of 150C.
Rev.1.01 Apr. 13, 2005 page 2 of 8
HD74LVC4245A
Recommended Operating Conditions
(1) For VCCA
Item Supply voltage Input / output voltage Symbol VCCA VI VI/O IOH IOL t / v Ta Ratings 4.5 to 5.5 0 to 5.5 0 to VCCA 0 to 5.5 -24 24 10 -40 to 85 Unit V V Conditions DIR, OE A port output "H" or "L" A port output "Z" or VCCA : OFF
Output current Input transition rise or fall time Operating temperature
mA ns / V C
(2) For VCCB
Item Supply voltage Input / output voltage Output current Symbol VCCB VI/O IOH IOL Input transition rise or fall time Operating temperature t / v Ta Ratings 2.7 to 3.6 0 to VCCB 0 to 3.6 -12 -24 12 24 10 -40 to 85 Unit V V mA Conditions B port output "H" or "L" B port output "Z" or VCCB : OFF VCCB = 2.7 V VCCB = 3.0 to 3.6 V VCCB = 2.7 V VCCB = 3.0 to 3.6 V
ns / V C
Note: Unused or floating inputs must be held high or low.
Block Diagram
DIR 2 22 A1 3 21 B1 OE
To seven other channels
Rev.1.01 Apr. 13, 2005 page 3 of 8
HD74LVC4245A
Electrical Characteristics
(Ta = -40 to 85C)
Item Input voltage Output voltage Symbol VIH VIL VOHA VCCA (V) 4.5 to 5.5 4.5 to 5.5 4.5 to 5.5 4.5 5.5 4.5 to 5.5 4.5 to 5.5 4.5 to 5.5 4.5 to 5.5 4.5 to 5.5 4.5 5.5 4.5 to 5.5 4.5 to 5.5 4.5 to 5.5 5.5 5.5 4.5 to 5.5 0 5.5 VCCB (V) 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 3.0 3.0 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 3.0 2.7 to 3.6 2.7 to 3.6 3.6 0 2.7 to 3.6 Min 2 VCCA-0.2 3.7 4.7 VCCB-0.2 2.2 2.4 2 Max 0.8 0.2 0.55 0.55 0.2 0.4 0.55 1 5 5 20 80 Unit V V Test Conditions
IOH = -100 A IOH = -24 mA IOH = -100 A IOH = -12 mA IOH = -24 mA IOL = 100 A IOL = 24 mA IOL = 100 A IOL = 12 mA IOL = 24 mA Control input A port, VO = VCCA or GND B port, VO = VCCB or GND A port, VI/O = 5.5 V B port, VI/O = 3.6 V B to A, control input =VCCA or GND Bn = VCCB or GND, IO (A port) = 0 A to B, control input =VCCA or GND An = VCCA or GND, IO (B port) = 0
VOHB
V
VOLA
V
VOLB
V
Input current Off state output current Output leak current Quiescent supply current
IIN IOZA IOZB IOFF ICCA
A A A A
ICCB
4.5 to 5.5
3.6
50
A
Increase in ICC *1 per input
mA A port or Control input, One input at 3.4 V, Other input at VCCA at GND ICCB 4.5 to 5.5 2.7 to 3.6 0.5 mA B port, One input at VCCB-0.6V, Other input at VCCB at GND Notes: For condition shown as Min or Max, use the appropriate values under recommended operating conditions. 1. This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
ICCA
5.5
2.7 to 3.6
1.5
Rev.1.01 Apr. 13, 2005 page 4 of 8
HD74LVC4245A
Capacitance
(Ta = 25C)
Item Control Input capacitance Input/output capacitance Symbol CIN CI/O VCCA (V) 5 5 VCCB (V) 3.3 3.3 Min Typ 5 11 Max Unit Test Conditions pF VI = VCCA or GND pF A port, VI = VCCA or GND, B port, VI = VCCB or GND
Switching Characteristics
(Ta = -40 to 85C), VCCA = 5.00.5 V, VCCB = 2.7 V to 3.6 V)
Item Propagation delay time Symbol tPLH tPHL tPLH tPHL tZH tZL tZH tZL tHZ tLZ tHZ tLZ Min 1 1 1 1 1 1 1 1 1 1 1 1 Typ Max 6.7 6.3 5 6.1 8.1 9 9.8 8.8 5.8 7 7.8 7.7 Unit ns Test conditions From(Input) To(Output) A B CL = 50 pF RL = 500 B ns CL = 50 pF RL = 500 OE OE ns CL = 50 pF RL = 500 OE OE A A B A B
Output enable time
Output disable time
Operating Characteristics
Item Power dissipation capacitance Symbol CPD VCCA (V) 5.0 VCCB (V) 3.0 Min Typ 39.5 Max Unit Test Conditions pF f = 10 MHz, CL = 0
Power-up considerations
Level-translation devices offer an opportunity for successful mixed-voltage signal design. A proper power-up sequence always should be followed to avoid excessive supply current, bus contention, oscillations, or other anomalies caused by improperly biased device pins. Take these precautions to guard against such power-up problems. 1. Connect ground before any supply voltage is applied. 2. Next, power up the control side of the device. (Power up of VCCA is first. Next power up is VCCB.) 3. Tie OE to VCCA with a pullup resistor so that it ramps with VCCA. 4. Depending on the direction of the data path, DIR can be high or low. If DIR high is needed (A data to B bus), ramp it with VCCA. Overwise, keep DIR low.
Rev.1.01 Apr. 13, 2005 page 5 of 8
HD74LVC4245A
Test Circuit
See under table 500 S1 OPEN GND
*1
CL = 50 pF
500
Load circuit for outputs S1 Symbol VCCA = 50.5 V VCCB = 2.7 to 3.6 V A/OE to B t PLH / tPHL t ZH / t HZ t ZL / t LZ OPEN GND 6V B/OE to A OPEN GND 2 x VCCA
Note: 1. CL includes probe and jig capacitance.
Waveforms - 1
tr 90 % Input 10 % t PLH Vref1 90 % Vref1 10 % t PHL V OH Output Vref2 Vref2 V OL VCCA = 50.5 V VCCB = 2.7 to 3.6 V A to B VIH Vref1 Vref2 3.0 V 1.5 V 1.5 V B to A 2.7 V 1.5 V 1/2 VCCA GND tf VIH
Symbol
Rev.1.01 Apr. 13, 2005 page 6 of 8
HD74LVC4245A
Waveforms - 2
tf 90 % Output Control Vref1 10 % t ZL 10 % t LZ VOH Waveform - A Vref2 V OL + 0.3 V t ZH t HZ V OH - 0.3 V Vref2 GND V OL V OH tr 90 % Vref1 GND VIH
Waveform - B
Symbol
VCCA = 50.5 V VCCB = 2.7 to 3.6 V OE to B OE to A 3.0 V 1.5 V 1/2 VCCA
VIH Vref1 Vref2
3.0 V 1.5 V 1.5 V
Notes: 1. All input pulses are supplied by generators having the following characteristics : PRR 10 MHz, ZO = 50 , tr 2.5 ns, tf 2.5 ns. 2. Waveform - A is for an output with internal conditions such that the output is low except when disabled by the output control. 3. Waveform - B is for an output with internal conditions such that the output is high except when disabled by the output control. 4. The output are measured one at a time with one transition per measurement.
Rev.1.01 Apr. 13, 2005 page 7 of 8
HD74LVC4245A
Package Dimensions
JEITA Package Code P-TSSOP24-4.4x7.8-0.65 RENESAS Code PTSP0024JB-A Previous Code TTP-24DBV MASS[Typ.] 0.08g
*1
D 13
F
24
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE
E
*2
c
Reference Symbol
Dimension in Millimeters Min Nom 7.80 4.40 Max 8.10
Index mark
Terminal cross section ( Ni/Pd/Au plating )
1 12 e
*3
D E A2 A1 A 0.03
0.07
0.10 1.10
Z
bp
x
M
L1
bp b1 c c
1
0.15
0.20
0.25
0.10
0.15
0.20
HE
A
0 6.20 6.40 0.65
8 6.60
A1
y L
e x y
0.13 0.10 0.65 0.4
1
Detail F
Z L L 0.5 1.0
0.6
Rev.1.01 Apr. 13, 2005 page 8 of 8
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2005. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .2.0


▲Up To Search▲   

 
Price & Availability of HD74LVC4245A05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X