Part Number Hot Search : 
DG202C 010D0 31200 C900506 ALVCH166 7C54X 74LVC245 2110B
Product Description
Full Text Search
 

To Download HC49-4H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HC49/4H SMX Crystals
ISSUE 13 ; 28 SEPTEMBER 2004 Delivery Options
I
Outline in mm
Please contact our sales office for current leadtimes
11.40.2 10.3 max 0.7 4.3 max 4.9 max
SURFACE MOUNT QUARTZ CRYSTALS
Holder Style
I
HC49/4H SMX crystals are resistance welded, hermetically sealed in an inert atmosphere with glass to metal seals securing the lead wires. The lead wires are formed into a gull wing and mounted on a plastic former Lower profiles available, please contact our sales office
3.8 max
I
0.6
13.4 max. 4.4
Solder pad layout 15.0 4.0 2.0 +70
General Specifications
I
Load Capacitance (CL): 10pF to 75pF or Series Drive Level: 0.5mW max Static Capacitance (C0): 9pF max Ageing: 3ppm typical per year Typical Frequency Vs Temperature Curves for various angles of AT-cut crystals
+25
I
I
I
Standard Frequency Tolerances and Stabilities
I
50ppm, 100ppm
f/f0 (ppm)
Operating Temperature Ranges
I
0 to 50C -10 to 60C
-20 to 70C -30 to 80C
0
Storage Temperature Range
I
-55 to 125C
Environmental Specification
I
Shock: 981m/s2 for 6ms, three shocks in each direction along three mutually perpendicular planes, Vibration: 10 to 60Hz 0.75mm displacement, 60 to 500Hz 98.1m/s2 acceleration, 30 minute in each of three mutually perpendicular planes
I
-25 -50
-20
+25 Temperature (C)
+100
Solder Condition
I
For typical soldering conditions, please see the relevant page in Application Notes
Marking
I
Frequency only
Minimum Order Information Required
I
Frequency + Holder + Frequency Tolerance @ 25C + Frequency Stability + Operating Temperature Range + Circuit Condition + Overtone Order
162
Electrical Specification - maximum limiting values Frequency Range Frequency Tolerance @ 25C 2C 10ppm to 100ppm Operating Temperature Range 0 to 50C -10 to 60C -20 to 70C -30 to 80C 5.0 to < 8.0MHz 10ppm to 100ppm 0 to 50C -10 to 60C -20 to 70C -30 to 80C 8.0 to < 12.0MHz 10ppm to 100ppm 0 to 50C -10 to 60C -20 to 70C -30 to 80C 12.0 to < 25.0MHz 10ppm to 100ppm 0 to 50C -10 to 60C -20 to 70C -30 to 80C 25.0 to < 32.0MHz 10ppm to 100ppm 0 to 50C -10 to 60C -20 to 70C -30 to 80C 25.0 to < 40.0MHz Inclusive with Frequency Stability 0 to 50C -10 to 60C -20 to 70C 28.0 to < 86.0MHz 15ppm to 100ppm 0 to 50C -10 to 60C -20 to 70C -30 to 80C Frequence Stability Available Over Operating Temperature Minimum Maximum 15ppm 20ppm 20ppm 25ppm 15ppm 20ppm 20ppm 25ppm 10ppm 15ppm 15ppm 20ppm 5ppm 15ppm 15ppm 20ppm 10ppm 15ppm 15ppm 20ppm 50ppm 70ppm 100ppm 15ppm 20ppm 20ppm 25ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100 3rd Overtone AT cut 50 Fundamental BT cut 40 Fundamental AT cut 50 Fundamental AT cut 70 Fundamental AT cut 120 Fundamental AT cut ESR max. 200 Vibration Mode Fundamental AT cut
SURFACE MOUNT QUARTZ CRYSTALS
3.2 to < 5.0MHz
Note. For any other frequencies / specification please contact our sales office.
Outline in mm - Tape
4.0 1.75 2.0 1.5 0.4
Outline in mm - Reel
25.5
120 (3 equal)
11.5
max 8
24.0
13.1
23.0
2.5 80
13.0
10.75
max 1.0R max 0.8R
5.5 12.0 1.5
5.7 max.
2.0
163
330.0


▲Up To Search▲   

 
Price & Availability of HC49-4H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X