Part Number Hot Search : 
GC9006 BZQ5222B LM358W FAN73932 P1000 KA79L18A BH6519FS DG411883
Product Description
Full Text Search
 

To Download GC15005-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GC15001 - GC15013
TM (R)
TUNING DIODES Frequency Linear Tuning Varactors RoHS Compliant
DESCRIPTION A Frequency Linear Tuning Varactor (FLTVARTM) is a silicon epitaxial mesa device, designed to provide wideband Linear Tuning in VCO and filter applications. These diodes feature superior passivation for high reliability, low leakage current, and low surface noise. They offer Q values well above ion-implanted hyperabrupt diodes. The specifications below apply to chips, or to chips mounted on carriers. Although these chips can be provided in any of our standard packages, this is not recommended for the lower capacitance diodes, because the parallel parasitic capacitance of the package degrades linearity at high bias voltages.
This series of diodes meets RoHS requirements per EU Directive 2002/95/EC. The standard terminal finish is gold unless otherwise specified. Consult the factory if you have special requirements.
KEY FEATURES
Wideband Linear Tuning Very Low Phase Noise Exceptional Q. Computer Controlled Grown Junction Epitaxy Functional through Ku Band Octave Tuning RoHS Compliant
1
www.MICROSEMI.com
Most products are supplied with a Gold finish and are suitable for RoHS complaint assembly. Consult factory for details.
1
APPLICATIONS The GC15000 series of frequency-linear tuning varactors are used in VCO's, filters, amplifiers and modulators for wide band tuning through Ku band. The frequency linear characteristics allow over one octave linear tuning in suitable circuits, with no need for external linearization. The combination of high Q and low surface noise results in low FM noise in VCO applications. They are particularly useful in modulated VCO's because of their constant sensitivity, and high modulation rate capability. APPLICATIONS/BENEFITS
VCOs Filters Modulators Amplifiers
ABSOLUTE MAXIMUM RATINGS AT 25 C (UNLESS OTHERWISE SPECIFIED)
Rating Maximum Leakage Current @ 20 Volts Storage Temperature Operating Temperature IMPORTANT:
For the most current data, consult our web site: www.microsemi.com
Specifications are subject to change, consult the factory for further information. These devices are ESD sensitive and must be handled use using ESD precautions.
Symbol IR TSTG TOP
Value 50 -65 to +150 -55 to +125
Unit nA C C
GC15001-GC15013 GC15001-GC15013
Copyright 2006 Rev: 2008-12-08
Microsemi
Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
GC15001 - GC15013
TM (R)
TUNING DIODES Frequency Linear Tuning Varactors RoHS Compliant
CHIP ELECTRICAL PARAMETERS @ 25C (unless otherwise specified) Tuning Tuning Q3 Vb(V) Cj(pF) Sensitivity2 Cj(pF)1 Ratio Model Number Ratio
IR=10A @-4V 0.7 1.0 2.0 5.0 10.0 22.0 33.0 48.0 0.7 1.0 2.0 5.0 10.0 22.0 33.0 48.0 @-20V
www.MICROSEMI.com
(Min)
GC15001-00 GC15002-00 GC15003-00 GC15004-00 GC15005-00 GC15014-00 GC15015-00 GC15016-00 GC15006-00 GC15007-00 GC15008-00 GC15009-00 GC15010-00 GC15011-00 GC15012-00 GC15013-00 NOTES: 1. 2. 3. 22 22 22 22 22 22 22 22 22 22 22 22 22 22 22 22
(+/-10%)
(Typ)
0.2 0.3 0.55 1.3 2.4 6.9 9.8 14.0 0.14 0.2 0.4 0.9 2.0 4.1 6.8 10.0
(Typ)
.08 .08 .08 .08 .08 .08 .08 .08 .11 .11 .11 .11 .11 .11 .11 .11
CJ0/CJ15 (Typ) 8:1 8:1 8:1 8:1 8:1 8:1 8:1 8:1 ---------
CJ0/CJ20 (Typ) --------13:1 13:1 13:1 13:1 13:1 13:1 13:1 13:1
(Typ)
1400 1300 1200 1100 900 600 500 400 1200 1000 900 800 700 500 400 200
F = 1MHz. Other capacitance values are available; consult factory. Sensitivity series, S = .08; V = 15 volts. Sensitivity series, S = . 11; V = 20 volts. V=4 V, 50 MHz
Typical Performance 3.5
3
ELECTRICALS ELECTRICALS
Freq (GHz)
2.5
2
1.5 3 6 9 12 15 18 21
Reverse Bias (V)
Copyright 2006 Rev: 2008-12-08
Microsemi
Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
GC15001 - GC15013
TM (R)
TUNING DIODES Frequency Linear Tuning Varactors RoHS Compliant
S=0.08, C-V CURVES
S=0.11, C-V CURVES
www.MICROSEMI.com
FREQUENCY RESPONSE
FREQUENCY RESPONSE
GRAPHS GRAPHS
Copyright 2006 Rev: 2008-12-08
Microsemi
Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 3
GC15001 - GC15013
TM (R)
TUNING DIODES Frequency Linear Tuning Varactors RoHS Compliant
PACKAGE OPTIONS
PACKAGE STYLE 00 PACKAGE STYLE 17
www.MICROSEMI.com
Notes: Chip style package for hybrid circuits Dimensions vary by model number Consult factory for details Order as GC15xxxx - 00 PACKAGE STYLE 450A - E
Notes: Hermetic - Stripline -Surface Mount Package Order as GC15xxxx - 17
Notes: Non-Hermetic - Surface Mount Package Order as GC15xxxx - 450A or 450B
MECHANICAL MECHANICAL
MANY OTHER PACKAGE STYLES AVAILABLE ON REQUEST CONSULT FACTORY
Copyright 2006 Rev: 2008-12-08
Microsemi
Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 4


▲Up To Search▲   

 
Price & Availability of GC15005-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X