Part Number Hot Search : 
A1512 M38026M5 S3540 FAN8060 FAN8060 BY9416 HUN2114 C1500
Product Description
Full Text Search
 

To Download GBPC25005-W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER
GBPC25005/W THRU GBPC2510/W
FEATURES
* * * * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 25.0 Ampere
GBPC35
1.135(28.8) 1.115(28.3) 0.72(17.1) .632(16.1)
AC
GBPC35W
1.135(28.8) 1.115(28.3) .470(11.0) .430(10.9)
AC
Plastic package has UL flammability classification 94V-0 Integrally molded heatsink provides very low thermal resistance for maximum heat dissipation High forward surge capacity Glass passivated chip junction High isolation voltage from case to lugs High temperature soldering guaranteed: 260/10 seconds, A vailable in either lug package (GBPC25005) or wire lead package (GBPC25005W)
+
1.135(28.8) 1.115(28.3)
.672(17.1) .632(16.1)
.582(14.8) .542(13.8) 1.135(28.8) 1.115(28.3)
AC AC
+
.732(18.6) .592(17.6)
-
.732(18.6) .692(17.6)
.732(18.6) .692(17.6)
0.094(2.4)DIA. .042(1.07) 0.034(.86) 0.030(.76) .25(6.35) .038(.97) 1.25 (31.8) MIN. .840(21.3) .310(7.87) .290(7.36) .220(5.59) .220(5.59) .100(5.08) HOLE FOR #10 SCREW METAL HEAT SINK 0.200(5.08) HOLE FOR #10 SCREW METAL HEAT SINK .740(18.8) 0.310(7.87) 0.290(7.36)
MECHANICAL DATA
* * * * *
Case:Epoxy, Molded Plastic with integrally mounted heatsink Terminals: Plated 0.25"(6.35mm) lug or plated 0.040" (1.02mm) diameter lead Polarity: Polarity symbols market on case Mounting: Thru hole for #10 screw, 20 in-lbs Torque max. See Note 3 Weight: 0.53 ounce, 15.0 gram-GBPC35 and GBPC35-W Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% SYMBOLS GBPC GBPC
25005/W
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
GBPC
2502/W
GBPC
2504/W
GBPC
2506/W
GBPC
2508/W
GBPC
2510/W
2501/W
UNIT Volts Volts Volts Amps Amps A2s Volts A nS pF
/W
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (SEE FIG.1) at TC=55 Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Rating for Fusing (t8.3ms) Maximum Instantaneous Forward Voltage drop Per Bridge element 12.5A TA = 25 Maximum DC Reverse Current at rated DC blocking Voltage per element T = 125 A Isolation Voltage from case to lug or lead Typical Junction Capacitance per leg (NOTE 1) Typical Thermal Resistance per leg (NOTE 2) Operating Junction Temperature Storage Temperature Range
VRRM VRMS VDC I(AV) IFSM I2 t VF IR VISO Cj RJC TJ TSTG
50 35 50
100 70 100
200 140 200
400 280 400 25 300 375 1.1 5.0 500 2500 300 1.9 (-55 to +150) (-55 to +150)
600 420 600
800 560 800
1000 700 1000
Notes:
1. 2. 3. Measured at 1.0MHz and applied reverse voltage of 4.0V Thermal resistance from junction to case per leg Bolt down on heat-sink with silicon thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #10 screw.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER
GBPC25005/W THRU GBPC2510/W
VOLTAGE RANGE CURRENT
50 to 1000 Volts 25.0 Ampere
FIG. 5- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
INSTANTANEOUS FORWARD CURRENT (A)
100
FIG. 6 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS PER LEG
T J =125 T J =150
INSTANTANEOUS REVERSE LEAKAGE CURRENT(A)
100
10
TJ =25 PULSE WIDTH=300s 1% DUTY CYCLE
10
1
1
50-400V 600-1000V
0.1
0.1
TJ =25
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 7 - TYPICAL JUNCTION CAPACITANCE PER LEG
FIG .8 - TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
600
1000
TRANSIENT THERMAL IMPEDANCE, (/W)
TJ =25 f=1.0 MHz Vsig=50mVp-p
TJ =25 f=1.0 MHz Vsig=50mVp-p
JUNCTION CAPACITANCE, (pF)
100
10
100
50
1 1 10 100 0.01 0.1 1 10 100
REVERSE VOLTAGE,(V)
t, HEATING TIME, sec.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER
GBPC25005/W THRU GBPC2510/W
VOLTAGE RANGE CURRENT
50 to 1000 Volts 25.0 Ampere
FIG. 5- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
INSTANTANEOUS FORWARD CURRENT (A)
100
FIG. 6 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS PER LEG
T J =125 T J =150
INSTANTANEOUS REVERSE LEAKAGE CURRENT(A)
100
10
TJ =25 PULSE WIDTH=300s 1% DUTY CYCLE
10
1
1
50-400V 600-1000V
0.1
0.1
TJ =25
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 7 - TYPICAL JUNCTION CAPACITANCE PER LEG
FIG .8 - TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
600
1000
TRANSIENT THERMAL IMPEDANCE, (/W)
TJ =25 f=1.0 MHz Vsig=50mVp-p
TJ =25 f=1.0 MHz Vsig=50mVp-p
JUNCTION CAPACITANCE, (pF)
100
10
100
50
1 1 10 100 0.01 0.1 1 10 100
REVERSE VOLTAGE,(V)
t, HEATING TIME, sec.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of GBPC25005-W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X