Part Number Hot Search : 
IPB80N06 74ALVC1 E186M T7YB470K 20001 20001 BU1010 08377
Product Description
Full Text Search
 

To Download FTM-3106C-SL15IG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Mar. 16, 2007
622Mbps SFP Transceiver with Spring Latch
(With monitoring function, industrial case temperature for 15km80km transmission )
Members of FlexonTM Family
Compatible with ITU-T G.957 and G.958 Compatible with Telcordia GR-253-CORE Compatible with FCC 47 CFR Part 15, Class B Compatible with FDA 21 CFR 1040.10 and 1040.11, Class I RoHS Compliance
Description Features
Up to 622Mbps data-rate 1310nm FP laser and PIN photodetector for 15km transmission 1310nm DFB laser and PIN photodetector for 40km transmission 1550nm uncooled DFB laser and PIN photodetector for 80km transmission Digital diagnostic monitor interface compatible with SFF-8472 SFP MSA package with duplex LC connector With spring latch for easily removing Very low EMI and excellent ESD protection +3.3V single power supply Operating case temperature: -40 to +85C The optical output can be disabled by a TTL logic high-level input of Tx Disable. Tx Fault is provided to indicate degradation of the laser. Loss of signal (LOS) output is provided to indicate the loss of an input optical signal of receiver. The transceiver consists of two sections: The transmitter section incorporates a FP or uncooled DFB laser, and the receiver section consists of a PIN photodiode integrated with a trans-impedance preamplifier (TIA). All modules satisfy class I laser safety requirements. Fiberxon 622Mbps i-temp Spring-latch SFP
transceiver is high performance, cost effective module that supports data-rate of 622Mbps and transmission distance from 15km to 80km.
Applications
SDH STM-4, S-4.1, L-4.1, L-4.2 SONET OC-12 IR1, LR1, LR2 Other optical links
An enhanced Digital Diagnostic Monitoring Interface compatible with SFF-8472 has been incorporated into the transceivers. It allows real time access to the transceiver operating parameters such as transceiver temperature, laser bias current, transmitted optical power, received optical power and transceiver supply voltage by reading a built-in
Standard
Compatible with SFP MSA Compatible with SFF-8472 Rev 9.5
memory with I2C interface. For further information, please refer to SFF-8472 Rev 9.5.
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 1 of 12
622Mbps i-temp Spring-latch SFP Transceiver 1580 km transmission with Monitoring function Preliminary Datasheet Mar 16, 2007
Regulatory Compliance
The transceivers have been tested according to American and European product safety and electromagnetic compatibility regulations (See Table 1). For further information regarding regulatory certification, please refer to Fiberxon regulatory specification and safety guidelines, or contact with Fiberxon, Inc. America sales office listed at the end of the documentation. Table 1- Regulatory Compliance Feature Electrostatic Discharge (ESD) to the Electrical Pins Electrostatic Discharge (ESD) to the Duplex LC Receptacle Electromagnetic Interference (EMI) Immunity Laser Eye Safety Component Recognition RoHS Note: In light of item 5 in Annex of 2002/95/EC, "Pb in the glass of cathode ray tubes, electronic components and fluorescent tubes." and item 13 in Annex of 2005/747/EC, "Lead and cadmium in optical and filter glass.", the two exemptions are being concerned for Fiberxon's transceivers, because Fiberxon's transceivers use glass, which may contain Pb, for components such as lenses, windows, isolators, and other electronic components. Standard MIL-STD-883E Method 3015.7 IEC 61000-4-2 GR-1089-CORE FCC Part 15 Class B EN55022 Class B (CISPR 22B) VCCI Class B IEC 61000-4-3 FDA 21CFR 1040.10 and 1040.11 EN60950, EN (IEC) 60825-1,2 UL and CSA 2002/95/EC 4.1&4.2 2005/747/EC Compatible with standards Compatible with Class 1 laser product. Compatible with standards Compliant with standards
note
Performance Class 2(>2000 V) Compatible with standards
Compatible with standards
Absolute Maximum Ratings
Stress in excess of the maximum absolute ratings can cause permanent damage to the module. Table 2 - Absolute Maximum Ratings Parameter Storage Temperature Supply Voltage Operating Relative Humidity Symbol TS VCC Min. -40 -0.5 5 Max. +85 3.6 95 Unit C V %
Recommended Operating Conditions
Table 3- Recommended Operating Conditions
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 2 of 12
622Mbps i-temp Spring-latch SFP Transceiver 1580 km transmission with Monitoring function Parameter Operating Case Temperature Power Supply Voltage Power Supply Current Data Rate Symbol TC VCC ICC 622 Preliminary Datasheet Min. -40 3.13 Typical Max. +85 3.47 300 Mar 16, 2007 Unit C V mA Mbps
Optical and Electrical Characteristics
All parameters are specified at overall operating case temperature and power supply range, unless otherwise stated.
FTM-3106C-SL15IG (1310nm FP and PIN, 15km, Monitoring function)
Table 4 - Optical and Electrical Characteristics (TC=250C, VCC=3.3V) Parameter Centre Wavelength Average Output Power Spectral Width (RMS) Extinction Ratio Jitter Generation (RMS) Jitter Generation (pk-pk) Output Optical Eye Data Input Swing Differential Input Differential Impedance TX Disable TX Fault Disable Enable Fault Normal C G.957 VIN ZIN 300 90 2.0 0 2.0 0 Receiver Centre Wavelength Receiver Sensitivity Receiver Overload Optical Path Penalty LOS De-Assert LOS Assert LOS Hysteresis Data Output Swing Differential LOS Notes: 1. The optical power is launched into SMF.
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 3 of 12
Symbol C P0ut EX
Min. Transmitter 1274 -15 8.2
Typical
Max. 1356 -8 2.5 0.01 0.1
Unit nm dBm nm dB UI UI
Notes
1
Compatible with Telcordia GR-253-CORE and ITU-T 1860 100 110 Vcc 0.8 Vcc+0.3 0.8 1580 -28 -8 1 LOSD LOSA VOUT -42 1 370 2.0 0 4 1800 Vcc+0.3 0.8 -31 mV V V V V nm dBm dBm dB dBm dBm dB mV V V
2 3
1260
4 4 5
6
High Low
622Mbps i-temp Spring-latch SFP Transceiver 1580 km transmission with Monitoring function 2. 3. 4. 5. 6. Preliminary Datasheet Mar 16, 2007
Measured with a PRBS 223-1 test pattern @622Mbps. Internally AC coupled and terminated. Measured with a PRBS 223-1 test pattern @622Mbps, BER 1x10-10. Measured with a PRBS 223-1 test pattern @622Mbps, over 15km G.652 SMF, BER 1x10-10. Internally AC coupled.
FTM-3106C-SL40iDG (1310nm DFB and PIN, 40km, Monitoring function)
Table 5 - Optical and Electrical Characteristics Parameter Centre Wavelength Average Output Power Spectral Width (-20dB) Side Mode Suppression Ratio Extinction Ratio Jitter Generation (RMS) Jitter Generation (pk-pk) Output Optical Eye Data Input Swing Differential Input Differential Impedance TX Disable TX Fault Disable Enable Fault Normal C G.957 VIN ZIN 300 90 2.0 0 2.0 0 Receiver Centre Wavelength Receiver Sensitivity Receiver Overload Optical Path Penalty LOS De-Assert LOS Assert LOS Hysteresis Data Output Swing Differential LOS Notes: 1. The optical power is launched into SMF. 2. Measured with a PRBS 223-1 test pattern @622Mbps. 3. Internally AC coupled and terminated. 4. Measured with a PRBS 223-1 test pattern @622Mbps, BER 1x10-10. 5. Measured with a PRBS 223-1 test pattern @622Mbps, over 40km G.652 SMF, BER 1x10-10.
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 4 of 12
Symbol C P0ut SMSR EX
Min. Transmitter 1280 -3 30 10
Typical
Max. 1335 +2 1
Unit nm dBm nm dB dB
Notes
1
0.01 0.1
UI UI 2 3
Compatible with Telcordia GR-253-CORE and ITU-T 1860 100 110 Vcc 0.8 Vcc+0.3 0.8 1580 -28 -8 1 LOSD LOSA VOUT -42 1 370 2.0 0 4 1800 Vcc+0.3 0.8 -31 mV V V V V nm dBm dBm dB dBm dBm dB mV V V
1260
4 4 5
6
High Low
622Mbps i-temp Spring-latch SFP Transceiver 1580 km transmission with Monitoring function 6. Internally AC coupled. Preliminary Datasheet Mar 16, 2007
FTM-5106C-SL80iG (1550nm DFB and PIN, 80km, Monitoring function)
Table 6 - Optical and Electrical Characteristics Parameter Centre Wavelength Average Output Power Spectral Width (-20dB) Side Mode Suppression Ratio Extinction Ratio Jitter Generation (RMS) Jitter Generation (pk-pk) Output Optical Eye Data Input Swing Differential Input Differential Impedance TX Disable TX Fault Disable Enable Fault Normal C G.957 VIN ZIN 300 90 2.0 0 2.0 0 Receiver Centre Wavelength Receiver Sensitivity Receiver Overload Optical Path Penalty LOS De-Assert LOS Assert LOS Hysteresis Data Output Swing Differential LOS Notes: 1. The optical power is launched into SMF. 2. Measured with a PRBS 223-1 test pattern @622Mbps. 3. Internally AC coupled and terminated. 4. Measured with a PRBS 223-1 test pattern @622Mbps, BER 1x10-10. 5. Measured with a PRBS 223-1 test pattern @622Mbps, over 80km G.652 SMF, BER 1x10-10. 6. Internally AC coupled. High Low VOUT LOSD LOSA -42 1 370 2.0 0 4 1800 Vcc+0.3 0.8 -8 1 -31 1260 1580 -28 nm dBm dBm dB dBm dBm dB mV V V 6 5 4 100 1860 110 Vcc 0.8 Vcc+0.3 0.8 mV V V V V Symbol C P0ut SMSR EX 30 10 0.01 0.1 Min. Transmitter 1480 -3 1580 +2 1 nm dBm nm dB dB UI UI 2 3 1 Typical Max. Unit Notes
Compatible with Telcordia GR-253-CORE and ITU-T
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 5 of 12
622Mbps i-temp Spring-latch SFP Transceiver 1580 km transmission with Monitoring function Preliminary Datasheet Mar 16, 2007
EEPROM Information
The SFP MSA defines a 256-byte memory map in EEPROM describing the transceiver's capabilities, standard interfaces, manufacturer, and other information, which is accessible over a two-wire serial interface at the 8-bit address 1010000X (A0h). For memory contents please refer to Table 7. Table 7 - EEPROM Serial ID Memory Contents (A0h) Addr. 0 1 2 3--10 11 12 13 14 15 16 17 18 19 20--35 36 37--39 40--55 56--59 60-61 62 63 64--65 66 67 68--83 84--91 92 93 94 95 96--255 Field Size (Bytes) 1 1 1 8 1 1 1 1 1 1 1 1 1 16 1 3 16 4 2 1 1 2 1 1 16 8 1 1 1 1 160 Name of Field Identifier Ext. Identifier Connector Transceiver Encoding BR, nominal Reserved 03 04 07 00 xx xx 00 00 00 00 00 03 06 00 15km/40km/80km(0F/28/50) 15km/40km/80km(96/FF/FF) Hex Description SFP MOD4 LC OC 12, Single mode inter. or long reach NRZ 622Mbps
Length (9um)-km xx Length (9um) xx Length (50um) 00 Length (62.5um) 00 Length (copper) 00 Reserved Vendor name Reserved Vendor OUI Vendor PN Vendor rev Wavelength Reserved CC BASE Options BR, max BR, min Vendor SN 00 46 49 42 45 52 58 4F 4E 20 49 4E 43 2E 20 20 20 00 00 00 00 46 54 4D 2D xx 31 30 36 43 2D 53 4C xx xx xx xx xx xx 20 20 05 1E/06 0E 00 xx 00 1A 00 00 xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx
"FIBERXON INC. "(ASC)
"FTM-x106C-SLxxxxG " (ASC) ASC( "31 30 20 20" means 1.0 revision) 1310nm/1550nm Check sum of bytes 0 - 62 LOS, TX_FAULT and TX_DISABLE
ASC, Year (2 bytes), Month (2 bytes), Day (2 bytes) Diagnostics(Ext.Cal) Diagnostics (Optional Alarm/warning flags, Soft TX_FAULT and Soft TX_LOS monitoring) Diagnostics(SFF-8472 Rev 9.4) Check sum of bytes 64 - 94
Vendor date codexx xx xx xx xx xx 20 20 Diagnostic type 58 Enhanced option B0 SFF-8472 CC EXT Vendor specific 02 xx
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 6 of 12
622Mbps i-temp Spring-latch SFP Transceiver 1580 km transmission with Monitoring function Preliminary Datasheet Mar 16, 2007
Note: The "xx" byte should be filled in according to practical case. For more information, please refer to the related document of SFF-8472 Rev 9.5.
Monitoring Specification
The digital diagnostic monitoring interface also defines another 256-byte memory map in EEPROM, which makes use of the 8 bit address 1010001X (A2h). Please see Figure 1. For detail EEPROM information, please refer to the related document of SFF-8472 Rev 9.5. The monitoring specification of this product is described in Table 8.
Figure 1, EEPROM Memory Map Specific Data Field Descriptions
Table 8- Monitoring Specification Parameter Temperature Voltage Bias Current FTM-3106C-SL15IG TX Power FTM-3106C-SL40iDG FTM-5106C-SL80iG FTM-3106C-SL15IG RX Power FTM-3106C-SL40iDG FTM-5106C-SL80iG Range -45 to 95C 3.0 to 3.6V 0 to 100mA -16 to -7 dBm -4 to +3 dBm -4 to +3 dBm -30 to -7 dBm -30 to -7 dBm -30 to -7 dBm 3dB External 3dB External Accuracy 3C 3% 10% Calibration External External External
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 7 of 12
622Mbps i-temp Spring-latch SFP Transceiver 1580 km transmission with Monitoring function Preliminary Datasheet Mar 16, 2007
Recommended Host Board Power Supply Circuit
Figure 2 shows the recommended host board power supply circuit.
Figure 2, Recommended Host Board Power Supply Circuit
Recommended Interface Circuit
Figure 3 shows the recommended interface circuit.
Host Board
Vcc (+3.3V)
2x4.7K to 10K
TX Disable TX Fault SerDat Out +
SFP Module
VccT
10K
Z=50
TD +
SerDat Out -
Z=50
TD -
Laser driver
Protocol IC
SERDES IC
SerDat In +
Z=50
RD +
SerDat In -
Z=50
RD -
Amplifier
LOS
Vcc (+3.3V)
3x4.7K to 10K
MOD-DEF2 MOD-DEF1 MOD-DEF0
EEPROM
RGND
Figure 3, Recommended Interface Circuit
Pin Definitions
Figure 4 below shows the pin numbering of SFP electrical interface. The pin functions are described in Table 9 with some accompanying notes.
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 8 of 12
622Mbps i-temp Spring-latch SFP Transceiver 1580 km transmission with Monitoring function Preliminary Datasheet Mar 16, 2007
P in 2 0 T O P V IE W OF BOARD P in 1 1
P in 1 0 B O T T O M V IE W OF BOARD P in 1
Figure 4, Pin View Table 9 - Pin Function Definitions Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Notes: 1. TX Fault is an open collector output, which should be pulled up with a 4.7k~10k resistor on the host board to a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates a laser fault of some kind. In the low state, the output will be pulled to less than 0.8V. 2. TX Disable is an input that is used to shut down the transmitter optical output. It is pulled up within the module with a 4.7k~10k resistor. Its states are: Low (0~0.8V): (>0.8V, <2.0V): High (2.0~3.465V): Transmitter on Undefined Transmitter Disabled
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 9 of 12
Name VeeT TX Fault TX Disable MOD-DEF2 MOD-DEF1 MOD-DEF0 Rate Select LOS VeeR VeeR VeeR RDRD+ VeeR VccR VccT VeeT TD+ TDVeeT
Function Transmitter Ground Transmitter Fault Indication Transmitter Disable Module Definition 2 Module Definition 1 Module Definition 0 Not Connected Loss of Signal Receiver Ground Receiver Ground Receiver Ground Inv. Received Data Out Received Data Out Receiver Ground Receiver Power Transmitter Power Transmitter Ground Transmit Data In Inv. Transmit Data In Transmitter Ground
Plug Seq. 1 3 3 3 3 3 3 3 1 1 1 3 3 1 2 2 1 3 3 1 Note 6 Note 6 Note 5 Note 5 Note 4 Note 1 Note 2 Note 3 Note 3 Note 3
Notes
622Mbps i-temp Spring-latch SFP Transceiver 1580 km transmission with Monitoring function Open: Preliminary Datasheet Mar 16, 2007
Transmitter Disabled
3. MOD-DEF 0,1,2 are the module definition pins. They should be pulled up with a 4.7k~10k resistor on the host board. The pull-up voltage shall be VccT or VccR. MOD-DEF 0 grounded by the module indicates that the module is present MOD-DEF 1 is the clock line of two-wire serial interface for serial ID MOD-DEF 2 is the data line of two-wire serial interface for serial ID 4. LOS is an open collector output, which should be pulled up with a 4.7k~10k resistor on the host board to a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates loss of signal. In the low state, the output will be pulled to less than 0.8V. 5. These are the differential receiver outputs. They are internally AC-coupled 100 differential lines which should be terminated with 100 (differential) at the user SERDES. 6. These are the differential transmitter inputs. They are AC-coupled, differential lines with 100 differential termination inside the module.
Mechanical Design Diagram
The mechanical design diagram is shown in Figure 5.
Figure 5, Mechanical Design Diagram of the SFP with Spring Latch
Ordering information
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 10 of 12
622Mbps i-temp Spring-latch SFP Transceiver 1580 km transmission with Monitoring function Preliminary Datasheet Mar 16, 2007
FTM
Wavelength 3 : 1310nm 5 : 1550nm Function 1 : Monitoring Data rate 06 : 622M
x
1
0
6
C
Receptacle C : LC
S
L
x
x
x
x
G
Package L : SFP with spring latch
Distance 15: 15km 40: 40km 80: 80km
Other2 G : RoHS Compliance Other 1 D : DFB laser for 40km
Temperature S : Standard Temp i : Industrial Temp ( This bit will be omiited when it is "S" )
Part No.
FTM-3106C-SL15IG FTM-3106C-SL40iDG FTM-5106C-SL80iG Compliance
Product Description
1310nm, 622Mbps, 15km, SFP with spring latch, Monitoring function, -40C~+85C, RoHS 1310nm, 622Mbps, 40km, SFP with spring latch, Monitoring function, DFB, -40C~+85C, RoHS Compliance 1550nm, 622Mbps, 80km, SFP with spring latch, Monitoring function, -40C~+85C, RoHS Compliance
Related Documents
For further information, please refer to the following documents: Fiberxon SFP Application Notes SFP Multi-Source Agreement (MSA) SFF-8472 Rev 9.5
Obtaining Document
You can visit our website: http://www.fiberxon.com Or contact Fiberxon, Inc. America Sales Office listed at the end of documentation to get the latest documents.
Revision History
Revision Rev. 1a Initiate Solaris Zhu Review Simon Jiang Approve Walker.Wei Subject Initial datasheet Release Date Mar 16, 2007
(c) Copyright Fiberxon Inc. 2007 All Rights Reserved. All information contained in this document is subject to change without notice. The products described in this document are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons.
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 11 of 12
622Mbps i-temp Spring-latch SFP Transceiver 1580 km transmission with Monitoring function Preliminary Datasheet Mar 16, 2007
The information contained in this document does not affect or change Fiberxon's product specifications or warranties. Nothing in this document shall operate as an express or implied license or indemnity under the intellectual property rights of Fiberxon or third parties. All information contained in this document was obtained in specific environments, and is presented as an illustration. The results obtained in other operating environment may vary. THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN "AS IS" BASIS. In no event will Fiberxon be liable for damages arising directly from any use of the information contained in this document. Contact U.S.A. Headquarter: 5201 Great America Parkway, Suite 340 Santa Clara, CA 95054 U. S. A. Tel: 408-562-6288 Fax: 408-562-6289 Or visit our website: http://www.fiberxon.com
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 12 of 12


▲Up To Search▲   

 
Price & Availability of FTM-3106C-SL15IG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X